Part Number Hot Search : 
AM29F016 C2610E HIP701 SY10E MAXQ614 2SC33 16M0U T89C51
Product Description
Full Text Search
 

To Download 1SS400G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.02 20120305 1SS400G switching diode absolute maximum ratings (ta = 25c) parameter symbol limits unit peak reverse voltage v rm 90 v dc reverse voltage v r 80 v peak forward current i fm 225 ma mean rectifying current i o 100 ma surge current (1s) i surge 500 ma junction temperature tj 125 c storage temperature t stg ? 55 ~ +125 c  applications high speed switching  features 1) extremely small surface mounting type. 2) high speed. 3) high reliability.  construction silicon epitaxial planar electrical characteristics (ta = 25c) parameter symbol min. typ. max. unit conditions forward voltage v f ? ? 1.2 v i f =100ma reverse current i r ? ? 0.1 av r =80v capacitance between terminals c t ? 0.72 3.0 p f v r =0.5v , f=1mhz reverse recovery time t rr ? ? 4n s v r =6v , i f =10ma , r l =100 device marking  1SS400G= 7 pb-free package is available  device marking shipping 3000/tape&reel 1SS400G 7 ordring information sod - 723 2 anode 1 cathode h
http://www.yeashin.com 2 rev.02 20120305 device characteristics 1SS400G 1 100m 10m 1m 100 10 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 forward voltage : v f (v) fig.1 forward characteristics 10 5 2 1 0.5 0.1 forwardfcurrentf:fi f f(a) 1m 0.1m 10 1 100n 10n 1n 0 20 40 60 80 100 120 reverse voltage : v r (v) fig.3 capacitance between terminals reverse voltage : v r (v) fig.2 reverse characteristics reverse current : i r (a) 02 4 6 8101214 3 2 1 0 0.1 1 10 100 1000 10,000 capacitance between terminals : c t (pf) reverse recovery time : t rr (ns) forward current : i f (ma) fig.4 reverse recovery time characteristics 100 50 20 10 5 2 1 0102030 surge current : i surge (a) pulse width : t w (ms) fig.5 surge current characteristics pulse generator output 50 ? sampling oscilloscope 50 ? fig.6 reverse recovery time (t rr ) measurement circuit 5k ? 0.01 f d.u.t.
http://www.yeashin.com 3 rev.02 20120305 package outline & dimensions 1SS400G sod?723 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. dim min nom max millimeters a 0.49 0.52 0.55 b 0.25 0.28 0.32 c 0.08 0.12 0.15 d 0.95 1.00 1.05 e 0.55 0.60 0.65 1.35 1.40 1.45 l 0.15 0.20 0.25 h e 0.019 0.020 0.022 0.0098 0.011 0.013 0.0032 0.0047 0.0059 0.037 0.039 0.041 0.022 0.024 0.026 0.053 0.055 0.057 0.006 0.0079 0.010 min nom max inches d e b c a l 2x ?y? ?x? 0.08 (0.0032) xy h e 0.45 0.0177 0.50 0.0197 1.1 0.043  mm inches  scale 10:1 soldering footprint*


▲Up To Search▲   

 
Price & Availability of 1SS400G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X