Part Number Hot Search : 
03800 TC9331 FMKA140 MM1571X C128CPB 6041851 CLL4705 IMN11
Product Description
Full Text Search
 

To Download 1N4007S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n 4001s - 7s standard recovery rectifiers publication order number: [ 1n4001s - 7s ] ? bruckewell technology corporation rev. a - 2014 d escription these axial leaded rectifiers are used for general - purpose low - power applications features low cost diffused junction low forward voltage drop low reverse leakage current high current capability the plastic material carries ul recognition 94v - 0 mechanical data c ase: jedec a - 405 molded plastic polar ity: color band denotes cathode we ight: 0.008 ounces , 0.22 grams mounting position :any packing & order information 3,000/reel graphic symbol maximum ratings and electrical chara cteristics absolute maximum ratings (tc=25c) parameter symbol 1n 4001s 1n 400 2 s 1n 400 3 s 1n 400 4 s 1n 400 5 s 1n 400 6 s 1n 400 7 s unit peak repetitive reverse voltage working peak reverse voltage dc blockng voltage v rrm v r m w v r 50 100 200 400 600 800 1000 v non - repetitive peak reverse voltage(halfwave, single phase, 60hz) v rsm 60 120 240 480 720 1000 1200 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified current at half wave ( 0.375" lead length at ta = 75 c ) i o 1 a non - repetitiv e peak surge current 8.3ms single half sine - wave superimposed on rated load i fsm 30 a
1n 4001s - 7s standard recovery rectifiers publication order number: [ 1n4001s - 7s ] ? bruckewell technology corporation rev. a - 2014 absolute maximum ratings (tc=25c) parameter symbol 1n 4001s 1n 400 2 s 1n 400 3 s 1n 400 4 s 1n 400 5 s 1n 400 6 s 1n 400 7 s unit thermal resistance from junction to ambient in free air r th (j - a) 50 absolute maximum ratings (tc=25c) parameter symbol 1n 4001s 1n 400 2 s 1n 400 3 s 1n 400 4 s 1n 400 5 s 1n 400 6 s 1n 400 7 s unit storagetemperature range tstg - 65 to +175 c operating junction temperature tj - 65 to +175 c electr ical characteristics (tc=25c unless otherwise noted) d escription symbol t est c ondition max unit maximum instantaneous forward voltage drop v f v f = 1.0 a 1.1 v maximum full - cycle average forward voltage drop v f (av) i o = 1.0 a, ta = 75 c 0.8 v maximum r everse current i r at rated vr t a = 25 c t a = 100 c 500 a maximum full - cycle average reverse current i r (av) i o = 1.0 a, ta = 75 c 30 a junction capacitance cj v r = 4 v , f = 1mhz typ 15 pf
1n 4001s - 7s standard recovery rectifiers publication order number: [ 1n4001s - 7s ] ? bruckewell technology corporation rev. a - 2014 characteristics curve fig.1 - power derating curve fig. 2 - maximum non - repetitive surge current fig.3 - typical junction capacitance fig.4 - typical forward characteristics
1n 4001s - 7s standard recovery rectifiers publication order number: [ 1n4001s - 7s ] ? bruckewell technology corporation rev. a - 2014 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. bruckewell technolo gy inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, bruckewell), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other disclosure relating to any product. bruckewell makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, bruckewe ll disclaims (i) any and all liability arising out of the application or use of any product. (ii) any and all liability, including without limitation special, consequential or incidental damages. (iii) any and all implied warranties, including warranties of fitness for particular purpose, non - infringement and merchantability. statements regarding the suitability of products for certain types of applications are based on bruckewells knowledge of typical requirements that are often placed on bruckewell prod ucts in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsibility to validate that a particular product with the properties described in the product specification is suitable for use in a particular application. parameters provided in datasheets and/or specifications may vary in different applications and performance may vary over time. product specifications do not expand or otherwise modify bruckew ells terms and conditions of purchase, including but not limited to the warranty expressed therein.


▲Up To Search▲   

 
Price & Availability of 1N4007S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X