Part Number Hot Search : 
SF916 AD6C101 HRV103B ST72F621 NJM2867 SZN6355 PD150 PFRA020
Product Description
Full Text Search
 

To Download 1N4007S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.0 amp silicon rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at t a=75 c fea tures mechanical da t a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.0a maximum dc reverse current t a=25 c at rated dc blocking voltage t a=100 c typical junction capacitance (note 1) 1n4001s 1n4002s 1n4003s 1n4004s 1n4005s 1n4006s 1N4007S units 50 100 200 400 600 800 1000 v 50 100 200 400 600 800 1000 v 35 70 140 280 420 560 700 1.0 30 5.0 50 15 -65 +150 v a v pf notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance from junction to ambient .375" (9.5mm) lead length. * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any 1n4001s thru 1N4007S 1.0 typical thermal resistance r ja (note 2) 50 a-405 dimensions in inches and (millimeters) vol t age range 50 to 1000 volts current 1.0 ampere * low forward voltage drop * low leakage current * high reliability * high current capability 1.0(25.4) min. 1.0(25.4) min. .205(5.2) .166(4.2) .025(.6) .021(.5) dia. .107(2.7) .080(2.0) dia. a operating and storage t emperature range t j , t stg c c/w a a 202
.1 1.0 10 100 rating and characteristic curves (1n4001s thru 1N4007S) fig.3 - typical reverse characteristics 0 20 40 60 80 100 120 140 .01 fig.2-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) tj=100 c tj=25 c 0.2 0 0.4 0.6 0.8 1.0 1.2 single phase half wave 60hz resistive or inductive load 0.375"(9.5mm) lead length 0.1 1.0 .01 10 50 characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle .6 .7 .8 .9 1.0 1.1 1.2 1.3 3.0 tj=25 c fig.5-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) 35 30 25 20 15 10 5 0 .01 .05 .1 .5 1 5 10 50 100 0 20 40 60 80 100 120 140 160 180 200 percent of rated peak reverse vol tage,(%) ambient temperature,( c) fig.1-typical forward fig.4-maximum non-repetitive forward surge current 6 0 12 18 24 30 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method p e a k f o r w a r d s u r g e c u r r e n t , ( a ) r e v e r s e l e a k a g e c u r r e n t , ( a ) 203


▲Up To Search▲   

 
Price & Availability of 1N4007S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X