Part Number Hot Search : 
C9S08 LIA120S 2060CT BDW23ATU TDSO315 BDW23ATU LM323A TDA4861
Product Description
Full Text Search
 

To Download 1N4007S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 july 22,2010-rev.02 1n4001s~1N4007S features ? low forward voltage drop ? high current capability ? high reliability ? high surge current capability ? exceeds environmental standards of mil-s-19500/228 ? in compliance with eu rohs 2002/95/ec directives mechanical data ? case: a-405 molded plastic ? epoxy: ul 94v-o rate flame retardant. ? lead: axial leads, solderable per mil-std-750, method 2026 ? polarity: color band denotes cathode end ? mounting position: any ? weight: 0.008 ounces, 0.22 gram plastic silicon rectifiers notes: 1. measured at 1 mhz and applied reverse voltage of 4.0 vdc. 2. thermal resistance from junction to ambient and from junction to lead at 0.375?(9.5mm)lead length p.c.b.mounted. .025(.64) .107(2.7) .021(.53) .080(2.0) 1.0(25.4)min. 1.0(25.4)min. .205(5.2) .160(4.1) a-405 unit: inch(mm) voltage 50 to 1000 volts current 1.0 amperes maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load,derate current by 20%. parameter symbol 1n4001s 1n4002s 1n4003s 1n4004s 1n4005s 1n4006s 1N4007S units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward current .375"(9.5mm) lead length at t a =75 o c i f(av) 1.0 a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 a maximum forward voltage at 1.0a v f 1.1 v maximum dc reverse current at rated dc blocking voltage t j =25 o c t j =100 o c i r 5.0 500 a typical junction capacitance (note 1) c j 15 pf typical thermal resistance (note 2) r ja r jc r jl 50 25 17 o c / w operating junction and storage temperature range t j ,t stg -55 to +150 o c
page . 2 july 22,2010-rev.02 1n4001s~1N4007S rating and characteristic curves fig.1-forward current derating curve fig.4-maximumnon-repetitive surge current fig.5-typical junction capacitance peak forward surge current , amperes no. of cycle at 60hz 40 35 30 25 20 15 10 5 0 12 51020 50100 capacitance, pf reversevoltage, volts 1 0.1 0.4 1.0 4 10 40 100 2 20 4 40 6 60 10 100 averageforwardrecitified currentamperes 2.5 2.0 1.0 0 0.5 1.5 0 20 40 60 80 100 120 140 160 ambient temperaure, c o t=25c j o 100 40 20 10 4.0 2.0 1.0 0.4 0.2 0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.4 fig.2-typical instantaneous forward characteristics instantaneous forward voltage, volts instantaneous forward current, amperes fig.3-typical reverse characteristic instantaneous reverse current , a  percentage of peak reverse voltage,% 0.1 20 40 60 80 100 120 140 1.0 10 100 1000 t = 125 c o j t=100c j o t=25c j o


▲Up To Search▲   

 
Price & Availability of 1N4007S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X