Part Number Hot Search : 
2SK2601 0603L020 C4006 PE97632 BR1000 GP1S09 PE97632 1937525
Product Description
Full Text Search
 

To Download 1532A5011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  "specialty types" _____________________________ 7/16 din cable end or panel mount styles 7/16 din connectors are mechanically robust threaded coupling types designed for use with coaxial cables up to 17.3 mm dielectr ic diameter. used in medium to high power applications in vhf and uhf fields. th ey are rated at 50 ohms and provide a low reflection factor up to 7.5 ghz. various plating is available. all styles are currently built to order. ____________________________ n to 7/16 part number description fig. no. 131150011 n male - 7/16 female ( tri-plate ) 155a 153115011 n male - 7/16 male ( tri-plate ) 156a 153155011 n female - 7/16 male ( tri-plate ) 157a 153215011 n female - 7/16 female (tri-plate) 158a rohs compliant request quote request drawing fig. 155a fig. 156a fig. 157a fig. 158 ____________________________ 7/16 to 7/16 part number description fig. no. 1513a5011 7/16 male - 7/16 female r/a ( tri-plate ) 155b 1532A5011 7/16 female -- 7/16 female (tri-plate) 156b rohs compliant request quote request drawing fig. 155b fig. 156b ____________________________ 7/16 to n adapter kit 7/16 adapter kit adpt3pa is a 8 piece kit containing 7/16 to n, n to n and 7/16 to 7/16 adapters. made of machined brass and tri-plated bodies. gold plated contacts. kits are in zippered leather cases. part number description fig. no. adpt3pa 7/16 to nada p ter kit ( tri-plate ) 155c rohs compliant request quote fig. 155c in some cases minimum order quantities will be required. these quantities will vary depending f actors of tooling costs and tota l value. contact bomar interconnect sales office with your inquiry. rohs
- page 28 - s gsk style this style connector is used in video, cellular and other appli cations where blind mating or pc board stacking is required. the beryllium grounding spring on the female version allows for an excellent ground retensi on force. the contact mate is also rated for superior retent ion. available with 15 amp contacts _____________________________ for technical support: phone 973-347-4040 / fax 973-347-2111 back to index 27


▲Up To Search▲   

 
Price & Availability of 1532A5011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X