Part Number Hot Search : 
RN2961FS SCD545UH P5506HVG 412MR2C VC060318 CT245N 2022R68 TC1682
Product Description
Full Text Search
 

To Download 101404110001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  31x2,54=78,74 2,54 0,8 0,1 0,8 0,1 4,8 0,2 e = early mate, late break / voreilend s = standard e s l steckl?nge / mating length l = late mate, early break / nacheilend 3,95 2,54 (=78,74) 31 x 2,54 2 x 2,54 (= 5,08) 2x 2,54 =5,08 date mating length datum xxxxxxx xxxxxxx xxxxxxx xxxxxxx steckl?nge rc 2 rc 2rc 2 rc 2 anforderungsstufe/ class erni erni erni erni -0,2 2,5 +0,1 94 87,5 12,7 10,2 max. 88,9 6,4 -0,1 a b c 0,6 6 0,1 3,9 0,2 l?tanschluss 0,6x0,6mm / solder terminal 0,6x0,6mm bauart 4 / t ype 4 anforderungsstufe 2= 400 steckzyklen / performance class 2 = 400 mating cycles fehlende ma?e und angaben nach iec 60 603-2 / din en 60 603-2 missing information and dimensions per iec 60 603-2 / di n en 60 603-2 s ss s s ss s 29 30 31 1 s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s 28 s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s 27 s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s 25 s ss s s ss s s ss s s ss s contact layout cb a 2 3 4 5 6 7 8 9 10 11 19 12 13 14 15 16 17 20 18 21 26 22 23 24 bestckungsplan / 32 alle l?cher/ a 3 32 c 13 24 5 2 23 25 14 27 20 16 21 12 4 9 8 pcb drillhole pattern 6 28 29 18 17 15 31 19 1 30 26 10 11 leiterplatten-lochbild / all holes b 22 7 0,05 1 0,1 101404110001 2:1 i messerleiste c 66 l?t www.erni.com contact one of the erni companies proprietary notice pursuant to iso 16016 to be observed. male connector c66 solder information: tolerances scale all dimensions a3 copyright by erni production gmbh & co. kg stvc class index before using. version of this drawing, please drawing will not be updated. designation in mm all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date a1 c32 c1 a32 85,2 11,1 max. +0,2 2,5 -0,2 8,7 +0,2


▲Up To Search▲   

 
Price & Availability of 101404110001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X