Part Number Hot Search : 
DS4250P AN3254 DS4250P 2SK16 DA1562 K3934 P1300ZC EHF6B1
Product Description
Full Text Search
 

To Download 0700210081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 09/05/2017 please check www.molex.com for latest part information part number: 0700210081 status: active description: sl? crimp terminal, series 70021, male, with 0.38m selective gold (au) plated contact, 22-24 awg, reel documents: drawing (pdf) product specification ts-70541-001-001 (pdf) product specification ps-70021-001 (pdf) rohs certificate of compliance (pdf) general product family crimp terminals series 70021 application signal crimp quality equipment yes product name sl? upc 822350202503 physical gender male material - metal phosphor bronze material - plating mating gold material - plating termination tin net weight 0.092/g packaging type reel plating min - mating 0.381m plating min - termination 1.905m plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 75 plating min: termination (m) 1.875 termination interface: style crimp or compression wire insulation diameter 1.63mm max. wire size awg 22, 24 wire size mm2 n/a material info reference - drawing numbers product specification ps-70021-001, ts-70541-001-001 sales drawing sd-70021-0081 series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/30/2017 (7 july 2017) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 70021 series this document was generated on 09/05/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0700210081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X