Part Number Hot Search : 
ALS20A Q0265R 79L15 20N60S UR101 100BZ CA11174 DF10S
Product Description
Full Text Search
 

To Download WZ140376WT75236BJ2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  twxfz 140266, twxfz 140316, twxfz 140376 www.vishay.com vishay draloric revision: 11-sep-15 1 document number: 22132 for technical questions, contact: powcap@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 watercooled rf power pot capacitors internal cooling system product description twxfz pot-styled capacitors dissipate the heat produced under load by means of water flow around the capacitor elements. in order to provide pr otection from influences of the chemical / physical characteristics of the coolant, a glass passivation layer is a pplied over the cooled noble metal electrode. the electrical terminations ar e made directly to the noble metal electrodes utilizing spec ial soldering techniques. this method of attachment provides a strong, rigid connection of unsurpassed reliability. the tw xf pot-styled capacitors feature an umbrella shaped insulating rim made from silicone elastomer to minimize the adverse effects of moisture, dust and other impurities in the working environment and to improve the characteristics of the electrical field. the capacitor body is protective lacquered. marking type designator, capacitance va lue and tolerance, rated rf voltage, ceramic material code, production date code, manufacturer logo, serial number. accessories added all watercooled pot capaci tors are supplied with the necessary screws / nuts to make the connection to the electrode terminals. ferrules an d water fittings for the water supply connections are also included. features ? high voltage, current and power ratings ? compact design reduces terminal self inductance and permit operation up to higher frequencies ? these pot capacitors featur e increased density through watercooling and rugged mechan ical construction for a maximum reliability applications watercooled rf power pot capa citors are designed for use in the tank circuit of high power rf equipment such as induction heating and welding equipment, dielectric heating or a variety of specialized rf applications. capacitance range 7.5 nf to 10.0 nf capacitance tolerance 10 % ceramic dielectric r85 (tcc - 750 ppm/k) rated voltage ? 14 kv p ? 20 kv p ? 22.5 kv p ? 27 kv p dielectric strength test 125 % to 200 % of rated voltage, 50 hz rf power test 120 % to 140 % of rated power, for 10 minutes in a test generator circuit dissipation factor max. 0.05 % measuring frequencies: ? 300 khz or 100 khz insulation resistance min. 10 000 m ? (at 25 c) operating temperature range details of watercooling find un der guidelines , next pages quick reference data description value ceramic class 1 ceramic dielectric r85 type twxfz 140266 twxfz 140316 twxfz 140376 voltage (v p ) 14 000 22 500 20 000 27 000 min. capacitance (pf) 10 000 7500 10 000 7500 max. capacitance (pf) 10 000 7500 10 000 7500 mounting screw terminal
twxfz 140266, twxfz 140316, twxfz 140376 www.vishay.com vishay draloric revision: 11-sep-15 2 document number: 22132 for technical questions, contact: powcap@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sap part number and electrical data part number ceramic cap. values (pf) rated voltage (kv p ) rated power (kvar) rated current (a rms ) min. water flow rate per minute (liter / us-gal.) installation position (model 1 or 2) type twxfz 140266 wi140266wj10336bj1 r85 10 000 14 3000 350 3.0 / 0.81 1 wi140266wj10336bj2 2 type twxfz 140316 wi140316wq75236bj2 r85 7500 22.5 4000 350 3.0 / 0.81 2 wi140316wq75236bj4 1 type twxfz 140376 wz140376wt75236bj1 r85 7500 27 4000 350 3.0 / 0.81 1 WZ140376WT75236BJ2 2 wi140376wp10336bj1 10 000 20 1 wi140376wp10336bj2 2 dimensions in millimeters (inches) model 2 model 1 3 (0.12) 85 (3.35) m16 x 1.5 thread s 36 (1.42) ? 110 (4.33 dia.) ? 134 (5.28 dia.) ? 139 (5.47 dia.) 80 (3.15) 31 (1.22) 133 (5.24) ? 10.0 (0.394 dia.) 40 (1.58) 25 (0.98) 7.0 (0.276) 14.0 (0.551) in s tallation po s ition: the po s ition of water inlet and outlet i s de s igned to be in s talled in a vertical po s ition, connection fitting s of the watercooling s y s tem down s ide. thi s allow s any air to e s capefrom the unit. note that two po s ition s of the outer electrode connection are available. thi s i s di s played with model 1 or model 2 detail s of the outer electrode terminal acce ss orie s wi140266: 266.0 7.5 (10.472 0.295) wi140316: 316.0 7.5 (12.441 0.295) wi140376, wz140376: 376.0 7.5 (14.803 0.295)
twxfz 140266, twxfz 140316, twxfz 140376 www.vishay.com vishay draloric revision: 11-sep-15 3 document number: 22132 for technical questions, contact: powcap@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 derating diagrams wi140266wj10336bj1, wi140266wj10336bj2 wi140316wq75236bj4, wi140316wq75236bj2 wz140376wt75236bj1, WZ140376WT75236BJ2 wi140376wp10336bj1, wi140376wp10336bj2 10 100 1000 10 000 0.1 1 10 100 0.01 0.1 1 10 100 fre q uency (mhz) 0.65 mhz 0.49 mhz u g q g i g i g (a rm s ) q g (kvar) u g (kv p ) 10 100 1000 10 000 0.1 1 10 100 0.01 0.1 1 10 100 fre q uency (mhz) 0.65 mhz 0.34 mhz u g q g i g i g (a rm s ) q g (kvar) u g (kv p ) 10 100 1000 10 000 0.1 1 10 100 0.01 0.1 1 10 100 fre q uency (mhz) 0.65 mhz 0.23 mhz u g q g i g i g (a rm s ) q g (kvar) u g (kv p ) 10 100 1000 10 000 0.1 1 10 100 0.01 0.1 1 10 100 fre q uency (mhz) 0.49 mhz 0.32 mhz u g q g i g i g (a rm s ) q g (kvar) u g (kv p )
twxfz 140266, twxfz 140316, twxfz 140376 www.vishay.com vishay draloric revision: 11-sep-15 4 document number: 22132 for technical questions, contact: powcap@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 guidelines electrical data and guidelines ? the main physical and electrical characteristics of the capacito rs and ceramic materials used, ar e listed in the tables on the general section and in the individual datasheets ? the continuous limit values of voltage, current, and power given in the diagrams must be observed. ? the rated voltage given in the tables is th e peak value of the sinusoidal ac voltage or the sum of the dc and peak ac voltages for which the capacitor is rated under continuous operation. ? the rated current in the tables is the effective value of th e sinusoidal current for which the current paths of the capacitor are designed. installation ? watercooled pot capacitors (twxfz 140266, twxfz 140316, tw xfz 140376) are designed to be installed in a vertical position, connecting fittings of the waterc ooling system downside. model 1 and model 2 allows a flexible, 90 turned mounting position of the capacitor. for large gene rators requiring multiple ca pacitors we recommended a ci rcular mounting pattern for optimum circuit performance. ? when capacitors are connected in parallel, care should be take n to mount the top electrodes of the capacitor away from the rf bus bar to minimize the effects of st ray electromagnetic fields. the capacitors elements must not exceed a temperature of more than +100 c. ? the electrical connection to the inner electrode must be flexib le in order to prevent the gene ration of the physical forces wh ich could damage the capacitor elements. such forces are often generated by the dimensional di fferences resulting from the normal physical tolerances of the capacitors. the capacitors inner electrode connector must not be used as a mechanical support for other devices or components. cooling ? the cooling system is designed to operate at a maximum water pressure of 4 bars (58 psi). ? the position of water inlet and outlet is designed to be installed in a vertical position, connection fitt ings of the watercoo ling system downside. this allows any air to escape from the unit. ho rizontal installation s require that both water connections be at the top side of the unit. to preserve the capacitors from fros t damages during the transport, we offer special models with outlet screws for emptying th e cooling water from the unit. ? the minimum water flow rates sp ecified in the tables must be observed. when us ing antifreeze mixtures, the flow rate should be increased by at least 20 %. ? the cooling system is designed to have a water temperature increa se of < 10 c (water inlet to water outlet) when the capacito r is operated at full rated power and the minimum water flow rate. a water in take temperature of ? 30 c is recommended. if the cooling system of several capacitors is connected in series, the intake temperature of the coolant must not exceed 50 c for any capacitors. ? the pressure drop in a series connected c ooling system is small. the table below illu strates the effects up on water flow rates as a function of the number of series connected typical watercooled capacitors in the system with a constant intake water pressure of 3 bars (43.5 psi). ? intake water temperature fluctuations in excess of 3 c/s must be avoided to prevent damage to the capacitor elements. ? a coolant temperature rate monitor must provide a fail-safe on / off power control for the rf equipment. ? normal tap water or de-miner alized water may be used for cooling. th e water must be reasonably free of caco 3 and clear of foreign particles or milkyness. the ph-value of the coolant should between 6 and 8. number of cooling systems in series 12345 water flow rate (liter s/minute) 13.0 10.5 8.5 7.3 6.0 water flow rate (us-gal./minute) 3.43 2.77 2.24 1.92 1.58
twxfz 140266, twxfz 140316, twxfz 140376 www.vishay.com vishay draloric revision: 11-sep-15 5 document number: 22132 for technical questions, contact: powcap@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 quality and reliability electrical and mechanical screening tests all capacitors are subjected to th e following tests prior to shipment ? capacitance value (1.0 mhz or 0.1 mhz, 20 v rms , 25 c 5 c) ? dissipation factor (1.0 mhz or 0.3 mhz, 10 v rms , 25 c 5 c) ? insulation resistance (100 v dc , 25 c 5 c) ? dielectric strength (200 % rated peak voltage, 50 hz, 5 minutes) ? rf power test (120 % to 140 % rated power for 10 minutes in a te st generator circuit) ? pressure test (standard: 6 bars [8 7 psi] for 1 minute, 25 c 5 c) warranty stipulation fo r watercooled ceramic power rf capacitors ? unless otherwise provided for herein after, warranty sha ll be governed by general te rms of sale and delivery. ? warranty is assumed for capacito rs which fail to operate owing to faults in ma terial or production, and within the warranty period for capacitors ? excluded from warranty are capacitors prematurely rendered uns erviceable owing to improper trea tment, overloading, circuit errors, as well as capacitors operated without observing the da ta given in our catalogue. warranty is also excluded in cases where faults can no longer be recognized on the capacitor owing to third party interferences. warranty is only effectively assumed when meeting the requirem ents referred to hereinafter. ? for claiming warranty, the defective capaci tor should be returned to us, if possible in its original packing, within 14 days following the data of failure, being accompanied by the complete ly filled-in and signed original guarantee certificate. the risks of transportation, as well as any shipping costs and other charges shall in any ca se be borne by the sender. ? warranty can only become effective if the defective capacitor is received by us in the same condition as it was when it happened to fail. ? we have the right to inspect any records proving the use of the capacitor. ? the decision as to whether we are obliged to assume wa rranty for the capacitor sha ll exclusively rest with us. ? when acknowledging the warranty claim, any non-repairable ca pacitor shall remain our proper ty. when refusing a warranty claim the defective capacitor will be returned at the customers expense only if demanded so explicitly when asserting the warranty claim. in case examination requ ired disassembly of the capa citor no claims for damage can be derived therefrom. ? the customer gives us the right to have the syst em checked in which the capacitor was operated. ? when acknowledging a warranty clai m, restitution is made by su pplying either a repaired and newly tested capacitor or by supplying a new one. ? warranty shall only extend to the capacitor itse lf. any further claims for damages are excluded. conditions of guarantee pursuant to the foregoing stipulations we assume warranty for these watercooled pot capacitors up to a period of 5000 hours of operating service. any claims for warranty, however will extinguish 24 mo nths following the date of delivery. related documents general in formation www.vishay.com/doc?22071
legal disclaimer notice www.vishay.com vishay revision: 08-feb-17 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners. ? 2017 vishay intertechnology, inc. all rights reserved


▲Up To Search▲   

 
Price & Availability of WZ140376WT75236BJ2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X