Part Number Hot Search : 
ISL5500 25F05 2060CT 05E41 10101 MHW5382 PWPA5343 00ETT
Product Description
Full Text Search
 

To Download TSM340IS-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 september 9,2014-rev.00 tsm340is features ? plastic package has underwriters laboratory flammability classification 94v-o. flame retardant epoxy molding compound. ? exceeds environmental standards of mil-s-19500/228 ? low power loss, high efficiency. ? low forward voltage, high current capability ? high surge capacity. ? epitaxial chip construction. ? lead free in compliance with eu rohs 2011/65/eu directive. ? green molding compound as per iec61249 std. . (halogen free) micro surface mount schottky bridge voltage 40 volt current 3 ampere mechanical data ? case: tdi molded plastic ? terminals: lead solderable per mil-std-750, method 2026 ? polarity: as marked. ? weight: 0.003 ounces, 0.09 grams. ? marking: part number absolute maximum ratings (t a =25 o c unless otherwise noted) notes : 1.mounted on a fr4 pcb, single-sided copper, with 100cm 2 copper pad area. 2.mounted on a fr4 pcb, single-sided copper, mini pad. parameter sy mbol value units maximum peak repetitve reverse voltage v rrm 40 v maximum rms reverse voltage v rms 28 v maximum dc blocking voltage v r 40 v maximum average forward current i f(av) 3a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load per diode i fsm 60 a typical thermal resistance (note 2) (note 1) r ja r jc 145 32 o c/w operating junction temperature range t j -55 to +150 o c storage temperature range t stg -55 to +150 o c
page . 2 september 9,2014-rev.00 tsm340is electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol test conditions min. typ. max. unit breakdown voltage per diode v br i r =0.5ma t a =25 o c40 - - v instantaneous forward voltage per diode v f i f =3a t a =25 o c - 0.53 0.56 v reverse current per diode i r v r =28v t a =25 o c- 50 - a v r =40v t a =25 o c t a =125 o c - - - 5 140 - a ma 0 0.5 1 1.5 2 2.5 3 3.5 0 25 50 75 100 125 150 t c , case temperature ( c) i f , forward current (a) per diode 0.001 0.01 0.1 1 10 100 10 20 30 40 50 60 70 80 90 100 i r , reverse current (ma) t j = 25 c t j = 75 c t j = 125 c t j = 150 c fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 1 10 100 1000 10000 11 01 0 0 c j , junction capacitance (pf) v r , reverse bias voltage (v) 0.01 0.1 1 10 0 0.2 0.4 0.6 0.8 i f , forward current (a) v f , forward voltage (v) t j = 150 c t j = 125 c t j = 25 c t j = 75 c per diode per diode per diode percent of rated peak reverse voltage (%)
page . 3 september 9,2014-rev.00 tsm340is mounting pad layout order information ? packing information t/r - 4k per 13" plastic reel t/r - 1k per 7" plastic reel 0.157 (4.00) 0.065 (1.65) 0.037 (0.95) 0.231 (5.87)
page . 4 september 9,2014-rev.00 tsm340is part no_packing code_version tsm340is_r1_00001 tsm340is_r2_00001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube p acking (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 5 september 9,2014-rev.00 tsm340is disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of TSM340IS-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X