Part Number Hot Search : 
NM2SOL3R P89C660 JK16300 AS7C3 2DR2G 15KE75 HAC300S 2SC20
Product Description
Full Text Search
 

To Download SST3215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SST3215 2.2a , 150v , r ds(on) 315m ? n-ch enhancement mode power mosfet 25-aug-2015 rev. a page 1 of 5 b l f h c j d g k a e 3 2 1 5           = date code rohs compliant product a suffix of -c specifies halogen and lead-free description the SST3215 provide the designer with the best comb ination of fast switching, low on-resistance and cost-e ffectiveness. the sot-26 package is universally used for al l commercial- industrial surface mount applications. features  low on-resistance  capable of 2.5v gate drive  low drive current marking package information package mpq leader size sot-26 3k 7 inch absolute maximum ratings parameter symbol ratings unit drain-source voltage v ds 150 v gate-source voltage v gs 20 v t c =25c 2.2 t c =75c 1.8 t a =25c 1.7 continuous drain current, v gs =10v 1 t a =75c i d 1.4 a pulsed drain current 2, 3 i dm 8 a t c =25c 3.2 power dissipation t a =25c p d 2 w operating junction and storage temperature range t j , t stg -55~150 c thermal resistance rating t Q 5sec 62.5 thermal resistance junction to ambient 1 steady state r ja 125 thermal resistance junction to case 1 r jc 39 c / w sot-26 millimeter millimeter ref. min. max. ref. min. max. a 2.70 3.10 g 0 0.10 b 2.60 3.00 h 0.60 ref. c 1.4 0 1.80 j 0.12 ref. d 1.30 max. k 0 10 e 1.90 ref. l 0.95 ref. f 0.30 0.50 d g d d d s
http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SST3215 2.2a , 150v , r ds(on) 315m ? n-ch enhancement mode power mosfet 25-aug-2015 rev. a page 2 of 5 electrical characteristics ( t j =25 c unless otherwise specified) parameter symbol min. typ. max. unit teat conditions static drain-source breakdown voltage bv dss 150 - - v v gs =0, i d =250 a gate-threshold voltage v gs(th) 2 - 4 v v ds =v gs , i d =250 a gate-body leakage current i gss - - 100 na v gs =20v t j =25 c - - 1 drain-source leakage current t j =55 c i dss - - 10 a v ds =120v, v gs =0 240 315 v gs =10v, i d =1.5a drain-source on-resistance 2 r ds(on) - 265 345 m  v gs =6v, i d =1.5a forward transconductance g fs - 2.5 - s v ds =15v, i d =1a dynamic total gate charge 2 q g - 7.5 - gate-source charge q gs - 1.5 - gate-drain (miller)charge q gd - 2 - nc v ds =75v, v gs =10v, i d =1.7a turn-on delay time 2 t d(on) - 12 - rise time t r - 16 - turn-off delay time t d(off) - 32 - fall time t f - 17 - ns v ds =75v, v gs =10v, r g =6  , i d =1a input capacitance c iss - 290 - output capacitance c oss - 30 - reverse transfer capacitance c rss - 12 - pf v gs =0v v ds =30v, f=1.0mhz source-drain diode diode forward voltage 2 v sd - - 1.2 v i s =1.7a, v gs =0v continuous source current 1, 2 i s - - 1.7 pulsed source current 2, 3 i sm - - 5 a v g =v d =0v, force current reverse recovery time t rr - 44.5 - ns reverse recovery charge q rr - 15.8 - nc i f =1.7a, dl/dt=100a/ s, t j =25c notes: 1. surface mounted on 1 inch 2 copper pad of fr4 board; 156c/w when mounted on m in. copper pad. 2. the data tested by pulsed, pulse width 300 Q s, duty cycle 2% Q 3. the power dissipation is limited by 150c junct ion temperature.
http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SST3215 2.2a , 150v , r ds(on) 315m ? n-ch enhancement mode power mosfet 25-aug-2015 rev. a page 3 of 5 ratings and characteristic curves
http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SST3215 2.2a , 150v , r ds(on) 315m ? n-ch enhancement mode power mosfet 25-aug-2015 rev. a page 4 of 5 ratings and characteristic curves
http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SST3215 2.2a , 150v , r ds(on) 315m ? n-ch enhancement mode power mosfet 25-aug-2015 rev. a page 5 of 5 ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SST3215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X