Part Number Hot Search : 
TDA7518 RS2201 D2424 40408 H836024F IW1830 JE210 KBPC350
Product Description
Full Text Search
 

To Download SSF1016A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSF1016A 100v n-channel mosfet www.goodark.com page 1 of 7 rev.1.0 main product characteristics features and benefits description absolute max rating symbol parameter max. units i d @ tc = 25c continuous drain current, v gs @ 10v 75 i d @ tc = 100c continuous drain current, v gs @ 10v 65 i dm pulsed drain current 300 a power dissipation 273 w p d @tc = 25c linear derating factor 1.8 w/c v ds drain-source voltage 100 v v gs gate-to-source voltage 20 v e as single pulse avalanche energy @ l=0.3mh 153 mj i as avalanche current @ l=0.3mh 32 a t j t stg operating junction and storage temperature range -55 to + 175 c v dss 100v r ds (on) 13.8mohm(typ.) i d 75a d2pak marking and pin assignment schematic diagram ? advanced trench mosfet process technology ? special designed for pwm, load switching and general purpose applications ? ultra low on-resistance with low gate charge ? fast switching and reverse body recovery ? 175 operating temperature ? lead free product it utilizes the latest trench processing techniques to achieve the high cell density and reduces the on-resistance with high repetitive avalanche rating. these features combine to make this design an extremely efficient and reliable device for use in power switching application and a wide variety of other applications.
SSF1016A 100v n-channel mosfet www.goodark.com page 2 of 7 rev.1.0 thermal resistance symbol characteristics typ. max. units r jc junction-to-case 0.55 /w junction-to-ambient (t 10s) 62 /w r ja junction-to-ambient (pcb mounted, steady-state) 40 /w electrical characteristics @t a =25 unless otherwise specified symbol parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 100 v v gs = 0v,i d = 250a 13.8 16 v gs =10v,i d = 30a r ds(on) static drain-to-source on-resistance 28.8 m t j = 125c 2 4 v ds = v gs , i d = 250a v gs(th) gate threshold voltage 2.3 v t j = 125c 1 v ds = 100v,v gs = 0v i dss drain-to-source leakage current 50 a t j = 125c 100 v gs =20v i gss gate-to-source forward leakage -100 na v gs = -20v q g total gate charge 92 q gs gate-to-source charge 21 q gd gate-to-drain("miller") charge 31 nc i d = 50a, v ds =35v, v gs = 10v t d(on) turn-on delay time 17 t r rise time 14 t d(off) turn-off delay time 53 t f fall time 12 ns v gs =10v, vds=30v, r l =15, r gen =2.5 id=2.0a c iss input capacitance 4415 c oss output capacitance 60 c rss reverse transfer capacitance 30 pf v gs =10v v ds = 25v ? = 1mhz source-drain ratings and characteristics symbol parameter min. typ. max. units conditions i s continuous source current (body diode) 75 a i sm pulsed source current (body diode) 300 a mosfet symbol showing the integral reverse p-n junction diode. v sd diode forward voltage 0.85 1.3 v i s =30a, v gs =0v t rr reverse recovery time 47 ns q rr reverse recovery charge 116 nc t j = 25c, i f =35a, di/dt = 100a/s
SSF1016A 100v n-channel mosfet www.goodark.com page 3 of 7 rev.1.0 test circuits and waveforms switch waveforms: notes : calculated continuous current based on maximum allowable junction temperature. package limitation current is 75a. repetitive rating; pulse width limited by max junction temperature. the power dissipation pd is based on max junction temperature, using junction-to-case thermal resistance. the value of r ja is measured with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with ta =25c these curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =175c.
SSF1016A 100v n-channel mosfet www.goodark.com page 4 of 7 rev.1.0 typical electrical and thermal characteristics figure 2. gate to source cut-off voltage figure 1: typical output characteristics figure 3. drain-to-source breakdown voltage vs. temperature figure 4: normalized on-resistance vs. case temperature
SSF1016A 100v n-channel mosfet www.goodark.com page 5 of 7 rev.1.0 figure 5. maximum drain current vs. case temperature typical electrical and thermal characteristics figure 6.typical capacitance vs. drain-to-source voltage figure7. maximum effective transient thermal impedance, junction-to-case
SSF1016A 100v n-channel mosfet www.goodark.com page 6 of 7 rev.1.0 mechanical data min max min max a 9.660 10.280 0.380 0.405 b 1.020 1.320 0.040 0.052 c 8.590 9.400 0.338 0.370 d1 1.140 1.400 0.045 0.055 d2 0.700 0.950 0.028 0.037 d3 e 15.090 15.390 0.594 0.606 f 1.150 1.400 0.045 0.055 g 4.300 4.700 0.169 0.185 h 2.290 2.790 0.090 0.110 i k 1.300 1.600 0.051 0.063 a1 0.450 0.650 0.018 0.026 a2 0 0 8 0 1 0 8 0 symbol dimension in millimeters dimension in inches 5.080 (typ) 0.250 (typ) 0.010 (typ) 0.200 (typ) d2pak package outline dimension
SSF1016A 100v n-channel mosfet www.goodark.com page 7 of 7 rev.1.0 ordering and marking information device marking: SSF1016A package (available) d2pak operating temperature range c : -55 to 175 oc devices per unit package type units/ tube tubes/inner box units/inner box inner boxes/carton box units/carton box d2pak 50 20 1000 6 6000 reliability test program test item conditions duration sample size high temperature reverse bias(htrb) t j =125 to 175 @ 80% of max v dss /v ces /vr 168 hours 500 hours 1000 hours 3 lots x 77 devices high temperature gate bias(htgb) t j =150 or 175 @ 100% of max v gss 168 hours 500 hours 1000 hours 3 lots x 77 devices


▲Up To Search▲   

 
Price & Availability of SSF1016A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X