Part Number Hot Search : 
2SD781 SD04H0B C104F B39162B 2SD781 HER203G WP710 66A35
Product Description
Full Text Search
 

To Download SM120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m 1 2 0 t h r u s m 11 0 0 surface mount schottky barrier rectifier reverse voltage - 20 to 100 volts forward current - 1.0ampere features mechanical data maximum ratings and electrical characteristics (ratings at 25 c ambient temperature unless otherwise specified ,single phase ,half wave ,resistive or inductive load. for capacitive load,derate by 20%.) plastic package has underwriters laboratory flammability classification 94v-0 metal silicon junction ,majority carrier conductionfor surface mount applications guardring for overvoltage protection low power loss ,high efficiency high current capability ,low forward voltage drop high surge capability for use in low voltage ,high frequency inverters, free wheeling ,and polarity protection applications high temperature soldering guaranteed:260 c/10 seconds at terminals component in accordance to rohs 2002 / 95 / ec and weee 2002 / 96 / ec r s e m i c o n d u c t o r notes : 1.pulse test: 300 s pulse width,1% duty cycle 2.measured at 1mh z and applied reverse voltage of 4.0 volts 3.thermal resistance (from junction to ambient),0.24x0.24"copper pads to each terminials maximum repetitive peak reverse voltage 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 57 80 100 71 100 v rrm v olts v olts v olts v olts m a a mp a mps v rms v dc i (av) i fsm t stg v f i r r ja r jl maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 0.375"(9.5mm) lead length(see fig. 1 ) maximum instantaneous forward voltage at 1.0 a(note 1 ) t =25 c t =100 c a a typical thermal resistance typical junction capacitance(note 2) operating junction temperature range storage temperature range maximum instantaneous reverse current at rated dc blockingvoltage(note 1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) 1.0 30.0 -65 to+150 -65 to+150 110 80.0 30.0 0.2 10 0.55 0.70 0.85 p f c/w c c c j t j sm 120 sm 130 sm 140 sm 150 sm 160 sm 180 sm 1100 symbols units 4.thermal resistance (from junction to terminal),0.24x0.24"copper pads to each terminials (note 3) (note 4) j f j f case : jedec melf(do-213ab) molded plastic body terminals : solder plated, solderable per mil-std-750,method 2026 polarity : color band denotes cathode end weight : 0.0041ounce, 0.116 gram melf(do-213ab) dimensions in inches and (millimeters) 0.024(0.6) 0.016(0.4) 0.205(5.2) 0.185(4.7) d2=d1 solderable ends 1st bande d2 +0 -0.008(0.20) d1= 0.1060.090 (2.7) (2.3) jinan jingheng electronics co., l td. http :// www .jinghenggroup.com 1- 14
r at i n g s a n d c h a r a c t e r i s t i c c u r v e s s m 1 2 0 t h r u s m 11 0 0 0.01 0.001 0.01 0.1 1.0 100 10 0.1 1 0 10 15 20 25 30 50 10 0 20 0 40 60 80 100 1 10 100 0.2 0.4 0.6 0.8 1.0 1.6 1.4 1.2 0 25 50 75 100 125 150 175 0 0.25 0.5 0.75 1 fig.1-forward current derating curve fig.2-maximum non-repetitive peak forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics a v e r a g e f o r w a r d c u r r e n t a m p e r e s i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) instantaneous forward voltage (volts) reverse voltage. volts percent of rated peak reverse voltage% number of cycles at 60hz lead temperature ( c) t j =25 c t j =125 c t j =150 c pulse width=300 s 1% duty cycle at rated t l 8.3ms single half sine-wave (jedec method) t j =125 c t j =25 c t j =75 c p.c.b.mounted on 0.24 x 0.24"(6.0 x 6.0mm)copper pad areash 10 0.1 1 10 100 100 400 fig.5-typical junction capacitance j u n c t i o n c a p a c i t a n c e ( p f ) t j =25 c f=1.0mh z vsig=50mvp-p sm120-sm140 sm150-sm1100 sm120-sm140 sm150-sm1100 sm120-sm140 sm150-sm1100 resistive or inductive load jinan jingheng electronics co., l td. http :// www .jinghenggroup.com 1- 15


▲Up To Search▲   

 
Price & Availability of SM120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X