Part Number Hot Search : 
TDA2653A AD5334 TLWW9900 BAW56TT1 X675E LS05A INT4003G MV50152
Product Description
Full Text Search
 

To Download SD103AW-TA-R1-00001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 march 3,2015-rev.02 sd103aw-ta dual surface mount schottky barrier diodes voltage 40 volt 200 ma features ? low forward voltage drop ? common anode configuration ? lead free in compliance with eu rohs 2011/65/eu directive ? green molding compound as per iec61249 std. . (halogen free) mechanical data case: sot-23, plastic terminals: solderable per mil-std-750, method 2026 approx. weight: 0.0003 ounces, 0.0084 grams marking code: s6a maximum ratings @ t a =25 o c unless otherwise specified current note : 1.mounted on fr4 pc board with recommended pad c i t s i r e t c a r a h cl o b m y se u l a vs t i n u e g a t l o v e s r e v e r e v i t i t e p e r k a e p e g a t l o v e s r e v e r k a e p g n i k r o w e g a t l o v g n i k c o l b c d v rrm v rwm v r 0 4v e g a t l o v e s r e v e r s m r v r(rms) 8 2v t n e m e l e r e p , t n e r r u c s u o u n i t n o c d r a w r o f i fm 0 0 2a m s m 3 . 8 = t @ t n e r r u c e g r u s d r a w r o f k a e p e v i t i t e p e r - n o n i fsm 1a e g n a r e r u t a r e p m e t n o i t c n u j t j 5 2 1 + o t 5 5 - o c e g n a r e r u t a r e p m e t e g a r o t s t stg 0 5 1 + o t 5 5 - o c common anode thermal characteristics @ t a =25 o c unless otherwise specified c i t s i r e t c a r a h cl o b m y se u l a vs t i n u ) 1 e t o n ( n o i t a p i s s i d r e w o p p d 0 0 2w m ) 1 e t o n ( r i a t n e i b m a o t n o i t c n u j , e c n a t s i s e r l a m r e h t r ja 0 0 5 o w / c 0.120(3.04) 0.110(2.80) 0.056(1.40) 0.047(1.20) 0.079(2.00) 0.070(1.80) 0.020(0.50) 0.013(0.35) 0.044(1.10) 0.035(0.90) 0.006(0.15)min. 0.008(0.20) 0.003(0.08) 0.004(0.10) 0.000(0.00)
page . 2 march 3,2015-rev.02 sd103aw-ta electrical characteristics @ t a =25 o c unless otherwise specified note : 1.mounted on fr4 pc board with recommended pad 2.short duration test pulse used to minimize self-heating effect 3.no purposefully added lead c i t s i r e t c a r a h cl o b m y sn o i t i d n o c t s e t. n i m. p y t. x a ms t i n u ) 2 e t o n ( e g a t l o v n w o d k r a e b e s r e v e rv (br)r i r 0 0 5 = a0 4--v ) 2 e t o n ( e g a t l o v d r a w r o fv f i f =a m 0 1 i f =a m 0 0 1 i f =a m 0 0 2 - - - - - - 0 2 3 0 4 4 0 5 5 v m ) 2 e t o n ( t n e r r u c e g a k a e li r v r =v 0 3 v r =, v 0 3t j 0 1 =0 o c - - - - 5 1 3 a a m e c n a t i c a p a c l a t o tc t v r =z h m 0 . 1 = f , v 0-3 20 5f p
page . 3 march 3,2015-rev.02 sd103aw-ta mounting pad layout order information ? packing information t/r - 12k per 13" plastic reel t/r - 3k per 7" plastic reel 0.031 min. (0.80) min. 0.037 (0.95) 0.043 (1.10) 0.078 (2.00) 0.035 min. (0.90) min. 0.043 (1.10) 0.106 (2.70)
page . 4 march 3,2015-rev.02 sd103aw-ta part no_packing code_version sd103aw-ta_r1_00001 sd103aw-ta_r2_00001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 5 march 3,2015-rev.02 sd103aw-ta disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of SD103AW-TA-R1-00001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X