Part Number Hot Search : 
ACA1206 Q4840 ACA1206 Q4840 SC631 BA1407 T74FCT NPH15S
Product Description
Full Text Search
 

To Download SB20100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  symbol SB20100CT units maximum recurrent peak reverse voltage vrrm 100 v maximum rms voltage vrms 70 v maximum dc blocking voltage vdc 100 v maximum average forward rectified current at tc=133c if(av) 20 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load ifsm 150 a maximum forward voltage at 10a vf 0.80 v maximum dc reverse current ta =25c at rated dc blocking voltage ta =110c ir 100 6.0 a ma typical thermal resistance (note 1) rth(jc) 2.0 c/w operating junction and storage temperature ramge tj tstg -65 to +150 c note: 1.thermal resistance from junction to case features  pl astic material used carries underwriters laboratory classifications 94v-0  metal silicon junction, majority carrier conduction  low power loss, high efficiency  high current capability, low forward voltage drop  high surge capability  for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications  guardring for overvoltage protection  high temperature soldering guaranteed: 260 o c/10 seconds,0.25?(6.35mm)from case mechanical data   terminals: pure tin plated, lead free. solderable per mil-std-750, method 2026  polarity: as marked  mounting position: any  mounting torque: 5 in. - lbs. max  weight: 2.1 gram approximately .196(5.00) .054(1.39) .038(0.96) .419(10.66) .139(3.55) min .624(15.87) .269(6.85) .548(13.93) .50(12.7)min .177(4.5)max .226(5.75) .163(4.16) .045(1.15) .019(0.50) .025(0.65)max .1(2.54) .1(2.54) .387(9.85) to-220ab unit : inch (mm) ? SB20100CT pb SB20100CT 20.0 ampere dual common cathode schottky barrier rectifiers pb free plating product maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% positive negative common cathode case case case common anode suffix "ct" case series tandem polarity suffix "cta" suffix "cts" doubler tandem polarity suffix "ctd" ? 2006 thinki semiconductor co., ltd. http://www.thinkisemi.com/ page 1/2 rev.05 cases: jedec to-220ab heat sink
? SB20100CT ? 2006 thinki semiconductor co., ltd. http://www.thinkisemi.com/ page 2/2 rev.05


▲Up To Search▲   

 
Price & Availability of SB20100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X