Part Number Hot Search : 
TMP92 KA8502AN 4060N 8L05A DTC123 DG41108 B099460 M1BS6HA
Product Description
Full Text Search
 

To Download PLSP200228001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  linkcom manufacturing co., ltd *,# =see notes below model specification ** * * * * (6)load regulation measured from 20% to full load. (7)line regulation measured from 100 vac to 240vac. (8)preset accuracy measured at norma l load, 120vac input. reference 55 model no. part no. led power supply 130.7 * 31.1 * 24.7 mm 5.15 * 1.22 * 0.97 inch lsp200228001 PLSP200228001 model name size safety pse dc output voltage (v) line regulation (%) *(7) 90-264vac, 127-373vdc, normal 100-240vac cold start 50a @ 230vac 0.6a/100vac short circuit protection will restart automatically after the fault condition is removed output current(a) *(5) over current protection dc output power efficiency(typ @full load) short circuit protection o/p noise (p-p, mv) *(3) input voltage range load regulation (%) *(6) inrush current (typ) ac current meet ce en55022 130.7 * 31.1 * 24.7 mm 5.15 * 1.22 * 0.97 inch *(9) -20 to +60 @full load -40 to +80 module : lsp200228001 features preset accuracy (%) *(8) storage temperature shut down and latch off o/p voltage , re-power on t o recover constant current over v, protection dimensions(l*w*h) input frequency temp. coefficient emi operating temp.*(4) relative humidity (9)100% production tested. (5)minimum load is not required for proper operation . notes (1)all parameters not specially mentioned are measu red 230vac input. (2)all specifications typical @25 , unless otherwise noted, at normal line and load. (3)ripple and noise measured directl y at pins/terminals at nom. load, 0.1uf bypass and 47uf electrolytic, pk-pk @20mhz bandwidth. (4)specified for free-air convection cooling. 20 28 range:47-63hz, normal 50-60hz 200 83% 22.4 w ac input 90~264vac protection: scp / ovp / ocp high operating ambient temp: -20 ~ +60 safety: pse nrom. emc: meet ce comply with indoor/outdoor waterproof (ip 67) dimension (l*w*h): 130.7 * 31.1 * 24.7 mm dimension (l*w*h): 5.15 * 1.22 * 0.97 inch max. 0.03% / (0-50 , typ) 10 to +90%, non-cond. rohs compliant lsp200228001 1 0.8 min. www.linkcom.com.tw for more information, please contact with: sales@ linkcom.com.tw
linkcom manufacturing co., ltd model no. part no. led power supply 130.7 * 31.1 * 24.7 mm 5.15 * 1.22 * 0.97 inch lsp200228001 PLSP200228001 model name size reference dimensions unit mm inch www.linkcom.com.tw for more information, please contact with :sales @ linkcom.com.tw


▲Up To Search▲   

 
Price & Availability of PLSP200228001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X