Part Number Hot Search : 
8HC71 18F87K22 MJ1000 BD121 8HC71 C6RGB IRF370 WP1004HD
Product Description
Full Text Search
 

To Download OM186SRM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com 1 features  operates down to 1.5v dropout @ max current  0.015% line regulation  0.01% load regulation  1% reference voltage  hermetic d2 surface mount package  electrically equivalent to lm1086  this part is also available into-257aa package as om186st 02/07/08 description low dropoutpositive adjustable voltage regulator om186sr v adj , 1.5a these three terminal positive adjustable voltageregulators are designed to provide 1.5a with higher efficiency than conventional voltage regulators. the devices are designed to operate to 1.5v input to output differential and the dropout voltage is specified as a function of load current. devices are pin compatible with older three terminal regulators and are supplied in the easy-to-use hermetic metal d2 package. these devices are ideally suited for military applications where small size, hermeticity and high reliability are required. absolute maximum ratings @ t c = 25c parameter symbol value units output current i o 1.5 a input voltage v in 30 v thermal resistance, junction to case r jc 4.2 c/w operating junction temperature range t j -55 to +150 storage temperature range t stg -65 to +150 c d2 product summary part number output voltage output current package om186sr adjustable 1.5a d2 pd-97307 downloaded from: http:///
2 www.irf.com om186sr 1. load and line regulation are measured at a constant junction temperature by low duty cycle pulse testing. 2. line and load regulation are guaranteed up to the maximum power dissipation. power dissipation is determined by the input/output differential voltage and output current. guaranteed maximum power dissipation will not be available over the full input/output voltage range. 3. i full load curve is defined as the minimum value of current limit as a function of input to output voltage. note that power dissipation is only achievable over a limited range of input to output voltage. 4. dropout voltage is specified over the full output current range of the device. notes electrical characteristics t j = 25c (unless otherwise specified) parameter test conditions min. typ. max. units i out = 10ma, (v in - v out ) = 3.0v 1.238 1.250 1.262 10ma i out i full load , 1.5v (v in - v out ) 25v 1.220 1.250 1.270 i load = 10ma, 1.5v (v in - v out )  15v -0 . 0 1 50 . 2  -0 . 0 3 50 . 2 (v in - v out ) = 3.0v, 10ma  i out  i full load -0 . 50 . 8  -0 . 81 . 0 dropout voltage v ref = 1%, i out = i full load -1 . 31 . 5v (v in - v out ) = 5.0v 1.5 - - (v in - v out ) = 25v 0.075 - - minimum load current (v in - v out ) = 25v - 5.0 10 ma thermal regulation 30ms pulse width (guaranteed by design) - 0.010 0.05 %/w f = 120hz, c adj = 25  f tantalum i out - i full load (v in - v out ) = 3.0v adjust pin current - 55 120 10ma i out i full load 1.5v (v in - v out ) 25v temperature stability -55c t j +125c -0 . 5- long term stability t j = 125c, t = 1000hrs - 0.3 1.0 adjust pin current change % v reference voltage % load regulation line regulation current limit a ripple rejection 60 75 - db a -0 . 25 . 0 downloaded from: http:///
www.irf.com 3 om186sr fig 1: typical minimum input/output differential vs output current fig 2: typical short circuit current vs input/output differential fig 3: typical output voltage deviation vs temperature load regulation dropout voltage short circuit current downloaded from: http:///
4 www.irf.com om186sr the om186sr series requires the use of an output capacitor as part of the device frequency compensation.for all operating conditions, the addition of 150 f aluminum electrolytic or a 22 f solid tantalum on the output will ensure stability. normally, capacitors much smaller than this can be used. many different typesof capacitors with widely varying characteristics are available. these capacitors differ in capacitor tolerance (sometimes ranging up to 100%), equivalent series resistance, and capacitance temperature coefficient. the 150 f or 22 f values given will ensure stability. when the adjustment terminal is bypassed to improve the ripple rejection, the requirement for an outputcapacitor increases. the values of 22 f tantalum or 150 f aluminum cover all cases of bypassing the adjustment terminal. without bypassing the adjustment terminal, smaller capacitors can be used withequally good results and the table below shows approximately what size capacitors are needed to ensure stability. application notes:stability normally, capacitor values on the order of 100 f are used in the output of many regulators to ensure good transient response with heavy load current changes. output capacitance can be increased without limit andlarger values of output capacitor further improve stability and transient response of the regulators. output voltage - adjustable regulators the om186sr devices develop a 1.25v reference voltage between the output and the adjust terminal (seefig 4). by placing a resistor, r1 between these two terminals, a constant current is caused to flow through r1 and down through r2 to set the overall output voltage. normally this current is the specified minimum load current of 10ma. because i adj is very small and constant when compared with the current through r1, it represents a small error and can usually be ignored. recommended capacitor values input output adjustment 10 f1 0 f tantalum, 50 f aluminum none 10 f22 f tantalum, 150 f aluminum 20 f fig 4. basic adjustable regulator v out v in r 1 i adj om186sr v adj 50 a in out adj r 2 v out = v ref 1+ r 2 + i adj r 2 r 1 downloaded from: http:///
www.irf.com 5 om186sr ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 ir leominster : 205 crawford st., leominster, massachusetts 01453, usa tel: (978) 534-5776 data and specifications subject to change without notice. 02/2008 part numbering nomenclature case outline and dimensions - d2 package notes:1. dimensioning & tolerancing per asme y14.5m-1994. 2. all dimensions are shown in millimeters (inches). 3. controlling dimension: inch. 4. this outline is a modified to-257aa jedec outline. 5. available with either glass or ceramic seals. pin assignments pin 1 - adjust pin 2 - v out pin 3 - v in om 186 s r m device number isolated / non-isolated s = isolated package code r = d2 screening level downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of OM186SRM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X