Part Number Hot Search : 
STF1060C EDZ22 D74ALVC1 BU252 NX6306GK T22ZCT ATMEGA16 LTI210TD
Product Description
Full Text Search
 

To Download MUN2131 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.02 20120403 mun211 series pin 1 base (input) pin 3 collector (output) pin 2 emitter (ground) r 1 r 2 

 
 pnp silicon surface mount transistors with monolithic bias resistor network this new series of digital transistors is designed to replace a single device and its external resistor bias network. the brt (bias resistor transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. the brt eliminates these individual components by integrating them into a single device. the use of a brt can reduce both system cost and board space. the device is housed in the sot-23 package which is designed for low power surface mount applications. ? simplifies circuit design ? reduces board space ? reduces component count ? the sot-23 package can be soldered using wave or reflow. the modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. maximum ratings (t a = 25 c unless otherwise noted) rating symbol value unit collector-base voltage v cbo 50 vdc collector-emitter voltage v ceo 50 vdc collector current i c 100 madc thermal characteristics characteristic symbol max unit total device dissipation t a = 25 c derate above 25 c p d 246 (note 1.) 400 (note 2.) 1.5 (note 1.) 2.0 (note 2.) mw c/w thermal resistance ? junction-to-ambient r ja 508 (note 1.) 311 (note 2.) c/w thermal resistance ? junction-to-lead r jl 174 (note 1.) 208 (note 2.) c/w junction and storage temperature range t j ,t stg ?55 to +150 c 1. fr?4 @ minimum pad 2. fr?4 @ 1.0 x 1.0 inch pad sot?23 (to?236ab) 1 2 3 h
http://www.yeashin.com 2 rev.02 20120403 mun211 series device marking and resistor values mun2111 sot-23 a6a 10 10 3000/tape & reel mun2110 a6o 47 8 3000/tape & reel mun2112 a6b 22 22 3000/tape & reel mun2113 a6c 47 47 3000/tape & reel mun2114 a6d 10 47 3000/tape & reel mun2115 a6e 10 8 3000/tape & reel mun2116 a6f 4.7 8 3000/tape & reel mun2130 a6g 1.0 1.0 3000/tape & reel MUN2131 a6h 2.2 2.2 3000/tape & reel mun2132 a6j 4.7 4.7 3000/tape & reel mun2133 a6k 4.7 47 3000/tape & reel mun2134 a6l 22 47 3000/tape & reel i cbo - - 100 nadc collector-emitter cutoff current (v ce = 50 v, i b = 0) i ceo - - 500 nadc emitter-base cutoff current mun2111 (v eb = 6.0 v, i c = 0) mun2112 mun2113 mun2114 mun2115 mun2116 mun2130 MUN2131 mun2132 mun2133 mun2110 mun2134 i ebo 0.5 0.1 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 madc collector-base breakdown voltage (i c = 10 a, i e = 0) v (br)cbo 50 - - vdc collector-emitter breakdown voltage (note 4.) (i c = 2.0 ma, i b = 0) v (br)ceo 50 - - vdc 3. new devices. updated curves to follow in subsequent data sheets. 4. pulse test: pulse width < 300 s, duty cycle < 2.0% package marking r1 (k) r2 (k) shipping device electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics collector-base cutoff current (v cb = 50 v, i e = 0) ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? sot-23 sot-23 sot-23 sot-23 sot-23 sot-23 sot-23 sot-23 sot-23 sot-23 sot-23
http://www.yeashin.com 3 rev.02 20120403 mun211 series electrical characteristics (t a = 25 c unless otherwise noted) (continued) characteristic symbol min typ max unit dc current gain (v ce = 10 v, i c = 5.0 ma ) h fe 35 60 80 80 80 160 160 3.0 8.0 15 80 80 60 100 140 140 140 250 250 5.0 15 27 140 130 collector-emitter saturation voltage (i c = 10 ma, i b = 0.3 ma) (i c = 10 ma, i b = 5 ma) mun2130/MUN2131 (i c = 10 ma, i b = 1 ma) mun2115/mun2116/ mun2132/mun2133/mun2134 v ce(sat) - - 0.25 vdc output voltage (on) (v cc = 5.0 v, v b = 2.5 v, r l = 1.0 k ? ) mun2111 mun2112 mun2114 mun2114 mun2115 mun2116 mun2130 MUN2131 mun2132 mun2133 mun2134 (v cc = 5.0 v, v b = 3.5 v, r l = 1.0 k ? ) mun2113 v ol 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 vdc output voltage (off) (v cc = 5.0 v, v b = 0.5 v, r l = 1.0 k ? ) (v cc = 5.0 v, v b = 0.25 v, r l = 1.0 k ? ) mun2115 mun2116 MUN2131 mun2132 (v cc = 5.0 v, v b = 0.050 v, r l = 1.0 k ? ) mun2130 v oh 4.9 vdc input resisto r r 1 7.0 15.4 32.9 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 10 22 47 47 10 10 4.7 1.0 2.2 4.7 4.7 22 13 28.6 61.1 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 k ? resistor ratiomun2111/mun2112/mun2113 mun2114 mun2115/mun2116 /mun2110 mun2130/MUN2131/mun2132 mun2133 r 1 /r 2 0.8 0.17 - 0.8 0.055 1.0 0.21 - 1.0 0.1 1.2 0.25 - 1.2 0.185 5. pulse test: pulse width < 300 s, duty cycle < 2.0% on characteristics (note 5.) mun211 0 0.2 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? - - - - mun2111 mun2112 mun2113 mun2114 mun2115 mun2116 mun2130 MUN2131 mun2132 mun2133 mun2110 mun2134 mun2111 mun2112 mun2113 mun2114 mun2115 mun2116 mun2130 MUN2131 mun2132 mun2133 mun2110 mun2134
http://www.yeashin.com 4 rev.02 20120403 mun211 series device characteristics          

  
   
           ! " # $   
   
    %&'  ()
(
(         ! #    
   
   * +  , 
  
 (
-,   "      "              .
    /0   
  1+        "  2   (34 5              
 6
.       
   
      

                  "       figure 1. derating curve               (.
  ( 
   ,  7 ,


 (

7  8  ! 67 figure 2. v ce(sat) versus i c figure 3. dc current gain figure 4. output capacitance figure 5. output current versus input voltage figure 6. input voltage versus output current  
http://www.yeashin.com 5 rev.02 20120403 mun211 series device characteristics figure 7. v ce(sat) versus i c figure 8. dc current gain  
   
   * +  , 
  
 (
-,       "      figure 9. output capacitance
   
           "    

          figure 10. output current versus input voltage              

   "       
   
    ! " # $  figure 11. input voltage versus output current   %&'  ()
(
(        
   
     ! # "                    .
    /0   
  1+   2   (34 5                   
 6
.      
http://www.yeashin.com 6 rev.02 20120403 mun211 series device characteristics figure 12. v ce(sat) versus i c          
   
     

         "   figure 13. dc current gain figure 14. output capacitance       
   
       

     figure 15. output current versus input voltage * +  
  
 (
-,      
   
       figure 16. input voltage versus output current
   
        "     %&'  ()
(
(        # !        .
    /0   
  1+      ! " # $ 2   (34 5                   
 6
.    "    "     
http://www.yeashin.com 7 rev.02 20120403 mun211 series device characteristics    

            !#            ! #             .
     

  
   
   figure 17. v ce(sat) versus i c
   
     !#  %&'  ()
(
(    figure 18. dc current gain figure 19. output capacitance figure 20. output current versus input voltage  /0   
  1+ figure 21. input voltage versus output current
   
       2   (34 5          , 9  figure 22. inexpensive, unregulated current source typical application for pnp brts     "      "                      " 
 6
.  * +  , 
  
 (
-,   
   
         "       # !     # !     ! #  !"#$
http://www.yeashin.com 8 rev.02 20120403 mun211 series package outline & dimensions d j k l a c b s h g v 12 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 pin 1. base 2. emitter 3. collector 0.031 0.8 sot-23 3


▲Up To Search▲   

 
Price & Availability of MUN2131

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X