Part Number Hot Search : 
10206 2SC2271 SP237ACX 2SB1005 08140 ALVCH 2KMD80SJ FD103M
Product Description
Full Text Search
 

To Download MMSF4205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://onsemi.com 1 medium power surface mount products tmos single p-channel field effect transistors minimos ? devices are an advanced series of power mosfets which utilize motorola's high cell density hdtmos process. these miniature surface mount mosfets feature ultra low r ds(on) and true logic level performance. they are capable of withstanding high energy in the avalanche and commutation modes and the drain?to?source diode has a very low reverse recovery time. minimos devices are designed for use in low voltage, high speed switching applications where power efficiency is important. typical applications are dc?dc converters, and power management in portable and battery powered products such as computers, printers, cellular and cordless phones. they can also be used for low voltage motor controls in mass storage products such as disk drives and tape drives. the avalanche energy is specified to eliminate the guesswork in designs where inductive loads are switched and offer additional safety margin against unexpected voltage transients. ? ultra low r ds(on) provides higher efficiency and extends battery life ? logic level gate drive e can be driven by logic ics ? miniature so?8 surface mount package e saves board space ? diode is characterized for use in bridge circuits ? diode exhibits high speed, with soft recovery ? i dss specified at elevated temperature ? mounting information for so?8 package provided ? avalanche energy specified maximum ratings (t j = 25 c unless otherwise noted) negative sign for p?channel devices omitted for clarity rating symbol max unit drain?to?source voltage v dss 20 v drain?to?gate voltage (r gs = 1.0 m w ) v dgr 20 v gate?to?source voltage e continuous v gs 12 v 1 inch sq. fr?4 or g?10 pcb 10 seconds thermal resistance e junction to ambient total power dissipation @ t a = 25 c linear derating factor drain current @ t a = 25 c continuous @ t a = 70 c pulsed drain current (1) r thja p d i d i d i dm 50 2.5 20 10 8.0 50 c/w watts mw/ c a a a minimum fr?4 or g?10 pcb 10 seconds thermal resistance e junction to ambient total power dissipation @ t a = 25 c linear derating factor drain current @ t a = 25 c continuous @ t a = 70 c pulsed drain current (1) r thja p d i d i d i dm 80 1.6 12.5 8.8 6.4 44 c/w watts mw/ c a a a operating and storage temperature range t j , t stg ? 55 to 150 c single pulse drain?to?source avalanche energy e starting t j = 25 c (v dd = 20 vdc, v gs = 4.5 vdc, peak i l = 5.0 apk, l = 40 mh, r g = 25  ) e as 500 mj (1) repetitive rating; pulse width limited by maximum junction temperature. device marking ordering information s4205 device reel size tape width quantity s4205 MMSF4205r2 13 12 mm embossed tape 2500 units hdtmos and minimos are trademarks of motorola, inc. tmos is a registered trademark of motorola, inc. preferred devices are motorola recommended choices for future use and best overall value. this document contains information on a new product. specifications and information herein are subject to change without notice . order this document by MMSF4205/d motorola semiconductor technical data ? motorola, inc. 1999 case 751?06, style 12 so?8 MMSF4205 single tmos power mosfet 10 amperes 20 volts r ds(on) = 14 m  motorola preferred device ? source 1 2 3 4 8 7 6 5 top view source source gate drain drain drain drain d s g
MMSF4205 http://onsemi.com 2 electrical characteristics (t c = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics drain?to?source breakdown voltage (v gs = 0 vdc, i d = 250 m adc) temperature coefficient (positive) v (br)dss 20 e e 12.1 e e vdc mv/ c zero gate voltage drain current (v ds = 20 vdc, v gs = 0 vdc) (v ds = 20 vdc, v gs = 0 vdc, t j = 70 c) i dss e e e e 1.0 5.0 m adc gate?body leakage current (v gs = 12 vdc, v ds = 0) i gss e e 100 nadc on characteristics (1) gate threshold voltage (v ds = v gs , i d = 250 m adc) threshold temperature coefficient (negative) v gs(th) 0.6 e 0.8 2.7 e e vdc mv/ c static drain?to?source on?resistance (v gs = 4.5 vdc, i d = 10 adc) (v gs = 2.5 vdc, i d = 8.8 adc) r ds(on) e e 11 16 14 20 m w forward transconductance (v ds = 10 vdc, i d = 10 adc) g fs e 36 e mhos dynamic characteristics input capacitance (v 16 vd v 0vd c iss e 2600 3640 pf output capacitance (v ds = 16 vdc, v gs = 0 vdc, f = 1.0 mhz ) c oss e 1190 1670 transfer capacitance f = 1 . 0 mhz) c rss e 720 1010 switching characteristics (2) turn?on delay time t d(on) e 21 29 ns rise time (v dd = 10 vdc, i d = 1.0 adc, v gs =45vdc t r e 49 69 turn?off delay time v gs = 4.5 vdc, r g = 6.0 w ) (1) t d(off) e 137 192 fall time r g 6.0 w ) (1) t f e 150 210 gate charge q t e 60 70 nc (v ds = 10 vdc, i d = 10 adc, q 1 e 5.0 e (v ds 10 vdc , i d 10 adc , v gs = 4.5 vdc) (1) q 2 e 29 e q 3 e 13 e source?drain diode characteristics forward on?voltage (1) (i s = 2.1 adc, v gs = 0 vdc) (1) (i s = 2.1 adc, v gs = 0 vdc, t j = 125 c) v sd e e 0.7 0.6 1.2 e vdc reverse recovery time t rr e 80 100 ns (i s = 2.1 adc, v gs = 0 vdc, t a e 25 e (i s 2 . 1 adc , v gs 0 vdc , di s /dt = 100 a/ m s) (1) t b e 42 e reverse recovery stored charge q rr e 0.083 e m c (1) pulse test: pulse width 300 m s, duty cycle 2%. (2) switching characteristics are independent of operating junction temperature. (3) reflects typical values. c pk = max limit ? typ 3 x sigma (4) repetitive rating; pulse width limited by maximum junction temperature.
MMSF4205 http://onsemi.com 3 typical electrical characteristics 10 v r ds(on) , drain-to-source resistance (normalized) r ds(on) , drain-to-source resistance (ohms) 0 8 16 20 v ds , drain-to-source voltage (volts) figure 1. on?region characteristics i d , drain current (amps) 02 0 8 16 i d , drain current (amps) v gs , gate-to-source voltage (volts) figure 2. transfer characteristics 2 04 10 0 0.012 048 16 0.020 v gs , gate-to-source voltage (volts) figure 3. on?resistance versus gate?to?source voltage i d , drain current (amps) figure 4. on?resistance versus drain current and gate voltage 1.5 2.0 41216 1 100 1000 t j , junction temperature ( c) figure 5. on?resistance variation with temperature v ds , drain-to-source voltage (volts) figure 6. drain?to?source leakage current versus voltage i dss , leakage (na) v ds 10 v t j = 100 c 25 c -55 c t j = 25 c v gs = 0 v i d = 8.8 a t j = 25 c v gs = 2.5 v v gs = 2.5 v i d = 8.8 a 68 4.5 v -50 -25 0 25 50 75 100 125 150 t j = 125 c 1.0 10 100 c r ds(on) , drain-to-source resistance (ohms) 0 0.2 0.4 1.2 0.6 1.0 1.4 1.6 2.0 4 12 4 12 20 0.008 0.004 0.008 0.012 0 0.5 0 0.01 0.020 0.004 12 25 c 0.8 1.8 v gs = 10 v thru 1.7 v t j = 25 c 1.9 v 2.3 v 2.5 v 3.1 v 4.5 v 1 0 10000 8 2.1 v 1.7 v 0.016 0.016 0.1
MMSF4205 http://onsemi.com 4 power mosfet switching switching behavior is most easily modeled and predicted by recognizing that the power mosfet is charge controlled. the lengths of various switching intervals ( d t) are determined by how fast the fet input capacitance can be charged by current from the generator. the published capacitance data is difficult to use for calculating rise and fall because drain?gate capacitance varies greatly with applied voltage. accordingly, gate charge data is used. in most cases, a satisfactory estimate of average input current (i g(av) ) can be made from a rudimentary analysis of the drive circuit so that t = q/i g(av) during the rise and fall time interval when switching a resistive load, v gs remains virtually constant at a level known as the plateau voltage, v sgp . therefore, rise and fall times may be approximated by the following: t r = q 2 x r g /(v gg ? v gsp ) t f = q 2 x r g /v gsp where v gg = the gate drive voltage, which varies from zero to v gg r g = the gate drive resistance and q 2 and v gsp are read from the gate charge curve. during the turn?on and turn?off delay times, gate current is not constant. the simplest calculation uses appropriate values from the capacitance curves in a standard equation for voltage change in an rc network. the equations are: t d(on) = r g c iss in [v gg /(v gg ? v gsp )] t d(off) = r g c iss in (v gg /v gsp ) the capacitance (c iss ) is read from the capacitance curve at a voltage corresponding to the off?state condition when calculating t d(on) and is read at a voltage corresponding to the on?state when calculating t d(off) . at high switching speeds, parasitic circuit elements complicate the analysis. the inductance of the mosfet source lead, inside the package and in the circuit wiring which is common to both the drain and gate current paths, produces a voltage at the source which reduces the gate drive current. the voltage is determined by ldi/dt, but since di/dt is a function of drain current, the mathematical solution is complex. the mosfet output capacitance also complicates the mathematics. and finally, mosfets have finite internal gate resistance which effectively adds to the resistance of the driving source, but the internal resistance is difficult to measure and, consequently, is not specified. the resistive switching time variation versus gate resistance (figure 9) shows how typical switching performance is affected by the parasitic circuit elements. if the parasitics were not present, the slope of the curves would maintain a value of unity regardless of the switching speed. the circuit used to obtain the data is constructed to minimize common inductance in the drain and gate circuit loops and is believed readily achievable with board mounted components. most power electronic loads are inductive; the data in the figure is taken with a resistive load, which approximates an optimally snubbed inductive load. power mosfets may be safely operated into an inductive load; however, snubbing reduces switching losses. v ds , drain-to-source voltage (volts) c, capacitance (pf) 2000 8000 figure 7. capacitance variation -10 0 5 10 -5 t j = 25 c c iss c oss c rss 12000 15 20 0 4000 6000 c iss c rss v ds = 0 v v gs = 0 v v ds v gs 10000
MMSF4205 http://onsemi.com 5 figure 8. gate?to?source and drain?to?source voltage versus total charge r g , gate resistance (ohms) 1101 100 10 t, time (ns) t j = 25 c i d = 10 a v dd = 10 v v gs = 4.5 v t r t d(on) figure 9. resistive switching time variation versus gate resistance 10 v gs , gate-to-source voltage (volts) 2 0 0 1 0 q g , total gate charge (nc) v ds , drain-to-source voltage (volts) 5 10 20 40 t j = 25 c v gs = 4.5 v v ds = 10 v i d = 10 a 30 v ds v gs q2 q3 q1 70 1000 t f 3 2 4 6 4 8 qt 50 t d(off) 60 drain?to?source diode characteristics the switching characteristics of a mosfet body diode are very important in systems using it as a freewheeling or commutating diode. of particular interest are the reverse recovery characteristics which play a major role in determining switching losses, radiated noise, emi and rfi. system switching losses are largely due to the nature of the body diode itself. the body diode is a minority carrier device, therefore it has a finite reverse recovery time, t rr , due to the storage of minority carrier charge, q rr , as shown in the typical reverse recovery wave form of figure 16. it is this stored charge that, when cleared from the diode, passes through a potential and defines an energy loss. obviously, repeatedly forcing the diode through reverse recovery further increases switching losses. therefore, one would like a diode with short t rr and low q rr specifications to minimize these losses. the abruptness of diode reverse recovery effects the amount of radiated noise, voltage spikes, and current ringing. the mechanisms at work are finite irremovable circuit parasitic inductances and capacitances acted upon by high di/dts. the diode's negative di/dt during t a is directly controlled by the device clearing the stored charge. however, the positive di/dt during t b is an uncontrollable diode characteristic and is usually the culprit that induces current ringing. therefore, when comparing diodes, the ratio of t b /t a serves as a good indicator of recovery abruptness and thus gives a comparative estimate of probable noise generated. a ratio of 1 is considered ideal and values less than 0.5 are considered snappy. compared to motorola standard cell density low voltage mosfets, high cell density mosfet diodes are faster (shorter t rr ), have less stored charge and a softer reverse recovery characteristic. the softness advantage of the high cell density diode means they can be forced through reverse recovery at a higher di/dt than a standard cell mosfet diode without increasing the current ringing or the noise generated. in addition, power dissipation incurred from switching the diode will be less due to the shorter recovery time and lower switching losses. 0 0.2 0.4 0.6 1.0 0 1 2 v sd , source-to-drain voltage (volts) figure 10. diode forward voltage versus current i s , source current (amps) 4 v gs = 0 v t j = 25 c 3 0.8
MMSF4205 http://onsemi.com 6 i s , source current t, time figure 11. reverse recovery time (t rr ) di/dt = 300 a/ m s standard cell density high cell density t b t rr t a t rr safe operating area the forward biased safe operating area curves define the maximum simultaneous drain?to?source voltage and drain current that a transistor can handle safely when it is forward biased. curves are based upon maximum peak junction temperature and a case temperature (t c ) of 25 c. peak repetitive pulsed power limits are determined by using the thermal response data in conjunction with the procedures discussed in an569, atransient thermal resistance ? general data and its use.o switching between the off?state and the on?state may traverse any load line provided neither rated peak current (i dm ) nor rated voltage (v dss ) is exceeded, and that the transition time (t r , t f ) does not exceed 10 m s. in addition the total power averaged over a complete switching cycle must not exceed (t j(max) ? t c )/(r q jc ). a power mosfet designated e?fet can be safely used in switching circuits with unclamped inductive loads. for reliable operation, the stored energy from circuit inductance dissipated in the transistor while in avalanche must be less than the rated limit and must be adjusted for operating conditions differing from those specified. although industry practice is to rate in terms of energy, avalanche energy capability is not a constant. the energy rating decreases non?linearly with an increase of peak current in avalanche and peak junction temperature. figure 12. maximum rated forward biased safe operating area 0.1 v ds , drain-to-source voltage (volts) 0.1 1 i d , drain current (amps) r ds(on) limit thermal limit package limit v gs = 2.5 v single pulse t c = 25 c 10 dc 1 100 100 figure 13. maximum avalanche energy versus starting junction temperature 25 t j , starting junction temperature ( c) 100 e as , single pulse drain-to-source 75 0 50 400 1 5 100 125 200 avalanche energy (mj) 10 10 ms 1 ms 100  s v dd = 20 v v gs = 4.5 v i l = 5.0 a l = 40 mh r g = 25  300 500
MMSF4205 http://onsemi.com 7 typical electrical characteristics figure 14. thermal response di/dt t rr t a t p i s 0.25 i s time i s t b figure 15. diode reverse recovery waveform t, time (s) rthja(t), effective transient thermal resistance 1 0.1 0.01 d = 0.5 single pulse 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.2 0.1 0.05 0.02 0.01 1.0e+02 1.0e+03 0.001 10 0.0163 w 0.0652 w 0.1988 w 0.6411 w 0.9502 w 72.416 f 1.9437 f 0.5541 f 0.1668 f 0.0307 f chip ambient normalized to q ja at 10s.
MMSF4205 http://onsemi.com 8 information for using the so?8 surface mount package minimum recommended footprint for surface mounted applications surface mount board layout is a critical portion of the total design. the footprint for the semiconductor packages must be the correct size to ensure proper solder connection interface between the board and the package. with the correct pad geometry, the packages will self?align when subjected to a solder reflow process. mm inches 0.060 1.52 0.275 7.0 0.024 0.6 0.050 1.270 0.155 4.0 so?8 power dissipation the power dissipation of the so?8 is a function of the input pad size. this can vary from the minimum pad size for soldering to the pad size given for maximum power dissipation. power dissipation for a surface mount device is determined by t j(max) , the maximum rated junction temperature of the die, r q ja , the thermal resistance from the device junction to ambient; and the operating temperature, t a . using the values provided on the data sheet for the so?8 package, p d can be calculated as follows: p d = t j(max) ? t a r q ja the values for the equation are found in the maximum ratings table on the data sheet. substituting these values into the equation for an ambient temperature t a of 25 c, one can calculate the power dissipation of the device which in this case is 1.6 watts. p d = 150 c ? 25 c 80 c/w = 1.6 watts the 80 c/w for the so?8 package assumes the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 1.6 watts using the footprint shown. another alternative would be to use a ceramic substrate or an aluminum core board such as thermal clad ? . using board material such as thermal clad, the power dissipation can be doubled using the same footprint. soldering precautions the melting temperature of solder is higher than the rated temperature of the device. when the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. ? always preheat the device. ? the delta temperature between the preheat and soldering should be 100 c or less.* ? when preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. when using infrared heating with the reflow soldering method, the difference shall be a maximum of 10 c. ? the soldering temperature and time shall not exceed 260 c for more than 10 seconds. ? when shifting from preheating to soldering, the maximum temperature gradient shall be 5 c or less. ? after soldering has been completed, the device should be allowed to cool naturally for at least three minutes. gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. ? mechanical stress or shock should not be applied during cooling. * soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device.
MMSF4205 http://onsemi.com 9 typical solder heating profile for any given circuit board, there will be a group of control settings that will give the desired heat pattern. the operator must set temperatures for several heating zones and a figure for belt speed. taken together, these control settings make up a heating aprofileo for that particular circuit board. on machines controlled by a computer, the computer remembers these profiles from one operating session to the next. figure 16 shows a typical heating profile for use when soldering a surface mount device to a printed circuit board. this profile will vary among soldering systems, but it is a good starting point. factors that can affect the profile include the type of soldering system in use, density and types of components on the board, type of solder used, and the type of board or substrate material being used. this profile shows temperature versus time. the line on the graph shows the actual temperature that might be experienced on the surface of a test board at or near a central solder joint. the two profiles are based on a high density and a low density board. the vitronics smd310 convection/infrared reflow soldering system was used to generate this profile. the type of solder used was 62/36/2 tin lead silver with a melting point between 177 ?189 c. when this type of furnace is used for solder reflow work, the circuit boards and solder joints tend to heat first. the components on the board are then heated by conduction. the circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. because of this effect, the main body of a component may be up to 30 degrees cooler than the adjacent solder joints. step 1 preheat zone 1 ramp" step 2 vent soak" step 3 heating zones 2 & 5 ramp" step 4 heating zones 3 & 6 soak" step 5 heating zones 4 & 7 spike" step 6 vent step 7 cooling 200 c 150 c 100 c 50 c time (3 to 7 minutes total) t max solder is liquid for 40 to 80 seconds (depending on mass of assembly) 205 to 219 c peak at solder joint desired curve for low mass assemblies 100 c 150 c 160 c 170 c 140 c figure 16. typical solder heating profile desired curve for high mass assemblies
MMSF4205 http://onsemi.com 10 package dimensions case 751?06 so?8 issue t seating plane 1 4 5 8 a 0.25 m cb ss 0.25 m b m h  c x 45  l dim min max millimeters a 1.35 1.75 a1 0.10 0.25 b 0.35 0.49 c 0.19 0.25 d 4.80 5.00 e 1.27 bsc e 3.80 4.00 h 5.80 6.20 h 0 7 l 0.40 1.25  0.25 0.50   notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. dimensions are in millimeter. 3. dimension d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.127 total in excess of the b dimension at maximum material condition. d e h a b e b a1 c a 0.10 style 12: pin 1. source 2. source 3. source 4. gate 5. drain 6. drain 7. drain 8. drain
MMSF4205 http://onsemi.com 11 notes
MMSF4205 http://onsemi.com 12 motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, represe ntation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the applicati on or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operatin g parameters, including at ypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under it s patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical imp lant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a s ituation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expens es, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motoro la, inc. motorola, inc. is an equal opportunity/affirmative action employer. mfax is a trademark of motorola, inc. how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : motorola japan ltd.; spd, strategic planning office, 141, p.o. box 5405, denver, colorado 80217. 1?303?675?2140 or 1?800?441?2447 4?32?1 nishi?gotanda, shinagawa?ku, tokyo, japan. 81?3? 5487?8488 customer focus center: 1?800?521?6274 mfax ? : rmfax0@email.sps.mot.com ? t ouchtone 1?602?244?6609 asia / pacific : motorola semiconductors h.k. ltd.; silicon harbour centre, motorola fax back system ? us & canada only 1?800?774?1848 2, dai king street, tai po industrial estate, tai po, n.t., hong kong. ? http://sps.motorola.com/mfax/ 852?26629298 home page : http://motorola.com/sps/ MMSF4205/d ?


▲Up To Search▲   

 
Price & Availability of MMSF4205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X