Part Number Hot Search : 
MSZ522 87758 XFATM6TH 02201 TIP12 IRF730 02201 BU7441G
Product Description
Full Text Search
 

To Download MC36220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mountable ptc resettable fuse page <1> 17/05/11 v1.1 http://www.farnell.com http://www.newark.com http://www.cpc.co.uk specifications: applications : all high-density boards. product features : small surface mountable, solid state, faster time to trip than standard smd devices, lower resistance than standard smd devices. maximum voltage : 6v to 15v. temperature range : -40c to 85c. electrical characteristics (23c) hold current trip current rated voltage maximum current typical power maximum time to trip resistance part number current time r min r1 max i h, a i t, a v max, v dc i max, a p d, w amperes seconds ? ? ? ? 0.20 0.50 9 100 0.5 8.00 0.02 0.400 3.500 mc36206 0.35 0.75 6 100 0.5 8.00 0.10 0.250 1.200 mc36210 0.50 1.00 6 100 0.5 8.00 0.10 0.150 0.850 mc36213 0.75 1.50 6 40 0.6 8.00 0.20 0.090 0.350 mc36215 1.00 1.95 6 40 0.6 8.00 0.30 0.060 0.210 MC36220 i h = hold current-maximum current at which the device will not trip at 23c still air. i t = trip current-minimum current at which the device will always trip at 23c still air. v max = maximum voltage device can withstand without damage at it rated current (i maximum). i max = maximum fault current device can withstand without damage at rated voltage (v maximum). p d = typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23c still air environment. r min = minimum device resistance at 23c prior to tripping. r1 max = maximum device resistance at 23c measured 1 hour after tripping or reflow soldering of 260c for 20 seconds. termination pad characteristics termination pad materials: pure tin. production dimensions (millimeter) ul : e-345437
surface mountable ptc resettable fuse page <2> 17/05/11 v1.1 http://www.farnell.com http://www.newark.com http://www.cpc.co.uk a b c d e figure part number minimum maximum minimum maximum minimum maximum minimum maximum minimum maximum 2.00 2.30 1.20 1.50 0.55 1.00 0.20 0.60 1 mc36206 2.00 2.30 1.20 1.50 0.45 0.75 0.20 0.60 1 mc36210 2.00 2.20 1.20 1.50 0.55 1.25 0.20 0.60 0.10 0.45 2 mc36213 2.00 2.20 1.20 1.50 0.55 1.25 0.20 0.60 0.10 0.45 2 mc36215 2.00 2.20 1.20 1.50 0.75 1.80 0.20 0.60 0.10 0.45 2 MC36220 dimensions table thermal derating curve thermal derating curve ambient temperature (c) percent of rated hold and trip current dimensions : millimetres typical time-to-trip at 23c b = mc36206 c = mc36210 d = mc36213 e = mc36215 f = MC36220 fault current (a) time-to-trip (s)
surface mountable ptc resettable fuse page <3> 17/05/11 v1.1 http://www.farnell.com http://www.newark.com http://www.cpc.co.uk material specification terminal pad material : pure tin. soldering characteristics : meets eia specification rs 186-9e, ansi/j-std-002 category 3. pad layouts solder reflow and rework recommendations the dimension in the table below provide the recommended pad layout for each 0805 device. device a nominal b nominal c nominal all 0805 series 1.20 1.00 1.50 profile feature pb-free assembly average ramp-up rate (t s maximum to t p ) 3c/second maximum preheat: temperature minimum (t s minimum) temperature maximum (t s maximum) time (t s minimum to t s maximum) 150c 200c 60-180 seconds time maintained above: temperature (t l ) time (t l ) 217c 60-150 seconds peak/classification temperature (t p ): 260c time within 5c of actual peak: temperature (t p ) 20-40 seconds ramp-down rate: 6c/second maximum time 25c to peak temperature: 8 minutes maximum solder reflow due to ?lead free? nature, temperature and dwelling time for the soldering zone is higher than those for regular. this may caus e damage to other components. 1. recommended max past thickness > 0.25mm. 2. devices can be cleaned using standard methods and aqueous solvent. 3. rework use standard industry practices. 4. storage environment : < 30c/60% rh. caution: 1. if reflow temperatures exceed the recommended profile, devices may not meet the performance requirements. 2. devices are not designed to be wave soldered to the bottom side of the board. note 1: all temperatures refer to of the package, measured on the package body surface. pad dimensions dimensions : millimetres


▲Up To Search▲   

 
Price & Availability of MC36220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X