Part Number Hot Search : 
KRX105E MC68185 4425B KRX105E 216BAR P3055 E002665 MTRPB
Product Description
Full Text Search
 

To Download MAAV-007088-000100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 pin diode based variable attenuator, 50 - 1000 mhz rev. v2 maav - 007088 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: features ? high dynamic range: 42db typical ? flat attenuation vs. frequency ? high p1db compression ? operates on a single +5v supply: ? 50 ohm nominal impedance ? lead - free sow - 16 package ? 100% matte tin plating over copper ? halogen - free green mold compound ? 260c reflow compatible ? rohs* compliant version of at10 - 0019 description m/a - com's maav - 007088 - 000100 is a voltage controlled pin diode based ? attenuator packaged in a low cost, 16 lead wide body plastic smt package. the pin diode design makes this part well suited for applications where low distortion or high linear operating power levels are required. these attenuators are ideal for gain control in multi - channel digital communications systems. ordering information part number package maav - 007088 - 000100 bulk packaging maav - 007088 - 0001tr 1000 piece reel maav - 007088 - 0001tb sample test board note: reference application note m513 for reel size information. functional schematic pin configuration pin no. function pin no. function 1 gnd 9 gnd 2 rf in 10 v control 3 gnd 11 gnd 4 gnd 12 gnd 5 gnd 13 gnd 6 gnd 14 gnd 7 v supply 15 rf out 8 gnd 16 gnd * restrictions on hazardous substances, european union directive 2002/95/ec.
2 pin diode based variable attenuator, 50 - 1000 mhz rev. v2 maav - 007088 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: electrical specifications: t a = 25 c, z 0 = 50 ? 1 parameter frequency units min typ max test conditions insertion loss 50 - 1000 mhz db 2.4 2.8 vcont.: +10 v dynamic range 50 - 1000 mhz db 33 42 vcont.: 0 v attenuation flatness 50 - 1000 mhz 50 - 1000 mhz db db 1.0 1.5 1.5 2.0 attenuation: 0 to 20 db attenuation: 20 to 30 db vswr 50 - 1000 mhz ratio 1.7:1 2.1:1 vcont.: 0 - 10v trise, tfall ton, toff transients s s mv 10 15 150 20 25 250 10%/90%, 90%/10% 50% cntl to 90%/10% rf in - band 1 db compression 100 mhz 500 mhz 1000 mhz dbm dbm dbm 10 17 21 13 20 24 vcont.: 0 - 10v input ip 3 100 mhz 1000 mhz dbm dbm 24 34 27 37 vcont.: 0 - 10v two - tone inputs up to +10 dbm v cc v +4.75 +5.0 +5.25 i cc dc ma 2 2.5 v cc = 5.25 v control current dc ma 2.7 3.5 1. unit requires external .01 f dc blocks on rf lines. absolute maximum ratings 2,3 parameter absolute maximum max. input power 50 - 500 mhz 500 - 1000 mhz +24 dbm +30 dbm voltages v cc control voltage - 1 v to +7.0 v - 1 v to +15 v operating temperature - 40 c to +85c storage temperature - 65 c to +125c 2. exceeding any one or combination of these limits may cause permanent damage to this device. 3. m/a - com does not recommend sustained operation near these survivability limits. handling procedures please observe the following precautions to avoid damage: static sensitivity gallium arsenide integrated circuits are sensitive to electrostatic discharge (esd) and can be damaged by static electricity. proper esd control techniques should be used when handling these devices. pad layout maav - 007088 - 000100 pad layout dimensions are in inches all undefined pins are connected to ground
3 pin diode based variable attenuator, 50 - 1000 mhz rev. v2 maav - 007088 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: attenuation vs. control voltage @ 500 mhz insertion loss vs. frequency @ control voltage = 10v typical performance curves attenuation vs. frequency @ control voltage = 0v -60 -55 -50 -45 -40 -35 -30 50 335 620 905 fre que ncy (mhz ) attenuation (db) -45 -35 -25 -15 -5 0 1 2 3 4 5 6 7 8 9 10 control voltage (v) attenuation (db) -2.5 -2.0 -1.5 -1.0 -0.5 0.0 50 335 620 905 fre que ncy (mhz ) il (db)
4 pin diode based variable attenuator, 50 - 1000 mhz rev. v2 maav - 007088 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: lead - free, sow - 16 ? ? reference application note m538 for lead - free solder reflow recommendations.
5 pin diode based variable attenuator, 50 - 1000 mhz rev. v2 maav - 007088 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: m/a - com technology solutions inc. all rights reserved. information in this document is provided in connection with m/a - com technology solutions inc ("macom") products. these materials are provided by macom as a service to its customers and may be used for informational purposes only. except as provided in macom's terms and conditions of sale for such products or in any separate agreement related to this document, macom assumes no liability whatsoever. macom assumes no responsibility for errors or omissions in these materials. macom may make changes to specifications and product descriptions at any time, without notice. macom makes no commitment to update the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to its specifications and product descriptions. no license, express or implied, by estoppels or otherwise, to any intellectual property rights is granted by this document. these materials are provided "as is" without warranty of any kind, either express or implied, relating to sale and/or use of macom products including liability or warranties relating to fitness for a particular purpose, consequential or incidental damages, merchantability, or infringement of any patent, copyright or other intellectual property right. macom further does not warrant the accuracy or completeness of the information, text, graphics or other items contained within these materials. macom shall not be liable for any special, indirect, incidental, or consequential damages, including without limitation, lost revenues or lost profits, which may result from the use of these materials. macom products are not intended for use in medical, lifesaving or life sustaining applications. macom customers using or selling macom products for use in such applications do so at their own risk and agree to fully indemnify macom for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of MAAV-007088-000100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X