Part Number Hot Search : 
IRLML ELECTRON 2MS02B C2719 MV3X50 MMBZ5244 D2050 FP7281
Product Description
Full Text Search
 

To Download HVC1206H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  riedon inc. 300 cypress avenue alhambra ca 91801 (626) 284-990 1 (626) 284-1704 www.riedon.com page: 8 04/17 type 0402 5 0603 6 0805 6 1206 1210 2512 4020 power rating ( w ) 4 0.05 0.10 0.125 0.25 0.35 1.0 1 2.0 1 working voltage ( vac ) trimmed 30 75 100 200 300 1500 4000 untrimmed (> 5%) 60 150 200 400 600 2000 6000 resistance range ( ? ) tolerances available ( % ) temperature coef? cients available ( ppm/c ) 2 voltage coef? cients available ( ppm / v ) 3 10m - 100m 5 /10 / 20% 50, 100 500 ppm/v 1/5/10/20% 50, 100 500 ppm/v . 5/1/5/10/ 20% 50, 100 500 ppm/v . 5/1/5/10/ 20% 25, 50, 100 250 ppm/v . 5/1/5/10/20% 25, 50, 100 25 ppm/v . 5/1/5/10/20% 25, 50, 100 25 ppm/v . 25/ . 5/1/5/10% 25, 50, 100 10 ppm/v >100m - 500m 5 /10 / 20% 100, 250 1000 ppm/v 2/5/10/20% 100, 250 500 ppm/v 2/5/10/20% 100, 250 500 ppm/v 2/5/10/20% 50, 100, 250 500 ppm/v 2/5/10/20% 50, 100, 250 250 ppm/v 1/5/10/20% 25, 50, 100 50 ppm/v . 5/1/5/10/20% 25, 50, 100 25 ppm/v >500m - 1g 5 /10 / 20% 250, 500 1000 ppm/v 5 /10 / 20% 250, 500 500 ppm/v 5 /10 / 20% 250, 500 500 ppm/v 5 /10 / 20% 100, 250 500 ppm/v 5 /10 / 20% 100, 250 250 ppm/v 1/5/10/20% 100, 250 50 ppm/v 1/5/10/20% 25, 50, 100 25 ppm/v >1g - 10g 10 / 20 / 30% 1000, 2000 2000 ppm/v 5/10/20/30% 500, 1000 1000 ppm/v 5 / 10 / 20% 500, 1000 1000 ppm/v 5 / 10 / 20% 500, 1000 500 ppm/v 5 / 10 / 20% 250, 500 250 ppm/v 2/5/10/20% 100, 250 100 ppm/v 2/5/10/20% 50, 100 50 ppm/v >10g - 100g 10 / 20 / 30% 2000, 3000 5000 ppm/v 10 / 20 / 30% 1000, 2000 3000 ppm/v 10 / 20 / 30% 1000, 2000 3000 ppm/v 10 / 20 / 30% 1000, 2000 1000 ppm/v 5 / 10 / 20% 500, 1000 500 ppm/v 5 / 10 / 20% 250, 500 250 ppm/v 5/10/20/30% 100, 250 100 ppm/v >100g - 1t on request on request see hvs see hvs 10 / 20 / 30% 1000, 2000 2000 ppm/v 10 / 20 / 30% 500, 1000 1000 ppm/v 10 / 20 / 30% 500 / 1000 500 ppm/v hvc series ? resistances from 10m to 1t ohms ? power rating 0.05 to 1.5 watts ? resistance tolerances to 0.25% ? tcrs to 25 ppm/c ? non-magnetic ? high value thick film resistance element ? sizes, 0402, 0603, 0805, 1206, 1210, 2512, 4020 ? special high temperature version to 300c (h) (see ordering information below) specifications high resistance, thick film chip resistors 1) solder pads must have suf? cient heat conduction 2) tcr in ppm/k; +25c to +125c; tcr below standard tcr (highest value) and values >100g; +25c to +85c 3) vcr: typical values, all negative, not for all tcr values available 4) continuous operating voltage: v (p*r) or max. working voltage (the lower value) 5) best tolerance for high temp version is 5% 6) best tolerance for high temp version is 2%
riedon inc. 300 cypress avenue alhambra ca 91801 (626) 284-990 1 (626) 284-1704 www.riedon.com page: 9 04/17 speci? cation value temperature range -55c to +155c (standard) -55c to +300c (high temperature version, tcr valid +25c to +125c ) climatic category 55 / 155 / 56 solderability 250c, 3s terminal finish platinum / silver (ptag) max. soldering temperature 260c, 10s long term stability max ? r <1 g ? 1 g ? - 10 g ? >10 g ? storage 125c, 1000h <1% <2% <5% load life 70c, 1000h <0.5% <1% <2% maximum voltage, 1000h <0.5% <1% <2% hvc series high resistance, thick film chip resistors type dimensions (mm) l b d c hvc 0402 / hvc 0402h 0.95 0.10 / -0.05 0.48 0.10 / -0.05 0.28 0.1 / -0.05 0.10 +0.1 / -0.05 hvc 0603 / hvc 0603h 1.50 +0.15 / -0.05 0.80 +0.15 / -0.05 0.40 +0.15 / -0.05 0.20 +0.2 / -0.1 hvc 0805 / hvc 0805h 2.00 +0.15 / -0.05 1.25 +0.15 / -0.05 0.40 +0.15 / -0.05 0.30 +0.2 / -0.1 hvc 1206 / hvc 1206h 3.20 +0.15 / -0.05 1.50 +0.2 / -0.05 0.40 +0.15 / -0.05 0.30 +0.2 / -0.1 hvc 1210 / hvc 1210h 3.20 +0.15 / -0.05 2.50 +0.2 / -0.05 0.50 +0.15 / -0.05 0.80 0.2 hvc 2512 / hvc 2512h 6.30 +0.15 / -0.05 3.50 +0.2 / -0.05 0.60 +0.15 / -0.05 0.90 0.2 hvc 4020 / hvc 4020h 10.2 +0.15 / -0.05 5.10 +0.2 / -0.05 0.60 +0.15 / -0.05 0.90 0.2 packaging:bulk or blistertape to iec 60286-3 tape width 8mm / reel diameter 180 or 330mm minimum quantity bulk / 100 pieces per value (30pcs per value for sizes 2512 & 4020) minimum quantity tape & reel / 500 pieces per valu e ( note: except size 0402 / 1000 pieces per value) ordering information standard part description: part type - resistance - tolerance - tcr example: hvc 0603 100m ohms 5% 50ppm ( note: if no tcr is speci? ed, the highest value will be supplied) high temperature part description ( h ): part type h - resistance - tolerance - tcr example: hvc 0603 h 100m ohms 5% 50ppm ( note: if no tcr is speci? ed, the highest value will be supplied ) 0 50 100 150 200 250 300 350 0 20 40 60 80 100 120 power ( % ) ambient temperature (c) power derating curve (h) version standard


▲Up To Search▲   

 
Price & Availability of HVC1206H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X