Part Number Hot Search : 
W04P15 DMN20 24C00ISN APTGF 07104GOA DC24V LM393A AD8212
Product Description
Full Text Search
 

To Download GS1000FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gs1008fl 65 4 gs1010fl gs1006fl gs1004fl gs1003fl gs1002fl GS1000FL GS1000FL - gs1010fl 10.0 1.1 voltage range: 50 - 1000v plastic body over passivated chip method 2026 : color band denotes cathode end : any :0.0007 ounce, 0.02 grams a m pf c 700 1000 v rrm v rms v dc i (av) i fsm v f 1.0 25.0 maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t a =65 c (note 1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =125 c i r 50.0 t l =25 c c j operating junction and storage temperature range t j , t stg -50 to +150 70 100 280 400 140 200 420 600 560 800 35 50 case terminals polarity mounting position weight 50 100 200 400 600 800 1000 : jedec sod-123fl molded : plated axial leads, solderable per mil-std-750, features mechanical data current: 1.0 a maximum ratings and electrical characteristics t a = 25 c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. note: 3.thermal resistance from junction to ambient at 0.375 ? (9.5mm)lead length,p.c.b. mounted 2.measured at 1mhz and applied reverse voltage of 4.0v d.c. 1.averaged over any 20ms period. typical junction capacitance (note 2) r q ja typical thermal resistance (note 3) k/w ! ! ! ! ! ! ! ! ! ! for surface mounted applications low profile package ideal for automated placement high temperature glass passivated chip junction ! ! soldering : 260c /10 seconds at terminals 1 of 2 www.sunmate.tw surface mount rectifier diodes v v v a a v characteristic symbol unit 3.58 3.72 0.55 0.57 0.53 0.15 0.17 0.13 e d 1.00 1.03 0.097 1.05 1.08 1.02 1 1.80 1.83 1.77 2.75 2.78 2.72 a 3.65 3 sod-123fl dim min max typ b c h l all dimensions in mm a e l b c e h d
2 of 2 fig.3typicalreversecharacteristics characteristics 3.0 2.0 1.0 0 0 50 100 150 0.5 1.5 2.5 lead temperature, c o percent of peak reverse voltage,% average forward rectified current, amperes instantaneous reverse current,ua 100 1.0 0.01 20 40 60 80 100 0.001 0.1 0 10 t=25c j o t=75c j o t =125 c j o 100 40 20 10 4.0 2.0 1.0 0.4 0.2 0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.4 instantaneous forward voltage, volts instantaneous forward current, amperes 10 0.1 1.0 100 1000 1 2 5 10 20 50 100 capacitance, pf t=25c j o reverse voltage, volts fig.2-typicalinstantaneousforward fig.4typicaljunctioncapacitance ratingandcharacteristiccurves fig.1forwardcurrentderatingcurve www.sunmate.tw


▲Up To Search▲   

 
Price & Availability of GS1000FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X