Part Number Hot Search : 
HD74LV 90160 013TR 9F002 80N06 2SB14 MC10E XFADSL16
Product Description
Full Text Search
 

To Download CJM7201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changjiang electronics technology co., l td dfnwb2x2-6l-u plastic-encap sulate mosfets www.cj-elec.com 1 c , jun ,2016 CJM7201 n-channel +p-channel mosfet fea ture application marking equivalent circuit dfnwb2 2-6 l -u ? surface mount package ? trenchfet power mosfet ? high density cell design for low r ds( o n) ? v o lt age cont rolled small signal switch ? rugg ed an d reliable ? high saturation current capability ? ? load switch for portable devices dc/dc converter absolute maximum ratings (t a =25 unless other w is e noted) parameter symbol value unit n-mosfet drain-source voltage v ds 60 v gate-source voltage v gs 20 v continuous drain current (not e 1) i d 0.115 a pulsed drain current (tp=10us) i dm 0.46 a p-mosfet drain-source voltage v ds -20 v gate-source voltage v gs 8 v continuous drain current (not e 1) i d -2.3 a pulsed drain current (tp=10us) i dm -10 a temperature and thermal resistance thermal resistance from junction to ambient (note 1) r ja 167 /w junction temperature t j 150 storage temperature t stg -55~+150 lead temperature for soldering purposes( 1/8?? from case for 10 s) t l 260 v (br)dss r ds(on) max i d 60v 7 ? @10v 0.115a 7 ? @5v -20v 112m ? @-4.5v -2.3a 142m ? @-2.5v
zzzfmhohffrp  c,jun,2016 026)(7(/(&75,&$/&+$5$&7(5,67,&6 n-ch mosfet electrical characteristics(t a =25 unless otherwise noted) parameter symbol te st condition min typ max unit static ch aracteristics drain-source b reakdown voltage v (br)dss v gs = 0v, i d =250a 60 v zero gate voltage dra in current i dss v ds =60v,v gs = 0v 80 na gate-body leakage curr ent i gss v gs =20v, v ds = 0v 80 na gate threshold voltage (note 2) v gs(th) v ds =v gs , i d =250a 1 2.5 v drain-source o n-resistance (note 2) r ds(on) v gs =10v, i d =500ma 7 ? v gs =5v, i d =50ma 7 ? forw ard tranconductance (note 2) g fs v ds =10v, i d =200ma 80 ms diode forw ard voltage v sd i s =115ma, v gs = 0v 0.55 1.2 v dynami c characteristics (note 4) input capacitance c iss v ds =25v,v gs =0v,f =1mhz 50 pf output capacitance c oss 25 pf reverse transfer capac itance c rss 5 pf switching char acteristics (note 3,4) turn-on delay time t d(on) v gen =10v,v dd =25v,r l =50 ? i d =500ma,r g =25 ? 20 ns turn-off delay t ime t d(off ) 40 ns p-ch mosfet electrical characteristics(t a =25 unless otherwise noted) parameter symbol te st condition min typ max unit static ch aracteristics drain-source b reakdown voltage v (br)dss v gs = 0v, i d =-250 a -20 v zero gate voltage dra in current i dss v ds =-20v,v gs = 0v -1 a gate-body leakage curr ent i gss v gs =8v, v ds = 0v 100 na gate threshold voltage ( note 2) v gs(th) v ds =v gs , i d =-250a -0.4 -1 v drain-source o n-resistance (note 2) r ds(on) v gs =-4.5v, i d =-2.8a 90 112 m ? v gs =-2.5v, i d =-2a 110 142 m ? forw ard tranconductance (note 2) g fs v ds =-5v, i d =-2.8a 6.5 s diode forw ard voltage v sd i s =-0.7a, v gs = 0v -0.8 -1.2 v dynami c characteristics (note 4) input capacitance c iss v ds =-10v,v gs =0v,f =1mhz 405 pf output capacitance c oss 75 pf reverse transfer capac itance c rss 55 pf gate resistance r g f =1mhz 6 ? switching char acteristics (note 3,4) turn-on delay time t d(on) v gen =-4.5v,v dd =-10v,r l =10 i d =-1a,r g =1 ? 11 20 ns turn-on rise time t r 35 60 ns turn-off delay t ime t d(off ) 30 50 ns turn-off fall time t f 10 20 ns total gate charge q g v ds =-10v,v gs =-4.5v,i d =-3a 10 nc gate-source charge q gs 6 nc gate-drain charge q gd 0.7 nc notes : 1.surface mou nted on fr4 board using the minimum recommended pad size. 2. pulse test : pulse width=300 s, duty cycle 2%. 3. switching characteristics are indep endent of operating junction temperature. 4. graranted by design not subject to producting.
zzzfmhohffrp 3  c,jun,2016 7\slfdo&kdudfwhulvwlfv ? 061 21 8 0 2 4 6 0246 0.0 0.2 0.4 0.6 0.8 1.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1e-3 0.01 0.1 1 012345 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.0 0.2 0.4 0.6 0.8 1.0 0 1 2 3 i d =50ma i d =500ma i d r ds(on) ?? t a =25 pulsed v gs r ds(on) ?? on-resist ance r ds ( o n) ( ) gate to source voltage v gs (v) t a =25 pulsed t a =25 pulsed transf er characteristics drain current i d (a) gate to source voltage v gs (v) 3e-3 2 t a =25 puls ed 0.3 0.03 v sd i s ?? source current i s (a) source to drain voltage v sd (v) v gs =5v v gs =10v,9v,8v,7v,6v v gs =4v v gs =3v outp ut characteristics drain current i d (a) drain to source voltage v ds (v) v gs =5v v gs =10v t a =25 pulsed on-resist ance r ds(on) ( ) drain current i d (a) n-channel characteristics
-0.0 -0.5 -1.0 -1 .5 -2.0 -2.5 -0 -2 -4 -6 -8 -10 -0 -2 -4 -6 -8 -10 30 60 90 120 150 -0 -2 -4 -6 -8 0 50 100 150 200 250 -0 -1 -2 -3 -4 -0 -2 -4 -6 -8 -10 -0.2 -0.4 -0.6 -0.8 -1.0 -1 .2 -1e-3 -0.01 -0.1 -1 -10 transfer ch aracteristics drain current i d (a) gate to source voltage v gs (v) r ds(on) ?? v gs v gs =-4.5v v gs =-2.5v r ds(on) ?? i d o n - r esistance r ds(on) (m ) drain current i d (a) i d =-2.8a on-resistance r ds(on) (m ) gate to source voltage v gs (v) -3 -0.3 -3e-3 -0.03 t a =25 pulsed t a =25 pulsed t a =25 pulsed t a =25 pulsed t a =25 pulsed output characteristics v gs = -4.5v, -3.5v,-2.5v v gs =-2.0v v gs =-1.5v v gs =-1.0v drain current i d (a) drain to source voltage v ds (v) i s ?? v sd source current i s (a) source to drain voltage v sd (v) 7\slfdo&kdudfwhulvwlfv p-channel characteristics zzzfmhohffrp 4  c,jun,2016
n1 n3 n6 n4 www.cj-elec.com 5 c,jun,2016
dfnwb2x2-6l tape and reel www.cj-elec.com 6 c,jun,2016


▲Up To Search▲   

 
Price & Availability of CJM7201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X