Part Number Hot Search : 
2N5100 M67715 17805 100N6 SM8311 50150 46V32M16 OPI8013
Product Description
Full Text Search
 

To Download B0520LW-08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification schottky barrier diode b0520lw/b0530w/b0540w document number: bl/ssska005 www.galaxycn.com rev.a 1 features z low forward voltage drop. z guard ring construction for transient protection. z high conductance. applications z 0.5a surface mount schot tky barrier rectifier. sod-123 ordering information type no. marking package code b0520lw sd sod-123 b0530w se sod-123 b0540w sf sod-123 maximum rating @ ta=25 unless otherwise specified characteristic symbol b0520lw b0530w b0540w unit peak repetitive reverse voltage working peak reverse voltage dc reverse voltage v rrm v rwm v r 20 30 40 v rms reverse voltage v r(rms) 14 21 28 v average rectified output current @ t l = 100 i o 0.5 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 5.5 a power dissipation p d 410 mw typical thermal resistance junction to ambient r ja 244 /w operating and storage temperature range t j ,t stg -65 to +125 voltage rate of change dv/dt 1000 v/ s pb lead-free
bl galaxy electrical production specification schottky barrier diode b0520lw/b0530w/b0540w document number: bl/ssska005 www.galaxycn.com rev.a 2 electrical characteristics @ ta=2 5 unless otherwise specified characteristic symbol b0520lw b0530w b0540w unit test conditions minimum reverse breakdown voltage v (br)r 20 - - - 30 - - - 40 v i r = 250 a i r = 130 a i r = 20 a maximum forward voltage drop v fm 0.300 0.385 - 0.220 0.330 - 0.375 0.430 - - - - - 0.510 0.620 - 0.460 0.610 v i f =0.1a, t j =25 i f =0.5a, t j =25 i f =1.0a, t j =25 i f =0.1a, t j =100 i f =0.5a, t j =100 i f =1.0a, t j =100 75 - 250 - - - 20 - 130 - - - 10 - 20 a v r =10v,t j =25 v r =15v,t j =25 v r =20v,t j =25 v r =30v,t j =25 v r =40v,t j =25 maximum leakage current i rm 5.0 8.0 - - - - 5.0 13 ma v r =10v,t j =100 v r =20v,t j =100 v r =40v,t j =100 junction capacitance c j 170 pf f=1mhz,v r =0v dc typical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification schottky barrier diode b0520lw/b0530w/b0540w document number: bl/ssska005 www.galaxycn.com rev.a 3 package outline plastic surface mounted package sod-123 sod-123 dim min max a 1.4 1.8 b 2.55 2.85 c 1.15 typical d 0.5 0.6 e 0.3 0.4 h 0.02 0.10 j 0.1 typical k 3.55 3.85 all dimensions in mm soldering footprint unit :mm package information device package shipping b0520lw/b0530w/b0540w sod-123 3000/tape&reel k j h e d c a b


▲Up To Search▲   

 
Price & Availability of B0520LW-08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X