Part Number Hot Search : 
SST500 4AHCT1G0 00100 TSOP123 74AC04B DSWM5077 4983S BH3563FV
Product Description
Full Text Search
 

To Download APTGT100TL170G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTGT100TL170G APTGT100TL170G C rev 2 october 2012 www.microsemi.com 1-8 q1 to q4 absolute maximum ratings (per igbt) symbol parameter max ratings unit v ces collector - emitter breakdown voltage 1700 v i c continuous collector current t c = 25c 150 a t c = 80c 100 i cm pulsed collector current t c = 25c 200 v ge gate C emitter voltage 20 v p d maximum power dissipation t c = 25c 560 w rbsoa reverse bias safe operating area t j = 125c 200a @ 1600v these devices are sens itive to electrostatic discharge. proper handling procedures should be follow ed. see application note apt0502 on www.microsemi.com 0/vbus out cr6 cr5 neutral vbus e3e4 g3 g1g2 e2 q4 q3 g4 e1 q1q2 e1 neutral e4 out 0/vbus g2 e2 g1 g3 e3 vbus g4 v ces = 1700v i c = 100a @ tc = 80c application ? solar converter ? uninterruptible power supplies features ? trench + field stop igbt technology - low voltage drop - low tail current - switching frequency up to 20 khz - soft recovery parallel diodes - low diode vf - low leakage current - rbsoa and scsoa rated ? kelvin emitter for easy drive ? very low stray inductance - symmetrical design - m5 power connectors ? high level of integration benefits ? stable temperature behavior ? very rugged ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? easy paralleling due to positive tc of vcesat ? low profile ? rohs compliant three level inverter trench + field stop igbt power module cr1 cr2 cr3 cr4 downloaded from: http:///
APTGT100TL170G APTGT100TL170G C rev 2 october 2012 www.microsemi.com 2-8 all ratings @ t j = 25c unless otherwise specified q1 to q4 electrical characteristics (per igbt) symbol characteristic test conditions min typ max unit i ces zero gate voltage collector current v ge = 0v, v ce = 1700v 350 a v ce(sat) collector emitter saturation voltage v ge = 15v i c = 100a t j = 25c 2.0 2.4 v t j = 125c 2.4 v ge ( th ) gate threshold voltage v ge = v ce , i c = 2ma 5.0 5.8 6.5 v i ges gate C emitter leakage current v ge = 20v, v ce = 0v 500 na q1 to q4 dynamic characteristics (per igbt) symbol characteristic test conditions min typ max unit c ies input capacitance v ge = 0v v ce = 25v f = 1mhz 9 nf c oes output capacitance 0.36 c res reverse transfer capacitance 0.3 q g gate charge v ge =15v, i c =100a v ce =900v 1.2 c t d(on) turn-on delay time inductive switching (25c) v ge = 15v v bus = 900v i c = 100a r g = 4.7 370 ns t r rise time 40 t d(off) turn-off delay time 650 t f fall time 180 t d(on) turn-on delay time inductive switching (125c) v ge = 15v v bus = 900v i c = 100a r g = 4.7 400 ns t r rise time 50 t d(off) turn-off delay time 800 t f fall time 300 e on turn-on switching energy v ge = 15v v bus = 900v i c = 100a r g = 4.7 t j = 125c 32 mj e off turn-off switching energy t j = 125c 31 i sc short circuit data v ge 15v ; v bus = 1000v t p 10s ; t j = 125c 400 a r thjc junction to case thermal resistance 0.22 c/w downloaded from: http:///
APTGT100TL170G APTGT100TL170G C rev 2 october 2012 www.microsemi.com 3-8 cr1 to cr4 diode rating s and characteristics (per diode) symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 1700 v i rm maximum reverse leakage current v r =1700v t j = 25c 350 a t j = 125c 600 i f dc forward current tc = 80c 100 a v f diode forward voltage i f = 100a t j = 25c 1.8 2.2 v t j = 125c 1.9 t rr reverse recovery time i f = 100a v r = 900v di/dt =1600a/s t j = 25c 385 ns t j = 125c 490 q rr reverse recovery charge t j = 25c 28 c t j = 125c 46 e rr reverse recovery energy t j = 25c 12 mj t j = 125c 24 r thjc junction to case thermal resistance 0.39 c/w cr5 & cr6 diode ratings and characteristics (per diode) symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 1700 v i rm maximum reverse leakage current v r =1700v t j = 25c 350 a t j = 125c 600 i f dc forward current tc = 80c 150 a v f diode forward voltage i f = 150a t j = 25c 1.8 2.2 v t j = 125c 1.9 t rr reverse recovery time i f = 150a v r = 900v di/dt =1600a/s t j = 25c 385 ns t j = 125c 490 q rr reverse recovery charge t j = 25c 38 c t j = 125c 62 e rr reverse recovery energy t j = 25c 17.5 mj t j = 125c 35 r thjc junction to case thermal resistance 0.26 c/w thermal and package characteristics symbol characteristic min typ max unit v isol rms isolation voltage, any terminal to case t =1 min, 50/60hz 4000 v t j operating junction temperature range -40 150 c t stg storage temperature range -40 125 t c operating case temperature -40 100 torque mounting torque to heatsink m6 3 5 n.m for terminals m5 2 3.5 wt package weight 300 g downloaded from: http:///
APTGT100TL170G APTGT100TL170G C rev 2 october 2012 www.microsemi.com 4-8 sp6 package outline (dimensions in mm) see application note apt0601 - mounting instructions for sp6 power modules on www.microsemi.com q1 to q4 typical performance curve (per igbt) hard switching zcs zvs 0 5 10 15 20 25 0 20 40 60 80 100 120 140 i c (a) fmax, operating frequency (khz) v ce =900v d=50% r g =4.7 ? t j =125c t c =75c operating frequency vs collector current downloaded from: http:///
APTGT100TL170G APTGT100TL170G C rev 2 october 2012 www.microsemi.com 5-8 output characteristics (v ge =15v) t j =25c t j =125c 0 50 100 150 200 01234 v ce (v) i c (a) output characteristics v ge =15v v ge =13v v ge =20v v ge =9v 0 40 80 120 160 200 012345 v ce (v) i c (a) t j = 125c transfert characteristics t j =25c t j =125c t j =125c 0 25 50 75 100 125 150 175 200 5678910111213 v ge (v) i c (a) energy losses vs collector current eon eoff 0 20 40 60 80 100 0 25 50 75 100 125 150 175 200 i c (a) e (mj) v ce = 900v v ge = 15v r g = 4.7 ? t j = 125c eon eoff 20 30 40 50 60 70 80 0 5 10 15 20 25 30 35 40 gate resistance (ohms) e (mj) v ce = 900v v ge =15v i c = 100a t j = 125c switching energy losses vs gate resistance reverse bias safe operating area 0 50 100 150 200 250 0 400 800 1200 1600 2000 v ce (v) i c (a) v ge =15v t j =125c r g =4.7 ? maximum effective transient thermal impedance, junction to case vs pulse dura tion 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.05 0.1 0.15 0.2 0.25 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) downloaded from: http:///
APTGT100TL170G APTGT100TL170G C rev 2 october 2012 www.microsemi.com 6-8 cr1 to cr4 typical performance curve (per diode) energy losses vs collector current 5 10 15 20 25 30 35 0 40 80 120 160 200 i f (a) e rr (mj) v ce = 900v r g = 4.7 ? t j = 125c 10 15 20 25 0 1 02 03 04 05 0 gate resistance (ohms) e rr (mj) v ce = 900v i f = 100a t j = 125c switching energy losses vs gate resistance forward characteristic of diode t j =25c t j =125c t j =125c 0 40 80 120 160 200 0 0.5 1 1.5 2 2.5 3 v f (v) i f (a) maximum effective transient thermal impedance, junction to pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) downloaded from: http:///
APTGT100TL170G APTGT100TL170G C rev 2 october 2012 www.microsemi.com 7-8 cr5 & cr6 typical performance curve (per diode) energy losses vs collector current 0 10 20 30 40 50 60 0 50 100 150 200 250 300 i f (a) err (mj) v ce = 900v t j = 125c maximum effective transient thermal impedance, junction to case vs pulse duration d = 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.05 0.1 0.15 0.2 0.25 0.3 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) diode forward characteristic of diode t j =25c t j =125c t j =125c 0 50 100 150 200 250 300 0 0.5 1 1.5 2 2.5 3 v f (v) i f (a) . downloaded from: http:///
APTGT100TL170G APTGT100TL170G C rev 2 october 2012 www.microsemi.com 8-8 disclaimer the information contained in the document (unless it is publicly available on the web without access restrictions) is proprietary and confidential information of microsemi and cannot be copied, published, uploaded, posted, transmitted, distributed or disclosed or used without the express duly signed written consent of microsemi. if the recipient of this document has entered into a disclosure agreement with microsemi, then the terms of such agree ment will also apply. this document and the information contained herein may not be modified, by any person other than authorized personnel of microsemi. no license under any patent, copyright, trade secret or other intellectual property right is granted to or conferred upon you by disclosure or delivery of the information, either expressly, by implication , inducement, estoppels or otherwise. any license under such intellectual property rights must be approved by microsemi in writing signed by an officer of microsemi. microsemi reserves the right to change the configuration, functionality and performance of its products at anytime without any notice. this product has been subject to limited testing and should not be used in conjunction with lif e- support or other mission-critical equipment or applications. microsemi assumes no liability whatsoever, and microsemi disclaims any express or implied warranty, relating to sale and/or use of microsemi products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. any performance specifications believed to be reliable but are not verified and customer or user must conduct and complete all performance and other testing of this product as well as any user or custo mers final application. user or customer shall not rely on any data and performance specifications or parameters provided by microsemi. it is the customers and users responsibility to independently determine suitability of any microsemi product and to test and verify the same. the information contained herein is provided as is, where is and with all faults, and the entire risk associated with such information is entirely with the user. microsemi specifically disclaims any liability of any kind including for consequential, incidental and punitive damages as well as lost profit. the product is subject to other terms and conditions which can be located on the web at http://www.microsemi.com/legal/tnc.asp life support application seller's products are not designed, intended, or authorized for use as components in systems intended for space, aviation, surgical implant into the body, in other applications intended to support or sustain life, or for any other application in which the failure of the seller's product could create a situation where personal injury, death or property damage or loss may occur (collectively "life support applications"). buyer agrees not to use products in any life support applications and to the extent it does it shall conduct extensive testing of the product in such applications and further agrees to indemnify and hold seller, and its officers, employ ees, subsidiaries, affiliates, agents, sales representatives and distributors harmless against all claims, costs, dam ages and expenses, and attorneys' fees and costs arising, directly or directly, out of any claims of personal injury, death, damag e or otherwise associated with the use of the goods in life support applications, even if such claim includes allegations that seller was negligent regarding the design or manufacture of the goods. buyer must notify seller in writing before using sellers products in life support applications. seller will study with buyer alternative solutions to meet buyer application specification based on sellers sales conditions applicable for the new proposed specific part. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APTGT100TL170G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X