Part Number Hot Search : 
DA7375 N111253 1A313 PC810 IRF840 20TTS KSH350 Z5224
Product Description
Full Text Search
 

To Download APTGL240TL120G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTGL240TL120G APTGL240TL120G C rev 1 october, 2012 www.microsemi.com 1-8 q1 to q4 absolute maximum ratings these devices are sens itive to electrostatic discharge. proper handling procedures should be follow ed. see application note apt0502 on www.microsemi.com 0/vbus out cr6 cr5 neutral vbus e3e4 g3 g1g2 e2 q4 q3 g4 e1 q1q2 e1 neutral e4 out 0/vbus g2 e2 g1 g3 e3 vbus g4 symbol parameter max ratings unit v ces collector - emitter breakdown voltage 1200 v i c continuous collector current t c = 25c 305 a t c = 80c 240 i cm pulsed collector current t c = 25c 400 v ge gate C emitter voltage 20 v p d maximum power dissipation t c = 25c 1000 w rbsoa reverse bias safe operating area t j = 150c 400a @ 1150v v ces = 1200v i c = 240a @ tc = 80c application ? solar converter ? uninterruptible power supplies features ? trench + field stop igbt 4 technology - low voltage drop - low leakage current - low switching losses - soft recovery parallel diodes - low diode vf - rbsoa and scsoa rated ? kelvin emitter for easy drive ? very low stray inductance - symmetrical design - m5 power connectors ? high level of integration benefits ? stable temperature behavior ? very rugged ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? easy paralleling due to positive tc of vcesat ? low profile ? rohs compliant three level inverter trench + field stop igbt4 power module cr1 cr2 cr3 cr4 downloaded from: http:///
APTGL240TL120G APTGL240TL120G C rev 1 october, 2012 www.microsemi.com 2-8 all ratings @ t j = 25c unless otherwise specified q1 to q4 electrical characteristics symbol characteristic test conditions min typ max unit i ces zero gate voltage collector current v ge = 0v ; v ce = 1200v 2 ma v ce(sat) collector emitter saturation voltage v ge =15v i c = 200a t j = 25c 1.8 2.2 v t j = 150c 2.2 v ge ( th ) gate threshold voltage v ge = v ce , i c = 5 ma 5 5.8 6.5 v q1 to q4 dynamic characteristics symbol characteristic test conditions min typ max unit c ies input capacitance v ge = 0v v ce = 25v f = 1mhz 12.3 nf c oes output capacitance 0.8 c res reverse transfer capacitance 0.69 q g gate charge v ge =15v 1.7 c t d(on) turn-on delay time inductive switching (25c) v ge = 15v v ce = 600v i c = 200a r g = 3.6 160 ns t r rise time 30 t d(off) turn-off delay time 340 t f fall time 80 t d(on) turn-on delay time inductive switching (150c) v ge = 15v v ce = 600v i c = 200a r g = 3.6 170 ns t r rise time 40 t d(off) turn-off delay time 450 t f fall time 170 e on turn-on switching energy v ge = 15v v ce = 600v i c = 200a r g = 3.6 t j = 25c 10.4 mj t j = 150c 21 e off turn-off switching energy t j = 25c 11 mj t j = 150c 18.6 i sc short circuit current v ge 15v ; v cc =900v t p 10s ; t j =150c 1000 a r thjc junction to case thermal resistance 0.15 c/w cr1 to cr4 diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 1200 v i rm maximum reverse leakage current v r =1200v t j = 25c 150 a t j = 150c 400 i f dc forward current tc = 80c 180 a v f diode forward voltage i f = 150a v ge = 0v t j = 25c 1.7 2.2 v t j = 150c 1.65 t rr reverse recovery time i f = 150a v r = 600v di/dt =3800a/s t j = 25c 155 ns t j = 150c 300 q rr reverse recovery charge t j = 25c 14.6 c t j = 150c 30.4 e rr reverse recovery energy t j = 25c 5.2 mj t j = 150c 11 r thjc junction to case thermal resistance 0.32 c/w downloaded from: http:///
APTGL240TL120G APTGL240TL120G C rev 1 october, 2012 www.microsemi.com 3-8 cr5 & cr6 diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 1200 v i rm maximum reverse leakage current v r =1200v t j = 25c 150 a t j = 150c 400 i f dc forward current tc = 80c 240 a v f diode forward voltage i f = 200a v ge = 0v t j = 25c 1.9 2.4 v t j = 150c 1.85 t rr reverse recovery time i f = 200a v r = 600v di/dt =4000a/s t j = 25c 155 ns t j = 150c 300 q rr reverse recovery charge t j = 25c 18.6 c t j = 150c 39 e rr reverse recovery energy t j = 25c 8.2 mj t j = 150c 16 r thjc junction to case thermal resistance 0.25 c/w thermal and package characteristics symbol characteristic min typ max unit v isol rms isolation voltage, any terminal to case t =1 min, 50/60hz 4000 v t j operating junction temperature range -40 175 c t stg storage temperature range -40 125 t c operating case temperature -40 100 torque mounting torque to heatsink m6 3 5 n.m for terminals m5 2 3.5 wt package weight 300 g downloaded from: http:///
APTGL240TL120G APTGL240TL120G C rev 1 october, 2012 www.microsemi.com 4-8 sp6 package outline (dimensions in mm) see application note apt0601 - mounting instructions for sp6 power modules on www.microsemi.com q1 to q4 typical performance curve hard switching 0 20 40 60 80 100 0 50 100 150 200 250 300 i c (a) fmax, operating frequency (khz) v ce =600v d=50% r g =3.6 ? t j =150c tc=75c operating frequency vs collector current downloaded from: http:///
APTGL240TL120G APTGL240TL120G C rev 1 october, 2012 www.microsemi.com 5-8 output characteristics (v ge =15v) t j =25c t j =150c 0 100 200 300 400 01234 v ce (v) i c (a) output characteristics v ge =15v v ge =19v v ge =9v 0 100 200 300 400 01234 v ce (v) i c (a) t j = 150c transfert characteristics t j =25c t j =150c 0 100 200 300 400 5678910111213 v ge (v) i c (a) energy losses vs collector current eon eoff 0 10 20 30 40 50 60 70 80 0 100 200 300 400 i c (a) e (mj) v ce = 600v v ge = 15v r g = 3.6 ? t j = 150c eon eoff 15 20 25 30 35 40 0 5 10 15 20 gate resistance (ohms) e (mj) v ce = 600v v ge =15v i c = 200a t j = 150c switching energy losses vs gate resistance reverse bias safe operating area 0 80 160 240 320 400 480 0 300 600 900 1200 1500 v ce (v) i c (a) v ge =15v t j =150c r g =3.6 ? maximum effective transient thermal impedance, junction to case v s pulse duration d = 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) igbt downloaded from: http:///
APTGL240TL120G APTGL240TL120G C rev 1 october, 2012 www.microsemi.com 6-8 cr1 to cr4 typical performance curve forward characteristic of diode t j =25c t j =150c 0 50 100 150 200 250 300 00 . 511 . 522 . 5 v f , anode to cathode voltage (v) i f , forward current (a) 6 8 10 12 0 3 6 9 12 15 gate resistance (ohms) err (mj) v ce = 600v i f = 150a t j = 150c switching energy losses vs gate resistance maximum effective transient thermal impedance, junction to case vs pulse duration d = 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration in seconds thermal impedance (c/w) energy losses vs collector current 0 4 8 12 16 0 50 100 150 200 250 300 i f (a) err (mj) v ce = 600v r g = 1.6 ? t j = 150c downloaded from: http:///
APTGL240TL120G APTGL240TL120G C rev 1 october, 2012 www.microsemi.com 7-8 cr5 & cr6 typical performance curve forward characteristic of diode t j =25c t j =150c 0 100 200 300 400 00 . 511 . 522 . 5 v f , anode to cathode voltage (v) i f , forward current (a) 10 12 14 16 18 0 3 6 9 12 15 18 21 gate resistance (ohms) err (mj) v ce = 600v i f = 200a t j = 150c switching energy losses vs gate resistance maximum effective transient thermal impedance, junction to case vs pulse duration d = 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.05 0.1 0.15 0.2 0.25 0.3 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration in seconds thermal impedance (c/w) energy losses vs collector current 0 4 8 12 16 20 0 100 200 300 400 i f (a) err (mj) v ce = 600v r g = 3.6 ? t j = 150c downloaded from: http:///
APTGL240TL120G APTGL240TL120G C rev 1 october, 2012 www.microsemi.com 8-8 disclaimer the information contained in the document (unless it is publicly available on the web without access restrictions) is proprietary and confidential information of microsemi and cannot be copied, published, uploaded, posted, transmitted, distributed or disclosed or used without the express duly signed written consent of microsemi. if the recipient of this document has entered into a disclosure agreement with microsemi, then the ter ms of such agreement will also apply. this document and the information contained herein may not be modified, by any person other than authorized personnel of microsemi. no license under any patent, copyright, trade secret or other intellectual property right is granted to or conferred upon you by disclosure or delivery of the information, either expressly, by implication , inducement, estoppels or otherwise. any license under such intellectual property rights must be approved by microsemi in writing signed by an officer of microsemi. microsemi reserves the right to change the configuration, functionality and performance of its products at anytime without any notice. this product has been subject to limited testing and should not be used in conjunction with li fe- support or other mission-critical equipment or applications. microsemi assumes no liability whatsoever, and microsemi disclaims any express or implied warranty, relating to sale and/or use of microsemi products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. any performance specifications believed to be reliable but are not verified and customer or user must conduct and complete all performance and other testing of this product as well as any user or customer s final application. user or customer shall not rely on any data and performance specifications or parameters provided by microsemi. it is the customers and users responsibility to independently determine suitability of any microsemi product and to test and verify the same. the information contained herein is provided as is, where is and with all faults, and the entire risk associated with such information is entirely with the user. microsemi specifically disclaims any liability of any kind including for consequential, incidental and punitive damages as well as lost profit. the product is subject to other terms and conditions which can be located on the web at http://www.microsemi.com/legal/tnc.asp life support application seller's products are not designed, intended, or authorized for use as components in systems intended for space, aviation, surgical implant into the body, in other applications intended to support or sustain life, or for any other application in which the failure of the seller's product could create a situation where personal injury, death or property damage or loss may occur (collectively "life support applications"). buyer agrees not to use products in any life support applications and to the extent it does it shall conduct extensive testing of the product in such applications and further agrees to indemnify and hold seller, and its officers, employees, subsidiaries, affiliates, agents, sales representatives and distributors harmless against all claims, costs, dam ages and expenses, and attorneys' fees and costs arising, directly or directly, out of any claims of personal injury, death, damag e or otherwise associated with the use of the goods in life support applications, even if such claim includes allegations that seller was negligent regarding the design or manufacture of the goods. buyer must notify seller in writing before using sellers products in life support applications. seller will study with buyer alternative solutions to meet buyer application specification based on sellers sales conditions applicable for the new proposed specific part. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APTGL240TL120G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X