Part Number Hot Search : 
AD115 SPN7002L 42500 B20100 25C30 D1215 B20150 FU220N
Product Description
Full Text Search
 

To Download ABM10-167-12000MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  standard specifications features applications parameters minimum typical maximum units notes frequency 12.000 mhz operation mode fundamental operating temperature -40 +85 oc storage temperature -40 +125 oc frequency tolerance @+25c -10 +10 ppm see note#2 frequency stability over the operating temperature ( ref. to +25c) -30 +30 ppm see note#3 equivalent series resistance (r1) 125 ? shunt capacitance (c0) 2 pf load capacitance (cl) 8 pf drive level 10 100 w aging@25c3c 3 ppm first year insulation resistance 500 m? @ 100vdc 15v note#1: moisture sensitivity level (msl) C this product is hermetically sealed and not moisture sensitive note#2: referenced to crystal resonant frequency, into an oscillator loop effective load of 8pf note#3: referenced to the measured frequency at 25c3c, into an oscillator loop effective load of 8pf ? optimized for low power consumption, wearables, and iot applications ? guaranteed low 125 esr ensures operation in power sensitive solutions ? 0.50mm max height ideally suited for height constrained designs ? -40c to 85c industrial operating temperature range ? seam sealed for long-term reliability ? wearables ? internet of things (iot)/industrial (iiot) ? bluetooth/bluetooth low energy (ble) ? wireless modules ? machine-to-machine (m2m) connectivity ? ultra-low power mcu ? usb abracon is iso9001-2008 certified 5101 hidden creek lane spicewood tx 78669 phone: 512-371-6159 | fax: 512-351-8858 for terms and conditions of sale visit: www.abracon.com revised: 06/21/2016 abm10-167-12.000mh z 2.5 x 2.0 x 0.5 mm pb rohs/rohs ii com pliant msl = n/a: not applicable (see note #1) i o t optimized low profile quartz crystal
abm10-167-12.000mhz- packaging blank: bulk t3: 3k/reel recommended land pattern abracon is iso9001-2008 certified 5101 hidden creek lane spicewood tx 78669 phone: 512-371-6159 | fax: 512-351-8858 for terms and conditions of sale visit: www.abracon.com revised: 06/21/2016 abm10-167-12.000mh z 2.5 x 2.0 x 0.5 mm pb rohs/rohs ii com pliant msl = n/a: not applicable (see note #1) i o t optimized low profile quartz crystal part identification and ordering information mechanical dimensions (all dimensions are in mm)
zone description temperature time 1 preheat t smin - t smax 160c~180c 120 sec. 2 refow t l 60c 60 sec. 3 peak heat t p 260c 10 sec. max abracon is iso9001-2008 certified 5101 hidden creek lane spicewood tx 78669 phone: 512-371-6159 | fax: 512-351-8858 for terms and conditions of sale visit: www.abracon.com revised: 06/21/2016 abm10-167-12.000mh z 2.5 x 2.0 x 0.5 mm pb rohs/rohs ii com pliant msl = n/a: not applicable (see note #1) i o t optimized low profile quartz crystal reflow profile packaging t3:3000pcs/reel


▲Up To Search▲   

 
Price & Availability of ABM10-167-12000MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X