Part Number Hot Search : 
05K27 1N5250B DS1668 M29F040 MCP6V02 XSD411 55100 SY58621L
Product Description
Full Text Search
 

To Download ABC450-1T24G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the abc450 series of open - frame power supplies, with its wide universal 90 - 264 vac input range and high power density, is available at 450 w of output power and a variety of single and multiple output voltages. the high efficiency and high power density of the abc family ensures minimal power loss in end - use equipment, thereby facilitating higher reliability, easier thermal management and meets regulatory approvals for environmentally - friendly end products. these medical power supplies are ideal for m onitoring, home health equipment as well as surgical devices. ? 4 x 6.5 x 1.61 inches ? universal ac input ? 450 w (with airflow), 300 w (without airflow) ? current sharing option ? cover and fan options ? peak power capability ? low standby power ? side fan or top fan mounting option product ? ( C s or C t to be added to model number) ? current sharing option p roduct ( C i to be added to model number) ? ite safety agency approvals ? rohs compliant ? ce marked ? instrumentation ? lighting ? industrial applications ? test and measurement ? robotics ? renewable energy ? data communication ? applied computing
2 abc 450 series tech.support@psbel.com model output voltage max load (convection) 1 , 2 , 3 max load (420 lfm) 1,2, 3 minimum load ripple & noise 4 abc 450 - 1t05g 5 vdc 31.0 a 55 .0 a 0.0 a 2% abc 450 - 1t12g 12 vdc 20.83 a 37.5 a 0.0 a 2% abc 450 - 1t15g 15 vdc 16.66 a 30.0 a 0.0 a 2% abc 450 - 1t24g 24 vdc 12.30 a 18.75 a 0.0 a 2% abc 450 - 1t30g 30 vdc 10. 0 a 15 . 0 a 0.0 a 2% abc 450 - 1t48g 48 vdc 6.25 a 9.37 a 0.0 a 2% specifications are for nominal input voltage, 25c unless otherwise stated. parameter description / condition specifications input voltage universal 90 - 264 vac / 120 - 390 vdc input frequency 47 to 63 hz input current 120 vac: 230 vac: 4.5 a max. 2.3 a max. no load power 120 vac: 230 vac: 0.4 w 0.8 w inrush current 120 vac: 230 vac: 40 a max. 75 a max. leakage current earth leakage current touch leakage current 270 a 45 a @120 vac / 63 hz input protection dual fusing, in ac line and ac neutral t8a / 250 v power factor 120 vac 230 vac 0.98 0.95 switching frequency pfc converter: variable resonant converter: variable 45 - 160 khz typical 35 - 250 khz, 90 khz typical 1 combined output power of main output, fan supply and standby supply shall not exceed max. power rating 2 standby output voltage 5 v/ 1.5 a (convection) / 2 a (420lfm) with tolerance including set point accuracy, line and load regulation is +/ - 10%. ripple and noise is less than 5%. 3 fan supply output voltage 12 v / 500 ma with tolerance including set point accuracy, line and load regulation is +/ - 30% and needs min. 1% l oad on main output to be within regulation band. ripple and noise is less than 10%. 4 ripple is peak to pe ak with 20 mhz bandwidth and 10 f (tantalum capacitor) in parallel with a 0.1 f capacitor at rated line voltage and load ranges. please contact fact ory/ sales representative for minimum load required for ripple to be within specification.
abc 450 series 3 asia - pacific +86 755 298 85888 europe, middle east +353 61 225 977 north america +1 408 785 5200 ? 201 7 bel power solutions & protection bcd.00326 _a g parameter description / condition specifications output power 5 475 w for 24 v, 30 v & 500 w for 48 v model only for 5 seconds max. 155 to 450 w efficiency (full load) 120 vac 24 v, 48 v, 30 v 12 v, 15 v 5 v 88% 86% 83% typical 230 vac 24 v, 48 v, 30 v 90% hold up time 120 / 230 vac 10 ms line regulation +/ - 0.5% load regulation +/ - 3% transient response <10%, 50% to 100% load change, 50 hz, 50% duty cycle, 0.1 a/ s recovery time < 5 ms rise time < 100 ms set point tolerance +/ - 1% voltage adjustment v1 3 % over voltage protection latch type >114% over current protection hic - up type 120 to 150% short circuit protection short term, auto recovery over temperature protection automatic recovery 130c primary heat sink current share up to 2 supplies connected in parallel (optional) parameter description / condition power good signal ttl signal goes high after main output is within regulation band, delay is 0.1 to 0.3 s remote sense compensates for 200 mv dro p remote on/off to turn on psu short remote pin to ground conducted emissions en55032 - b, cispr22 - b, fcc part15 - b pass radiated emissions en 55032 a; with external core (king core k5b rc 25x12x15 - m in input cable) pass level b input current harmonics en 61000 - 3 - 2 class d voltage fluctuation and flicker en 61000 - 3 - 3 pass esd immunity en 61000 - 4 - 2 level 3, criterion a radiated field immunity en 61000 - 4 - 3 level 3, criterion a electrical fast transient immunity en 61000 - 4 - 4 level 3, criterion a surge immunity en 61000 - 4 - 5 level 3, criterion a conducted immunity en 61000 - 4 - 6 level 3, criterion a magnetic field immunity en 61000 - 4 - 8 level 3, criterion a voltage dips, interruptions en 61000 - 4 - 11 criterion a & b 5 derate output power linearly to 80% from 90 vac to 80 vac input.
4 abc 450 series tech.support@psbel.com parameter description / condition specifications operating temperature refer to derating curve (figure 1) 0 to +70c storage temperature - 40 to 85 c humidity non condensing 95% hr altitude operating: non - operating: 10,000 ft. 40,000 ft. cooling 5 v model convection: 155 w 420 lfm: 275 w 12 v & 15 v models convection: 250 w 420 lfm: 450 w 24 v, 30 v & 48 v models convection: 300 w 420 lfm: 450 w reliability mtbf according to telcordia - sr332 - issue 3 1.28 million hours parameter description / condition specification isolation voltage input to output input to earth 4242 vdc 2121 vdc safety standards approved to the latest edition of the following standards: csa/ul60950 - 1, en60950 - 1 and iec60950 - 1; class1 selv agency approvals nemko, nemko - ccl ce mark complies with lvd directive connector pin description / condition manufacturer / pn ac input connector j1 pin 1 pin 3 pin 5 ac line ac neutral earth tyco: 1 - 1123724 - 3 mating: 1 - 1123722 - 5 dc output connector j2 lug 1 lug 2 +v1 rtn 6 - 32 inches screw pan hd mating: 16 awg wire crimped to ring tongue terminal amp: 8 - 31886 - 1 signals 6 j3 pin 1 pin 2 pin 3 pin 4 pin 5 pin 6 pin 7 pin 8 pin 9 pin 10 nc power fail power good dc return +5vstby +ve remote sense - ve remote sense cs dc return remote on/off molex: 22 - 23 - 2081 mating: 22 - 01 - 2087; pins: 08 - 50 - 0113 fan j4 pin 1 pin 2 +ve - ve mating connector: molex 22 - 01 - 2025 pins = 08 - 50 - 0113 earth 7 j5 molex: 19705 - 4301 mating: 190030001 6 psu is supplied with j3, pin - 9 and pin - 10 shorted to enable main output without remote on/off fe ature 7 the j5 (earth) spade connector can be used for u - channel option products only. when fan options are required the earth connection provided in the input ac connector should be used (pin 5 C j1)
abc 450 series 5 asia - pacific +86 755 298 85888 europe, middle east +353 61 225 977 north america +1 408 785 5200 ? 201 7 bel power solutions & protection bcd.00326 _a g convection load: 155 w up to 40 c de - rate above 40 c @ 1.67% per c forced air cooled load: 275 w up to 40c de - rate above 40 c @ 1.67% per c convection load: 250 w up to 40 c de - rate above 40 c @ 1.67% per c forced air cooled load: 450 w up to 40c de - rate above 40 c @ 1.67% per c convection load: 300 w up to 50 c de - rate above 50 c @ 2.5% per c forced air cooled load: 450 w up to 50c de - rate above 50 c @ 2.5% per c figure 1. derating curves
6 abc 450 series tech.support@psbel.com parameter description / condition weight 900 g (1.98 lbs) dimensions 101.6 x 165.0 x 41.0 mm (4.0 x 6.5 x 1.6 inch) figure 2. mechanical drawing (without fan mounting)
abc 450 series 7 asia - pacific +86 755 298 85888 europe, middle east +353 61 225 977 north america +1 408 785 5200 ? 201 7 bel power solutions & protection bcd.00326 _a g figure 3 - mechanical drawing (with top fan mounting)
8 abc 450 series tech.support@psbel.com figure 4 - mechanical drawing (with side fan mounting)
abc 450 series 9 asia - pacific +86 755 298 85888 europe, middle east +353 61 225 977 north america +1 408 785 5200 ? 201 7 bel power solutions & protection bcd.00326 _a g during the installation and setup of parallel supplies in a system it is important that a single remote sense point be used f or all the supplies. the remote sense voltage between the supplies must be adjusted to within 2% to ensure the supplies are inside the 3% capture window. if the supplies are not initially adjusted inside the capture window the supplies will not current share. note: current sharing facility is inclusive with the unit only with ordering of the current sharing option unit i.e. abc450 - 1xxx - i or abc 450 - 1xxx - i. set - up procedure: 1 connect load cables to the outputs of each supply. 2 connect the remote sense lines to the load in twisted style. (a common remote sense point must be used for all the supplies in parallel). 3 connect all the current share pins on the j3 connector between the supplies. 4 adjust remote sense voltage of each supply to within 1% of rated output volt age or readjust to required set point. (adjustment to be done with all other parallel supplies off). 5 current sharing between the supplies can be verified by monitoring the output current of each supply with a hall effect dc current probe. the supplies shou ld share to within 10% of the total load current. 6 the current share circuit has a capture window voltage of +/ - 3% of the rated output voltage. if the output remote sense voltage of one of the supplies is adjusted outside the 3% window the supplies will no t current share. nuclear and medical applications - products are not designed or intended for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems. technical revisions - the appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of ABC450-1T24G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X