generated - 20c16117-0bc8-4c59-86e1-4546a2abc74b kemet part number: A759KS107M1VAAE031 polymer aluminum, 125c lowz, a759, 100 uf, 20%, 35 v, -55/+125c, 12mm, lead spacing = 3.5mm dimensions d 8mm +/-0.5mm l 12mm +/-1mm s 3.5mm +/-0.5mm ll negative 15mm min ll positive 19mm min f 0.6mm +/-0.5mm packaging specifications packaging: bulk, bag general information dielectric: polymer aluminum series: a759 description: single ended, polymer aluminum rohs: yes lead: wire leads specifications capacitance: 100 uf capacitance tolerance: 20% voltage dc: 35 vdc, 40.2 vdc (surge) temperature range: -55/+125c rated temperature: 125c life: 2000 hrs (+/-20% initial capacitance, 1.5x df max, leakage within limit) dissipation factor: 12% 120hz 20c resistance: 31 mohms (100khz 20c) current: 4290 mamps (100khz 105c), 2500 mamps (100khz 125c) impedance ratio at -25c: 1.25 impedance ratio at -55c: 1.25 ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
|