Part Number Hot Search : 
170BRM 681KD20 L9658 L9658 681KD20 OM5239ST QPF8N60 56F80
Product Description
Full Text Search
 

To Download 693022010811 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 2 3 4 5 a b c d size a4 rev date file by a 29-jul-1 4 pdf as b c d e f g approval: rj unit: mm description: micro sim - hinge type - 8 pins scale: sheet: 1/3 weri part no: 693 022 010 811 draw: as projection: general tolerance .x = + / - 0.3 .xx = + / - 0.20 rohs compliant pcb layout - component view technical characteristics material insulator: lcp flamability rating: ul94-v0 color: black contact material: copper alloy contact type: stamped contact plating: selective gold shielding: stainless steel quality class: 2500 mating cylces environmental operating temperature: -25c up to +85c compliance: lead free and rohs electrical current rating: 1.0a working voltage: 15v dc insulation resistance: >1000 m withstanding voltage: 500 vac/min contact resistance: 30 m max soldering jedec lead free reflow soldering process packaging tape & reel with mylar
1 2 3 4 5 a b c d size a4 rev date file by a 23-jul-14 pdf as b c d e f g approval: rj unit: mm description: micro sim - hinge type - 8 pins scale: sheet: 2/3 weri part no: 693 022 010 811 draw: as projection: general tolerance .x = + / - 0.2 .xx = + / - 0.15 rohs compliant 1000 pcs/reel 10 reels/carton 10000pcs/carton ! " # $ % & ' " # $ % q t ' y : 1 5 0 0 p c s c o ver carrier reel 38.4 330 100 1000 pcs 350x355x400 carton 4.00mm 24.00mm 4.00mm 28.40mm 32.0mm label un r eeling di r ection un r eeling di r ection un r eeling di r ection
1 2 3 4 5 a b c d size a4 rev date file by a 10-sep-14 pdf ql b c d e f g approval: jc unit: mm description: disclaimer scale: sheet: 3/3 weri part no: disclaimer draw: ql projection: general tolerance .x = + / - 0.2 .xx = + / - 0.15 rohs compliant caut ions a nd warnings : th is e le c t r o n ic c o m p o n e n t is d e s i gne d a n d d e v e lo p e d w i t h t h e in t e n t io n f o r u s e i n g e n e r a l e le c t r o n ic s e q u ip m e n ts. b e f o r e in c o r p o r a t in g t h e c o m p o n e n t s in t o a n y equ i p m e n t s in t h e f i e ld s u c h a s a e r o s p a c e , a v ia t i o n , n u c l e a r c o n t r o l, s u b m a r in e , t r a n s p o r t a t io n , ( a u t o m ot iv e c o n t r o l, t r a in c o n t r o l , s h ip c o n t r o l) , t r a n s p o r t a t io n s i gna l , d is a s t e r p r e v e n t i o n , m e d ic a l , p u b li c in f o r m a t i o n n e t w o r k e tc. w h e r e h i g h e r s a f ety a n d r e l i a b i li t y a r e e s p e c i a ll y r equ i r e d o r if t h e r e is p o s s i b il i t y o f d ir e c t d a m a g e o r in j u r y t o h u m a n b o d y , w u r t h e le ktr o n ik m u s t b e a s k e d f o r a w r i t t e n a p p r o va l. i n a d d it io n , e v e n e le c t r o n i c c o m p one n t in g e n e r a l ele ctr o n ic e q u ip m e n ts, w h e n u s e d in e l e ctr ic a l c ir c uits t h a t r e q u ir e h i g h s a f e t y , r e li a b il it y f u n c t i o n s o r p e r f o r m a n c e , t h e s u f f ic ie n t r e li a b il i t y e v a lu a t io n -c h e c k f o r t h e s a f e t y m u st b e p e r f o r m e d b e f o r e b y t h e u s e r b e f o r e u s a g e .


▲Up To Search▲   

 
Price & Availability of 693022010811

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X