Part Number Hot Search : 
BSH206 74CBTLV 74CBTLV AN7006NS SKY13 MB3615 STR44115 KI5905DC
Product Description
Full Text Search
 

To Download 1N4902E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lds -0 272 , rev . 1 (1 21 054 ) ?201 2 microsemi corporation page 1 of 6 1n4896(a) C 1n 4915(a) available 1 2.8 volt low noise temperature c ompensated zener reference diodes description the 1n4896(a) thr ough 1n4915(a) series provides a selection of temperature compensate d 12.8 v (nominal) zener diodes. the voltage tolerace is +/ - 5% and the "a" version of the parts in this series have an expanded low temperature range down to - 55 o c. microsemi also offers numerous other zener r eference d iode products for a variety of other voltages. do - 35 (do - 204ah) package important: for the latest information, visit our website http://www.microsemi.com . features ? jedec registered 1n 4896 thru 1n 4915 series . ? 1 2.8 vol t nominal zener voltage +/ - 5% . ? temperature coefficient range: 0.01 %/ o c to 0.001%/ o c. ? m etallurgical ly bonded . ? double plug construction . ? rohs compliant versions available . applications / benefits ? provides minimal voltage changes over a broad temperature range. ? for instrumentation and other circuit designs requiring a stable voltage reference. ? low noise. ? flexible axial - lead mounting terminals. ? non - sensitive to esd per mil - s td - 750 m ethod 1020. m axim um ratings msc C law rence 6 lake street, lawren ce, ma 01841 tel: 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters/test conditions symbol value unit junction and storage temp eratur e t j and t stg -65 to +175 o c thermal resistance, junction to lead @ 0.375 inches from body r ? jl 300 oc /w off - state power dissipation @ t a = + 50 o c (1) p d 500 mw maximum reverse current @ 25 oc and v r = 8 v i rm 15 a solder temperature @ 10 s t sp 260 o c notes : 1. derate at 4 mw/ o c above t a = + 50 o c. downloaded from: http:///
lds -0 272 , rev . 1 (1 21 054 ) ?201 2 microsemi corporation page 2 of 6 1n4896(a) C 1n 4915(a) mechanical and packaging ? cas e: hermetically sealed glass case with axial do - 35 (do - 204ah) package. ? terminals: tin - lead plated or rohs compliant matte -t in plating available and solderable per mil - s td - 750, m ethod 2026. ? marking: part number and cathode band. ? polarity: reference diode to be operated with the banded end positive with respect to the opposite end. ? tape & reel option: standard per eia - 296 . consult factory for quantities. (a dd tr suffix to part number .) ? weight: 0.2 grams. ? see pa ckage d imensions on the last page. part nomenclature 1n941 a (e3) jedec type number ( see electrical characteristics t able ) temperature coefficient range: a = - 55 o c to +100 o c blank = +25 o c to + 1 00 o c rohs compliance e3 = rohs c ompliant blank = non - rohs c ompliant symbols & definitions symbol definition i r reverse current: the maximum reverse (leakage) current that will flow at the specified volt age and temperature. i z , i zt , i zk reg ulator current: the dc regulator current (i z ), at a specified test point (i zt ), near breakdown knee (i zk ). i zm maximum regulator (zener) current: the maximum rated dc current for the specified power rati ng. v z zener voltage: the z ener voltage the device will exhibit at a specified current (i z ) in its breakdown region. z zt or z zk dynamic impedance: the small signal impedance of the diode when biased to operate in its breakdown region at a specified rms current modulation (typically 10% of i zt or i zk ) and superimposed on i zt or i zk respectively. downloaded from: http:///
lds -0 272 , rev . 1 (1 21 054 ) ?201 2 microsemi corporation page 3 of 6 1n4896(a) C 1n 4915(a) electrical characteristics @ 25 o c unless otherwise specified. jedec type number test current i zt (note 1 & 5) max. voltage change with temperature ? v z (note 2 & 5) temperature range effective temperat ure coefficient vz (note 3) maximum dynamic impedance z zt (note 4) maximum noise density n d ma v olts o c +/ - %/ o c o hms uv cps 1n4896 1n4896a 1n4897 1n4897a 0.5 0.5 0.5 0.5 0.096 0.198 0.048 0.099 +25 to +100 - 55 to +100 +25 to +100 - 55 to +100 0.01 0.0 1 0.005 0.005 400 400 400 400 0.8 0.8 0.8 0.8 1n4898 1n4898a 1n4899 1n4899a 0.5 0.5 0.5 0.5 0.019 0.040 0.010 0.020 +25 to +100 - 55 to +100 +25 to +100 - 55 to +100 0.002 0.002 0.001 0.001 400 400 400 400 0.8 0.8 0.8 0.8 1n4900 1n4900a 1n4901 1n4901a 1.0 1.0 1.0 1.0 0.096 0.198 0.048 0.099 +25 to +100 - 55 to +100 +25 to +100 - 55 to +100 0.01 0.01 0.005 0.005 200 200 200 200 0.4 0.4 0.4 0.4 1n4902 1n4902a 1n4903 1n4903a 1.0 1.0 1.0 1.0 0.019 0.040 0.010 0.020 +25 to +100 - 55 to +100 +25 to +100 - 55 to +100 0.002 0.002 0.001 0.001 200 200 200 200 0.4 0.4 0.4 0.4 1n4904 1n4904a 1n4905 1n4905a 2.0 2.0 2.0 2.0 0.096 0.198 0.048 0.099 +25 to +100 - 55 to +100 +25 to +100 - 55 to +100 0.01 0.01 0.005 0.005 100 100 100 100 0.25 0.25 0.25 0.25 1n4906 1n4906a 1n4907 1n4907a 2.0 2.0 2.0 2.0 0.019 0.040 0.010 0.020 +25 to +100 - 55 to +100 +25 to +100 - 55 to +100 0.002 0.002 0.001 0.001 100 100 100 100 0.25 0.25 0.25 0.25 1n4908 1n4908a 1n4909 1n4909a 4.0 4.0 4.0 4.0 0.096 0.198 0.048 0.099 +25 to +100 - 55 to +100 +25 to +100 - 55 to +100 0.01 0.01 0.005 0.005 50 50 50 50 0.22 0.22 0.22 0.22 1n4910 1n4910a 1n4911 1n4911a 4.0 4.0 4.0 4.0 0.019 0.040 0.010 0.020 +25 to +100 - 55 to +100 +25 to +100 - 55 to +100 0.002 0.002 0.001 0.001 50 50 50 50 0.22 0.22 0.22 0.22 1n4912 1n4912a 1n4913 1n4913a 7.5 7.5 7.5 7.5 0.096 0.198 0.048 0.099 +25 to +100 - 55 to +100 +25 to +100 - 55 to +100 0.01 0.01 0.005 0.005 25 25 25 25 0.20 0.20 0.20 0.20 1n4914 1n4914a 1n4915 1n4915a 7.5 7.5 7.5 7.5 0.019 0.040 0.010 0.020 +25 to +100 - 55 to +100 +25 to +100 - 55 to +100 0.002 0.002 0.001 0.001 25 25 25 25 0.20 0.20 0.20 0.20 *jedec registered data. notes: 1. nominal voltage for all types is 12.8 volts +/ - 5%. 2. referred to as the box measurement method, the ? v z is the maximum voltage variance that will occur as the voltage is scanned thru all temperatures between the temperature range limits. 3. the effective temperature coefficients are tabulated in %/ o c primarily for information only since temperature compensated diodes inherently have a non - lin ear voltage - temperature characteristic. 4. the dynamic zener impedance z zt is derived from the resulting ac voltage developed when a 60 cps, rms ac current equal to 10% of the dc zener current i zt is superimposed on i zt . 5. voltage measurements to be performed 15 seconds after application of dc current . 6. consult factory for jan tx, jan txv or jans equivalent scds. downloaded from: http:///
lds -0 272 , rev . 1 (1 21 054 ) ?201 2 microsemi corporation page 4 of 6 1n4896(a) C 1n 4915(a) graphs operating current i zt (ma) figure 1 z ener impedance vs. operating current ( 1n4896 thru 1n4915a ) operating current i zt (ma ) operating current i zt (ma) operating current i zt (ma) figure 2 typical change of temperature coefficient with change in operating current zener impedance z zt (ohms ) change in temperature coefficient %/c downloaded from: http:///
lds -0 272 , rev . 1 (1 21 054 ) ?201 2 microsemi corporation page 5 of 6 1n4896(a) C 1n 4915(a) graphs (continued) operating current i zt (ma) operating current i zt (ma) figure 2 (continued) typical change of temperature coefficient with change in operating current t l lead temperature (c) 3/8 from body figure 3 figure 4 noise density measurement circuit power derating curve change in temperature coefficient %/c rated p o wer dissipation - mw noise density, (n d ) is specified in microvolt - rms per squre - root - hertz. actual measurement is performed using a 1 khz to 3 khz frequency bandpass filter at a constant zener test current (i zt ) at 25 o c ambient temperature. n d is calculated from the formula. downloaded from: http:///
lds -0 272 , rev . 1 (1 21 054 ) ?201 2 microsemi corporation page 6 of 6 1n4896(a) C 1n 4915(a) package dimensions symb ol dimen sio ns notes inch milli m eters min max min max bd .060 .107 1.52 2.72 3 bl .120 .300 3.05 7.62 3 ld .018 .023 0.46 0.58 ll 1.000 1.500 25.40 38.10 ll 1 .050 1.27 4 no t es: 1. dimens i ons are in in c hes. 2. millimeters are gi v en for g ene r al infor m ation only. 3. package c o ntour opt ional with in b d and l ength bl. h ea t slugs, if a ny, shall be in cl uded w it h in this cyl in d er but sh all n ot be su bje ct to minimum limit of bd. 4. within this zone, l e ad d ia m eter m ay vary t o al low for le ad finishes a nd ir r eg u larit i es, ot he r than h e at slugs. 5. in accorda n ce wit h asme y14.5m, dia me ters are eq u iv a lent to x sym bo log y. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N4902E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X