Part Number Hot Search : 
28F256 2SD11 RF238106 100310 2005Z 2533D 00112 14ASB
Product Description
Full Text Search
 

To Download 1N4709-1E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds - 0240 , rev. 1 (112022 ) ?2011 microsemi corporation page 1 of 5 1n4678 -1 thru 1n4717 - 1 available on commercial versions 500 mw axial - leaded zener diodes screening in reference to mil - prf - 19500 available description the 1n4678 -1 thru 1n4717 -1 series of 0.5 watt z ener v oltage r egulators provides a selection from 1.8 to 43 volts in standard 5% tolerances as well as tighter tolerances. these axial - leaded glass do - 35 zeners are available with an internal metallurgical bond similar to military requirements for similar zeners. microsemi also offers numerous other zener products to meet higher and lower power applications. do - 35 (do - 204ah) package also available in : do - 213aa (surface mount) 1n4678ur -1 C 1n4717ur -1 important: for the latest information, visit our website http://www.microsemi.com . features ? jedec registe red 1n4678 thru 1n4717 series . ? internal meta llurgical bond . ? tighter v oltage tolerances of 2% and 1% are available . ? up - screening available in reference to mil - prf - 19500 . (s ee part nomenclature for all available options). ? rohs c ompliant devices available (commercial grade only) . applications / benefits ? regulates voltage over a broad operating current and temperature range . ? guaranteed maximum voltage regulation 10 a to 100 a. ? voltage selection from 1.8 to 43 v. ? flexible axial - lead mounting terminals. ? non - sensitive to esd per mil - s td - 750 m ethod 1020. ? minimal capacitance (see figure 3 ). ? inherently radiation hard as described in microsemi s micronote 050 . m axim um ratings msc C law rence 6 lake street, lawrence, ma 01841 tel: 1- 800 - 446 - 1158 or (97 8) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters/test conditions symbol value unit junction and storage temp erature t j and t stg - 65 to +175 o c thermal resistance junction - to - lead (1) r ? jl 250 o c /w thermal resistance junction - to - ambient (2) r ? ja 310 o c /w steady - state power dissipation (3) p d 0.5 w forward voltage @ 200 ma v f 1.1 v solder temperature @ 10 s t sp 260 o c notes : 1. at 3/8 (10 mm) lead length from body. 2. when mounted on fr4 pc board (1 oz c u) wi th 4 mm 2 copper pads and track width 1 mm, length 25 mm . 3. at t l < 50 o c 3/8 inch (10 mm) from body or 0.48 w at t a < 25 o c when mounted on fr4 pc board as described for thermal resistance (see fi gure 2 for deratin g). downloaded from: http:///
t4 - lds - 0240 , rev. 1 (112022 ) ?2011 microsemi corporation page 2 of 5 1n4678 -1 thru 1n4717 - 1 mechanical and packaging ? case: hermetically sealed axial - lead glass do - 35 (do - 204ah) package. ? terminals: leads t in -l ead plated or rohs compliant m atte -t in plating available (on commercial grade only) solderable per mil - s td - 750, method 2026. ? pola rity: cathode indicated by band where diode is to be operated with the banded end positive with respect to the opposit e end for zener regulation. ? marking: part number. ? tape & reel option: standard per eia - 296 (add tr suffix to part number). consul t factory for quantities. ? weight: 0.2 grams. ? see p ackage d imensions on last page. part nomenclature mq 1n4678 c -1 (e3) reliability level mq = jan level mx = jant x level mv = jantx v level msp = jans level blank = commercial jedec type number (s ee e lectrical characteristic s t able ) rohs compliance e3 = rohs compliant ( available on commercial grade only ) blank = non - rohs compliant metallurgical ly bond ed zener voltage tolerances blank = 5% c = 2% d = 1% symbols & definitions symbol definition i zt or i zk regulator current: the dc regulator current (i z ), at a specified test point (i zt ), near breakdown knee (i zk ). i r reverse current: the maximum reverse (leakage) current that will flow at the specified volt age and temperature. i zm maximum regulator (zener) current: the maximum rated dc current for the specified power rati ng. t sp temperature solder pad: the maximum solder temperature that can be safely applied to the terminal. v r reverse voltage: the reverse voltage dc value, no alternating component. v z zener voltage: the z ener voltage the device will exhibit at a specified current (i z ) in its breakdown region. downloaded from: http:///
t4 - lds - 0240 , rev. 1 (112022 ) ?2011 microsemi corporation page 3 of 5 1n4678 -1 thru 1n4717 - 1 electrical characteristics @ 2 5 o c unless otherwise noted. jedec type number (note 1) nominal zener voltage (note 3) zener test current maximum voltage regulation (note 2 & 3) maximum reverse leakage current maximum dc zener current* v z i zt ? v z i r @ v r i zm v olts a v olts a vo lts ma 1n4678 -1 1n4679 -1 1n4680 -1 1n4681 -1 1n4682 -1 1.8 2.0 2.2 2.4 2.7 50 50 50 50 50 0.70 0.70 0.75 0.80 0.85 7.5 5.0 4.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 240 220 200 190 180 1n4683 -1 1n4684 -1 1n4685 -1 1n4686 -1 1n4687 -1 3.0 3.3 3.6 3.9 4.3 50 50 50 50 50 0.90 0.95 0.95 0.97 0.99 0.8 7.5 7.5 5.0 4.0 1.0 1.5 2.0 2.0 2.0 170 160 150 140 130 1n4688 -1 1n4689 -1 1n4690 -1 1n4691 -1 1n4692 -1 4.7 5.1 5.6 6.2 6.8 50 50 50 50 50 0.99 0.97 0.96 0.95 0.90 10.0 10.0 10.0 10.0 10.0 3.0 3.0 4.0 5.0 5.1 120 110 100 90 70 1n4 693 -1 1n4694 -1 1n4695 -1 1n4696 -1 1n4697 -1 7.5 8.2 8.7 9.1 10.0 50 50 50 50 50 0.75 0.50 0.10 0.08 0.10 10.0 1.0 1.0 1.0 1.0 5.7 6.2 6.6 6.9 7.6 63.6 58.0 54.8 52.4 49.6 1n4698 -1 1n4699 -1 1n4700 -1 1n4701 -1 1n4702 -1 11.0 12.0 13.0 14.0 15.0 50 50 50 50 50 0 .11 0.12 0.13 0.14 0.15 0.05 0.05 0.05 0.05 0.05 8.4 9.1 9.8 10.6 11.4 43.2 40.8 38.0 35.0 32.6 1n4703 -1 1n4704 -1 1n4705 -1 1n4706 -1 1n4707 -1 16.0 17.0 18.0 19.0 20.0 50 50 50 50 50 0.16 0.17 0.18 0.19 0.20 0.05 0.05 0.05 0.05 0.01 12.1 12.9 13.6 14.4 15.2 30.8 29.0 26.4 25.0 23.8 1n4708 -1 1n4709 -1 1n4710 -1 1n4711 -1 1n4712 -1 22.0 24.0 25.0 27.0 28.0 50 50 50 50 50 0.22 0.24 0.25 0.27 0.28 0.01 0.01 0.01 0.01 0.01 16.7 18.2 19.0 20.4 21.2 21.6 19.8 19.0 17.6 17.0 1n4713 -1 1n4714 -1 1n4715 -1 1n4716 -1 1n4717 -1 30.0 33.0 36.0 39.0 43.0 50 50 50 50 50 0.30 0.33 0.36 0.39 0.43 0.01 0.01 0.01 0.01 0.01 22.8 25.0 27.3 29.6 32.6 15.8 14.4 13.2 12.2 11.0 *jedec registered data except i zm has been increased (doubled) for 500 mw power dissipation capabilities . notes : 1. all types as shown are +/ - 5% tolerance. also available in 2% and 1% tolerance. 2. ? v z @ 100 a minus v z @ 10 a. 3. the electrical characteristics are measured after allowing the device to stabil ize for 20 seconds when mounted with 3/8 minimum lead leng th from the b ody . downloaded from: http:///
t4 - lds - 0240 , rev. 1 (112022 ) ?2011 microsemi corporation page 4 of 5 1n4678 -1 thru 1n4717 - 1 graphs t l C lead temperature ( o c ) 3/8 from body or nominal zener voltage (volts) t a on fr4 pc board figure 1 figure 2 power derating curve zener voltage temperature coefficient vs. zener voltage zener voltage v z figure 3 capacitance vs. v z curve rated power dissipat ion - mw typical capacitance in pic ofarads at zero volts at C 2 volts (v r ) temperature coefficient %/ o c temperature coefficient mv/ o c voltage temperature coefficient %/ o c mv change /oc downloaded from: http:///
t4 - lds - 0240 , rev. 1 (112022 ) ?2011 microsemi corporation page 5 of 5 1n4678 -1 thru 1n4717 - 1 package dimensions ltr d imensions n otes inch m illimeters min max min max bd .055 .090 1.40 2.29 3 bl .120 .200 3.05 5.08 3 ld .018 .022 0.46 0.56 ll 1.000 1.500 25.40 38.10 ll 1 .050 1.27 4 no t es: 1 . d imension s ar e in inch. 2 . m illimeter s ar e gi ven fo r genera l informatio n onl y. 3 . packag e contou r optiona l w ithi n b d an d lengt h bl . h ea t sl ugs , if an y , shal l be include d w ithi n thi s cy linde r bu t shal l no t be subjec t to minimum limi t of b d. the bl dimensio n shal l includ e th e entir e bod y including slugs. 4 . w ithi n thi s z on e lead , diamete r may v ar y to allo w fo r lea d finishe s and irregularitie s othe r tha n hea t slugs. 5 . in accordanc e w it h as me y 14.5 m, diameter s ar e equi v alen t to x sy mbolog y. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N4709-1E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X