Part Number Hot Search : 
BU2615FS BU2615 EPB5059G LN327GP 07910 LA1175 PBSS9110 74HC68
Product Description
Full Text Search
 

To Download 1N4114CUR-1E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds - 0245 , rev . 2 ( 5/ 31 /13 ) ?201 3 microsemi corporation page 1 of 6 1n4614 ur -1 C 1n4627 ur -1e3, 1n4099 ur -1 C 1n4135 ur -1e3 available on commercial versions 500 mw metallurgically bonded glass surface mount zener diodes qualified per mil - prf - 19500/435 qualified levels : jan, jantx, jantxv and jans d escription the 1n4099ur - 1 thr ough 1n4135ur - 1 and 1n4614ur - 1 thr ough 1n4627ur - 1 series are 500 mw, zener voltage regulators in the surface mount, glass do - 213aa package. voltages from 1.8 to 100v in 5%, 2%, and 1% tolerances are available. they are cons tructed with an internal metallurgical bond and are mil - qualified up to the jans level for high reliability applications. do - 213aa package also available in : do - 35 package (axial - leaded) 1n4099 -1 C 1n4135 -1 and 1n4614 -1 C 1n4627 -1 do - 216 package ( tabbed surface mount ) 1 pmt 4 099 C 1 pmt 4135 and 1 pmt 4614 C 1 pmt 4627 impor tant: for the latest information, visit our website http://www.microsemi.com . features ? surface mount equivalent to jedec registered 1n4099 thr ough 1n4135 and 1n4614 thr ough 1n4627 series . ? internal metallurgica l bond . ? max noise density 40 v / h z for 6.8 v and up. falls quickly to 1 v / h z at lower voltages. ? jan, jantx, jantxv and jans qualification s are availabl e per mil - prf - 19500/435 . ? this series is also available commercially with the cdll prefix (cdll4099 - 1 C cdll4135 - 1 and cdll4614 - 1 C cdll4627 -1). this cdll prefix also replaces the mll prefix on prior devices . ? rohs compliant versions available (commercial grade only) . applications / benefits ? regulates voltage over broad ranges of current and temperature . ? extensive selection from 1.8 to 100 volts . ? voltage tolerances of 5% (standard), 2% and 1% are available . ? hermetically sealed surface mount package . ? non - sensitive to esd per mil - std - 750 m ethod 1020 . ? minimal capacitance (see f igure 3 ). ? inherently radiation hard as described in microsemi micronote 050 . maximum ratings @ t c = +25 oc unless otherwise specified msc C law rence 6 lake street, lawrence, ma 01841 tel: 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 f ax: +353 (0) 65 6822298 website: www.microsemi.com parameters/test conditions symbol value unit junction and storage temp erature t j and t stg -6 5 to +1 75 o c thermal resistance junction - to - ambient (1) r ? ja 30 0 o c /w thermal resistance junction - to - end cap r ? jec 10 0 o c /w rated average power dissipation (2) p m(av) 0.5 w for w ard voltage @ 200 ma v f 1.1 v solder temperature @ 10 s 260 o c notes : 1. w hen mounted on fr4 pc board (1 oz cu) with r ecomme nded footprint (see last page ). 2. the 0.5 w linearly derates starting at t ec = 125 c and goes to zero at 175 c . for ambient t a condition on a typical pc board, it linearly derates from 500 mw starting at 25 c and goes t o zero at 175 c (see figure 2 ). downloaded from: http:///
t4 - lds - 0245 , rev . 2 ( 5/ 31 /13 ) ?201 3 microsemi corporation page 2 of 6 1n4614 ur -1 C 1n4627 ur -1e3, 1n4099 ur -1 C 1n4135 ur -1e3 mechanical and packag ing ? case: hermetically sealed glass do - 213aa (sod80 or cdll 34) melf style package . ? terminals : t in - lead or rohs c ompliant annealed matte -t in (on commercial grade only) plating . s olderable per mil - std - 750, method 2026 . ? polarity: cathode indicated by ba nd ed end. d iode is to be operated with the banded end positive with respect to the opposite end for zener regulation . ? marking: c athode band only. ? tape & reel option: standard per eia - 481 -1- a with 12 mm tape (add tr suffix to part number) . consult f actory for quantities. ? weight: approximately 0.04 grams . ? see p ackage d imensions on last page. part nomenclature jan 1n4099 c ur -1 (e3) reliability level jan = jan level jantx = jantx level jantxv = jantxv level jans = jans level blank = commercial jedec type number ( see electrical characteristics t able ) zener voltage tolerance b lank = 5% c = 2% d = 1% rohs compliance e3 = rohs c ompliant ( available on comme rcial grade only ) blank = non - rohs c ompliant metallurgical ly bond ed surface mount package cdll 4099 c -1 (e3) microsemi designation jedec type number ( see electrical characteristics t able ) zener vo ltage tolerance blank = 5% c = 2% d = 1% rohs compliance e3 = rohs c ompliant blank = non - rohs c ompliant metallurgically bonded downloaded from: http:///
t4 - lds - 0245 , rev . 2 ( 5/ 31 /13 ) ?201 3 microsemi corporation page 3 of 6 1n4614 ur -1 C 1n4627 ur -1e3, 1n4099 ur -1 C 1n4135 ur -1e3 symbols & definitions symbol definition vz temperature coefficient of regulator voltage: the change in regulato r voltage divided by the change in temperature that caused it expressed in %/c or mv/ c. i r reverse current: the maximum reverse (leakage) current that will flow at the specified vol tage and temperature. i z , i zt , i zk regulator current: the dc regulator current (i z ), at a specified test point (i zt ), near breakdown knee (i zk ). i zm maximum regulator (zener) current: the maximum rated dc current for the specified power rat ing. n d noise density: the noise generated over a specified frequency bandwidth u sually specified in terms of mv/ hz. v r reverse voltage: the reverse voltage dc value, no alternating component. v z zener voltage: the z ener voltage the device will exhibit at a specified current (i z ) in its breakdown region. z zt or z zk dynamic impe dance: the small signal impedance of the diode when biased to operate in its breakdown region at a specified rms current modulation (typically 10% of i zt or i zk ) and superimposed on i zt or i zk respectively. downloaded from: http:///
t4 - lds - 0245 , rev . 2 ( 5/ 31 /13 ) ?201 3 microsemi corporation page 4 of 6 1n4614 ur -1 C 1n4627 ur -1e3, 1n4099 ur -1 C 1n4135 ur -1e3 electrical characteristics @ 25 c unless otherwise stated industry part number (note 1) microsemi part number (note 1) nominal zener voltage v z @ i zt (note 2) zener test current i zt maximum zener impedance z zt (note 3) maximum reverse current i r @ v r maximum noise density n d @ i zt maximum zener current i zm maximum temp.coeff. of zener voltage vz v olts a o hms a volts v/ hz ma %/ o c 1n4614ur -1 1n4615ur -1 1n4616ur -1 cdll4614 -1 cdll4615 -1 cdll4616 -1 1.8 2.0 2.2 250 250 250 1200 1250 1300 3.5 2.5 2.0 1.0 1.0 1.0 1 1 1 120.0 110.0 100.0 - 0.075 -0 .075 - 0.075 1n4617ur -1 1n4618ur -1 1n4619ur -1 1n4620ur -1 cdll4617 -1 cdll4618 -1 cdll4619 -1 cdll4620 -1 2.4 2.7 3.0 3.3 250 250 250 250 1400 1500 1600 1650 1.0 0.5 0.4 3.5 1.0 1.0 1.0 1.5 1 1 1 1 95.0 90.0 87.0 85.0 - 0.075 - 0.075 - 0.075 - 0.075 1n4621ur -1 1n4 622ur -1 1n4623ur -1 1n4624ur -1 cdll4621 -1 cdll4622 -1 cdll4623 -1 cdll4624 -1 3.6 3.9 4.3 4.7 250 250 250 250 1700 1650 1600 1550 3.5 2.5 2.0 5.0 2.0 2.0 2.0 3.0 1 1 1 1 83.0 80.0 77.0 75.0 - 0.065 - 0.060 - 0.050 - 0.0 5 0,+0.020 1n4625ur -1 1n4626ur -1 1n4627ur -1 1 n4099ur -1 cdll4625 -1 cdll4626 -1 cdll4627 -1 cdll4099 -1 5.1 5.6 6.2 6.8 250 250 250 250 1500 1400 1200 200 5.0 5.0 5.0 1.0 3.0 4.0 5.0 5. 2 2 4 5 40 70.0 65.0 61.0 56.0 - 0.045,+0.030 - 0.020,+0.040 - 0.010,+0.050 + 0.060 1n4100ur -1 1n4101ur -1 1n4102ur -1 1n4103u r-1 cdll4100 -1 cdll4101 -1 cdll4102 -1 cdll4103 -1 7.5 8.2 8.7 9.1 250 250 250 250 200 200 200 200 1.0 0.5 0.5 0.5 5.7 6.3 6.7 7.0 40 40 40 40 51.0 46.0 44.0 42.0 + 0.065 + 0.070 + 0.075 + 0.080 1n4104ur -1 1n4105ur -1 1n4106ur -1 1n4107ur -1 cdll4104 -1 cdll4105 -1 c dll4106 -1 cdll4107 -1 10.0 11.0 12.0 13.0 250 250 250 250 200 200 200 200 0.5 0.05 0.05 0.05 7.6 8.5 9.2 9. 9 40 40 40 40 38.0 35.0 32.0 29.0 + 0.080 + 0.080 + 0.080 + 0.080 1n4108ur -1 1n4109ur -1 1n4110ur -1 1n4111ur -1 cdll4108 -1 cdll4109 -1 cdll4110 -1 cdll4111 -1 14.0 15.0 16.0 17.0 250 250 250 250 200 100 100 100 0.05 0.05 0.05 0.05 10.7 11.4 12.2 13.0 40 40 40 40 27.0 25.0 24.0 22.0 + 0.085 + 0.085 + 0.085 + 0.090 1n4112ur -1 1n4113ur -1 1n4114ur -1 1n4115ur -1 cdll4112 -1 cdll4113 -1 cdll4114 -1 cdll4115 -1 18.0 19.0 20.0 22.0 250 250 250 250 100 150 150 150 0.05 0.05 0.01 0.01 13.7 14.5 15.2 16.8 40 40 40 40 21.0 20.0 19.0 17.0 + 0.090 + 0.090 + 0.090 + 0.090 1n4116ur -1 1n4117ur -1 1n4118ur -1 1n4119ur -1 cdll4116 -1 cdll4117 -1 cdll4118 -1 cdll4119 -1 24.0 25.0 27.0 28.0 250 250 2 50 250 150 150 150 200 0.01 0.01 0.01 0.01 18.3 19.0 20.5 21.3 40 40 40 40 16.0 15.0 14.0 14.0 + 0.090 + 0.090 + 0.090 + 0.095 1n4120ur -1 1n4121ur -1 1n4122ur -1 1n4123ur -1 cdll4120 -1 cdll4121 -1 cdll4122 -1 cdll4123 -1 30.0 33.0 36.0 39.0 250 250 250 250 200 200 200 200 0.01 0.01 0.01 0.01 22.8 25.1 27.4 29.7 40 40 40 40 13.0 12.0 11.0 9.8 + 0.095 + 0.095 + 0.095 + 0.095 1n4124ur -1 1n4125ur -1 1n4126ur -1 1n4127ur -1 cdll4124 -1 cdll4125 -1 cdll4126 -1 cdll4127 -1 43.0 47.0 51.0 56.0 250 250 250 250 250 250 300 300 0.01 0.0 1 0.01 0.01 32.7 35.8 38.8 42.6 40 40 40 40 8.9 8.1 7.5 6.7 + 0.095 + 0.095 + 0.100 + 0.100 1n4128ur -1 1n4129ur -1 1n4130ur -1 1n4131ur -1 cdll4128 -1 cdll4129 -1 cdll4130 -1 cdll4131 -1 60.0 62.0 68.0 75.0 250 250 250 250 400 500 700 700 0.01 0.01 0.01 0.01 45.6 47 .1 51.7 57.0 40 40 40 40 6.4 6.1 5.6 5.1 + 0.100 + 0.100 + 0.100 + 0.100 1n4132ur -1 1n4133ur -1 1n4134ur -1 1n4135ur -1 cdll4132 -1 cdll4133 -1 cdll4134 -1 cdll4135 -1 82.0 87.0 91.0 100.0 250 250 250 250 800 1000 1200 16 00 0.01 0.01 0.01 0.01 62.4 66.2 69.2 76.0 40 40 40 40 4.6 4.4 4.2 3.8 + 0.100 + 0.100 + 0.100 + 0.100 see notes on next page. downloaded from: http:///
t4 - lds - 0245 , rev . 2 ( 5/ 31 /13 ) ?201 3 microsemi corporation page 5 of 6 1n4614 ur -1 C 1n4627 ur -1e3, 1n4099 ur -1 C 1n4135 ur -1e3 note 1: these may be ordered as either 1n4614ur - 1 thru 1n4627ur - 1 and 1n4099ur - 1 thru 1n4135ur - 1 or cd ll4614 - 1 thru cd ll4627 - 1 and cd ll4099 - 1 thru cd l l4135 - 1. for 1n military types, add the jan, jantx, jantxv prefix for required screening to the indu stry part number. note 2: the jedec type numbers shown above have a standard tolerance of +/ - 5% on the nominal zener voltage. v z is measured with the diode in thermal equilibrium (still air) at 25 o c for end - cap terminations . note 3: zener impedance is derived by superimposing on i zt a 60 hz rms ac current at 10% of i zt . see micronote 202 for z zt variation with i z . graphs figure 1 C noise density measurement circuit noise density, (n d ) is specified in microvolt - rms per square - root - hertz. actual measurement is performed using a 1 khz to 3 khz frequency bandpass filter at a constant zener test current (i zt ) at 25 o c ambient temperature. n d is calculated from the formula. zener voltage v z figure 3 C capacitance vs. zener voltage (typical ) temperature ( o c) figure 2 C power derating curve p d rated power dissipation (mw) typical capacitance in picofarads (pf) downloaded from: http:///
t4 - lds - 0245 , rev . 2 ( 5/ 31 /13 ) ?201 3 microsemi corporation page 6 of 6 1n4614 ur -1 C 1n4627 ur -1e3, 1n4099 ur -1 C 1n4135 ur -1e3 package dimensions pad layout dim inch millimeters min max min max bd 0.063 0.067 1.60 1.70 bl 0.130 0.146 3.30 3.71 ect 0.016 0.022 0.41 0.56 s 0 .001 min 0.03 min inch mm a 0 .200 5.08 b 0 .055 1.40 c 0 .080 2.03 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N4114CUR-1E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X