Part Number Hot Search : 
ICX405AL KLLU2500 SP02041 IRFN054 28F00 SW7N65DW M4001 CX4HGSM
Product Description
Full Text Search
 

To Download 1N4072AE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds - 0271 , rev . 1 (12 1053 ) ?201 2 microsemi corporation page 1 of 6 1n4057 (a) thru 1n4085 (a) available high voltage temperature compensated zener reference diodes screening in reference to mil - prf - 19500 available description the 1n4057 thr ough 1n4085a series of t emperature c ompensated r eference d iodes provides a wide selection of nominal voltages ranging from 12.4 v to 200 v with low temperature coefficients of either 0.005%/c or 0.002%/ o c for minimal voltage change with temperature. this is achieved at the speci fied test currents of: - 10.0 ma for the lower voltages 12.4 v to 33 v - 7.5 ma for the next higher voltage grouping of 37 v to 100 v - 5.00 ma for 68 v to 100 v - 2.5 ma for the highe st voltage group 105 v to 200 v these axial - leaded reference diodes are packaged in three different plastic body package configurations progressively increasing in size with the voltage. microsemi also of fers numerous other zener r eference d iode products in smaller packages for lower voltages in popular jedec registrations. p ackaging important: for the latest information, visit our website http://www.microsemi.com . features ? jedec registered 1n 4057 thru 1n 4085 . ? hermetically sealed, metallurgically bonded, double - plug construct ion. ? standard v oltage tolerances of +/ - 5 %. ? maximum temperature coefficient selections available of 0.005 %/ o c and 0.002 %/ o c. ? up - screening available in reference to mil - prf - 19500 . (s ee part nomenclature for all avai lable options.) ? rohs compliant versions available . applications / benefits ? provides minimal voltage change in voltage over a broad temperature range . ? for instrumentation and other circuit designs requiring a stable voltage reference. ? flexible axial - lea d mounting terminals . ? non - sensitive to esd per mil - std - 750 m ethod 1020 . maximum ratings msc C law rence 6 lake street, lawrence, ma 01841 tel: 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters/test conditions symbol value unit junction and storage temp erature t j and t stg - 65 to +175 oc off - state power dissipation (1) case cc case dd case ee p d 1.5 2 2.5 w solder temperature @ 10 s t sp 260 o c notes : 1. starting at 25 oc, derate linearly to zero at 150 oc: case cc derate at 12 mw/oc case dd derate at 16 mw/oc case ee derate at 20 mw/oc downloaded from: http:///
t4 - lds - 0271 , rev . 1 (12 1053 ) ?201 2 microsemi corporation page 2 of 6 1n4057 (a) thru 1n4085 (a) mechanical and packaging ? case: plastic shell filled with non - conductive ep oxy around a hermetically sealed glass encased diode . ? terminals: tin - lead or rohs compliant matte - tin plated copper clad steel solderable per mil - std - 750, m ethod 2026. ? marking: part number and cathode band. ? polarity: reference diode to be operated with the banded end positive with respect to the opposite end. ? tape & reel option: consult factory for quantities. ? weight: case cc: 1.17 grams case dd: 1.42 grams case ee: 2.86 grams ? see p ackage d imensions on last page. part nomenclature jan 1n4057 a (e3) reliability level mq (reference jan) mx (reference jantx) mv (reference jantxv) cds (reference jans) blank = commercial jedec type numbe r ( see electrical characteristic s t able ) rohs compliance e3 = rohs c ompliant blank = non - rohs c ompliant temperature coefficient a = +/ - .002 % / oc blank = +/ - .005 % / oc symbols & definitions symbo l definition i z , i zt , i zk regulator current: the dc regulator current (i z ), at a specified test point (i zt ), near breakdown knee (i zk ). p d power dissipation: the power dissipation, dc. v z zener voltage: the z ener voltage the device will exhibit at a specified current (i z ) in its breakdown region. downloaded from: http:///
t4 - lds - 0271 , rev . 1 (12 1053 ) ?201 2 microsemi corporation page 3 of 6 1n4057 (a) thru 1n4085 (a) electrical characteristics jedec type number zener voltage (see note 1) v z @ i zt zener test current i zt maximum dynamics impedance z x @ i zt maximum temperature coefficient (see note 2) vz tempera ture range case type no. v olts (+/ - 5%) ma o hms +/ -% / o c +/ - mv / o c o c 1n4057 1n4057a 12.4 12.4 10.0 10.0 25 25 .005 .002 .62 .25 55 to +25 to +100 55 to +25 to +100 cc cc 1n4058 1n4058a 14.6 14.6 10.0 10.0 30 30 .005 .002 .73 .29 55 to +25 to +100 55 to +25 to +100 cc cc 1n4059 1n4059a 16.8 16.8 10.0 10.0 30 30 .005 .002 .84 .34 55 to +25 to +100 55 to +25 to +100 cc cc 1n4060 1n4060a 18.5 18.5 10.0 10.0 30 30 .005 .002 .92 .37 55 to +25 to +100 55 to +25 to +100 cc cc 1n4061 1n4061a 21 21 10. 0 10.0 35 35 .005 .002 1.05 .42 55 to +25 to +100 55 to +25 to +100 cc cc 1n4062 1n4062a 23 23 10.0 10.0 40 40 .005 .002 1.15 .46 55 to +25 to +100 55 to +25 to +100 cc cc 1n4063 1n4063a 27 27 10.0 10.0 45 45 .005 .002 1.35 .54 55 to +25 to +100 55 to +25 to +100 cc cc 1n4064 1n4064a 30 30 10.0 10.0 50 50 .005 .002 1.50 .60 55 to +25 to +100 55 to +25 to +100 cc cc 1n4065 1n4065a 33 33 10.0 10.0 55 55 .005 .002 1.65 .66 55 to +25 to +100 55 to +25 to +100 cc cc 1n4066 1n4066a 37 37 7.5 7.5 80 80 .005 . 002 1.85 .74 55 to +25 to +100 55 to +25 to +100 cc cc 1n4067 1n4067a 43 43 7.5 7.5 90 90 .005 .002 2.15 .86 55 to +25 to +100 55 to +25 to +100 cc cc 1n4068 1n4068a 47 47 7.5 7.5 100 100 .005 .002 2.35 .94 55 to +25 to +100 55 to +25 to +100 cc cc 1n4069 1n4069a 51 51 7.5 7.5 110 110 .005 .002 2.55 1.02 55 to +25 to +100 55 to +25 to +100 dd dd 1n4070 1n4070a 56 56 7.5 7.5 120 120 .005 .002 2.80 1.12 55 to +25 to +100 55 to +25 to +100 dd dd 1n4071 1n4071a 62 62 7.5 7.5 135 135 .005 .002 3.10 1.24 55 to +25 to +100 55 to +25 to +100 dd dd 1n4072 1n4072a 68 68 5.0 5.0 230 230 .005 .002 3.40 1.36 55 to +25 to +100 55 to +25 to +100 dd dd 1n4073 1n4073a 75 75 5.0 5.0 250 250 .005 .002 3.75 1.50 55 to +25 to +100 55 to +25 to +100 dd dd 1n4074 1n4074a 82 82 5.0 5.0 270 270 .005 .002 4.10 1.64 55 to +25 to +100 55 to +25 to +100 dd dd 1n4075 1n4075a 87 87 5.0 5.0 290 290 .005 .002 4.35 1.74 55 to +25 to +100 55 to +25 to +100 dd dd 1n4076 1n4076a 91 91 5.0 5.0 310 310 .005 .002 4.55 1.82 55 to +25 to +100 55 to +25 to +100 dd dd 1n4077 1n4077a 100 100 5.0 5.0 340 340 .005 .002 5.00 2.00 55 to +25 to +100 55 to +25 to +100 dd dd 1n4078 1n4078a 105 105 2.5 2.5 700 700 .005 .002 5.25 2.10 55 to +25 to +100 55 to +25 to +100 dd dd 1n4079 1n4079a 110 110 2.5 2.5 740 740 .005 .002 5.50 2.20 55 to +25 to +100 55 to +25 to +100 dd dd 1n4080 1n4080a 120 120 2.5 2.5 800 800 .005 .002 6.00 2.40 55 to +25 to +100 55 to +25 to +100 dd dd 1n4081 1n4081a 130 130 2.5 2.5 840 840 .005 .002 6.50 2.60 55 to +25 to +100 55 to +25 to +100 ee ee 1n4082 1n4082a 140 140 2.5 2.5 960 960 .005 .002 7.00 2.80 55 to +25 to +100 55 to +25 to +100 ee ee 1n4083 1n4083a 150 150 2.5 2.5 1020 1020 .005 .002 7.50 3.00 55 to +25 to +100 55 to +25 to +100 ee ee 1n4084 1n4084a 175 175 2.5 2.5 1150 1150 .005 .002 8.75 3.50 55 to +25 to +100 55 to +25 to +100 ee ee 1n4085 1n4085a 200 200 2.5 2.5 1350 1350 .005 .002 10.00 4.00 55 to +25 to +100 55 to +25 to +100 ee ee *jedec registered data notes: 1. voltage measurements to be perfor med 15 seconds after application of dc current. 2. the 1n4057 through 1n4085 series is specified over the temperature range - 55 o c to +100 o c with measurements made at - 55 o c , +100 o c , and at the reference temperature +25 o c . the maximum voltage change over the range - 55 o c to +25 o c and +25 o c to +100 o c for this series is limited to the values (expressed in mv / o c) shown in the table. these values are computed by considering the temperature coefficient to be an average over the temperature range. for example, there is an 80 o c change in temperature from - 55 o c to +25 o c . at an average temperature coefficient of 0.005 %/ o c , the maximum percentage change in voltage would be: 80 o c x 0.005 %/ o c or 0.4 %. for the 1n4057, having a nominal zener voltage of 12.4 volts, the maximum allowable voltage change would be: 0.4 % of 12.4 volts or 49.6 millivolts. downloaded from: http:///
t4 - lds - 0271 , rev . 1 (12 1053 ) ?201 2 microsemi corporation page 4 of 6 1n4057 (a) thru 1n4085 (a) graphs zener voltage C volts figure 1 typical volt - ampere curve of 1n4076a t l - lead temperature ( c) , 3/8 from body figure 2 - case cc po wer derating curve zener current (ma) dc power dissipation - watts downloaded from: http:///
t4 - lds - 0271 , rev . 1 (12 1053 ) ?201 2 microsemi corporation page 5 of 6 1n4057 (a) thru 1n4085 (a) graphs t l - lead temperature (c) , 3/8 from body figure 3 - case dd power derating curve t l - lead temperature (c) , 3/8 from body figure 4 - case ee power derating curve dc power dissipation - watts dc power dissipation - watts downloaded from: http:///
t4 - lds - 0271 , rev . 1 (12 1053 ) ?201 2 microsemi corporation page 6 of 6 1n4057 (a) thru 1n4085 (a) package dimensions downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N4072AE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X