Part Number Hot Search : 
1V330M FM106 IZ8018 MD3505 FD120 R2100 Z5238 MAX6439
Product Description
Full Text Search
 

To Download 1717221001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/17/2017 please check www.molex.com for latest part information part number: 1717221001 status: active overview: zqsfp+? interconnect system description: zquad small form factor pluggable plus (zqsfp+) stacked integrated 2-by-1, connector and cage with emi spring finger, 76 circuit, gold (au) over nickel plated, no light pipe documents: 3d model application specification as-171565-0002-001 (pdf) drawing (pdf) packaging specification pk-171565-0001 (pdf) product specification ps-171565-0001-001 (pdf) rohs certificate of compliance (pdf) product specification ts-171565-0001-001 (pdf) product literature (pdf) agency certification ul e29179 general product family i/o connectors series 171722 application board-to-board, module-to-board, wire-to-board component type receptacle electrical model yes overview zqsfp+? interconnect system product literature order no 987650-5391 product name zqsfp plus, zqsfp+ type n/a upc 887191235868 physical circuits (loaded) 76 circuits (maximum) 76 color - resin black durability (mating cycles max) 100 flammability 94v-0 keying to mating part none lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination matte tin material - resin high temperature thermoplastic net weight 33.623/g number of rows 2 orientation right angle pc tail length 1.20mm pcb locator yes pcb retention yes pcb thickness - recommended 1.57mm packaging type tray panel mount n/a pitch - mating interface 0.80mm plating min - mating 0.762m plating min - termination 0.762m polarized to mating part yes polarized to pcb yes ports 2 surface mount compatible (smc) no temperature range - operating -40c to +85c series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/30/2017 (7 july 2017) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 171722 series mates with qsfp cable assembly 74757
termination interface: style through hole - compliant pin electrical current - maximum per contact 0.5a grounding to panel yes shield type emi fingers voltage - maximum 30v ac (rms)/dc solder process data lead-freeprocess capability n/a material info reference - drawing numbers application specification as-171565-0002-001 electrical model document ee-171081-3000 packaging specification pk-171565-0001 product specification ps-171565-0001-001, ts-171565-0001-001 s-parameter model sp-171081-3000 sales drawing sd-171722-2000 signal integrity report si-171565-0001 symbol/footprint data sym-171722-1000 this document was generated on 11/17/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 1717221001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X