Part Number Hot Search : 
S1005 LT1621 1SV262 B1000 LTC2420C TN2219A T048P S1005
Product Description
Full Text Search
 

To Download ZXMP6A17GQ-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zxmp6a17gq document number ds36686 rev. 3 - 2 1 of 8 www.diodes.com march 2015 ? diodes incorporated advance information zxmp6a17g q 60v p-channel enhancement mode mosfet product summary v (br)dss r ds(on) i d t a = +25c -60v 125m  @ v gs = -10v -4.3a 190m  @ v gs = -4.5v -3.5a description this mosfet is designed to minimize the on-state re sistance and yet maintain superior switching performance, making it ideal for high- efficiency power management applications. applications ? motor control ? dc-dc converters ? power management functions ? uninterrupted power supply features and benefits ? fast switching speed ? low gate drive ? low input capacitance ? lead-free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliabilit y ? ppap capable (note 4) mechanical data ? case: sot223 ? case material: molded plastic, ul flammability cla ssification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish - matte tin annealed over copper leadframe. solderable per mil-std-202, method 208 ? weight: 0.112 grams (approximate) ordering information (notes 4 & 5) part number compliance case packaging zxmp6a17gqta automotive sot223 1,000 / tape & reel note: 1. eu directive 2002/95/ec (rohs) & 2011/65/e u (rohs 2) compliant. all applicable rohs exemption s applied. 2. see http://www.diodes.com/quality/lead_free.htm l for more information about diodes incorporated?s definitions of halogen- and antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <9 00ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. automotive products are aec-q101 qualified and are ppap capable. automotive, aec-q101 and standard pro ducts are electrically and thermally the same, except where specified. for more information , please refer to http://www.diodes.com/quality/pro duct_grade_definitions/. 5. for packaging details, go to our website at htt p://www.diodes.com/products/packages.html. marking information sot223 pin out - top view top view sot223 equivalent circuit d s g green zxmp6a17 = product type marking code yww = date code marking y or y= year (ex: 5 = 2015) ww or ww = week (01 - 53)
zxmp6a17gq document number ds36686 rev. 3 - 2 2 of 8 www.diodes.com march 2015 ? diodes incorporated advance information zxmp6a17g q maximum ratings (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit drain-source voltage v dss -60 v gate-source voltage v gs 20 v continuous drain current v gs = 10v (note 7) i d -4.3 a t a = +70c (note 7) -3.5 (note 6) -3 pulsed drain current v gs = 10v (note 8) i dm -13.7 a continuous source current (body diode) (note 7) i s -4.8 a pulsed source current (body diode) (note 8) i sm -13.7 a thermal characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation linear derating factor (note 6) p d 2 16 w mw/c (note 7) 3.9 31 thermal resistance, junction to ambient (note 6) r ja 62.5 c/w (note 7) 32 thermal resistance, junction to lead (note 9) r jl 9.8 operating and storage temperature range t j , t stg -55 to +150 c notes: 6. for a device surface mounted on 25mm x 25 mm x 1.6mm fr4 pcb with high coverage of single sid ed 1oz copper, in still air conditions; the device is measured when operating in a steady-state cond ition. 7. same as note 6, except the device is measured a t t 10sec. 8. same as note 6, except the device is pulsed wit h d = 0.02 and pulse width 300s. the pulse curren t is limited by the maximum junction temperature. 9. thermal resistance from junction to solder-poin t (at the end of the drain lead).
zxmp6a17gq document number ds36686 rev. 3 - 2 3 of 8 www.diodes.com march 2015 ? diodes incorporated advance information zxmp6a17g q thermal characteristics 1 10 100 10m 100m 1 10 single pulse t amb =25c r ds(on) limited 100s 1ms 10ms 100ms 1s dc safe operating area -i d drain current (a) -v ds drain-source voltage (v) 0 20 40 60 80 100 120 140 160 0.0 0.4 0.8 1.2 1.6 2.0 25mm x 25mm 1oz fr4 derating curve temperature (c) max power dissipation (w) 100 1m 10m 100m 1 10 100 1k 0 10 20 30 40 50 60 70 t amb =25c transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance (c/w) pulse width (s) 100 1m 10m 100m 1 10 100 1k 1 10 100 single pulse t amb =25c pulse power dissipation pulse width (s) maximum power (w)
zxmp6a17gq document number ds36686 rev. 3 - 2 4 of 8 www.diodes.com march 2015 ? diodes incorporated advance information zxmp6a17g q electrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test conditi on off characteristics drain-source breakdown voltage bv dss -60 ? ? v i d = -250a, v gs = 0v zero gate voltage drain current i dss ? ? -0.5 a v ds = -60v, v gs = 0v gate-source leakage i gss ? ? 100 na v gs = 20v, v ds = 0v on characteristics gate threshold voltage v gs(th) -1 ? ? v i d = -250 a, v ds = v gs static drain-source on-resistance (note 10) r ds(on) ? 0.096 0.125  v gs = -10v, i d = -2.2a 0.12 0.19 v gs = -4.5v, i d = -1.8a forward transconductance (notes 10 & 11) g fs ? 4.7 ? s v ds = -15v, i d = -2.2a diode forward voltage (note 10) v sd ? -0.85 -0.95 v i s = -2a, v gs = 0v, t j = +25c reverse recovery time (note 11) t rr 25.1 ? ns i s = -1.7a, di/dt = 100a/s, t j = +25c reverse recovery charge (note 11) q rr ? 27.2 ? nc dynamic characteristics (note 11) input capacitance c iss ? 637 ? pf v ds = -30v, v gs = 0v f = 1mhz output capacitance c oss ? 70 ? pf reverse transfer capacitance c rss ? 53 ? pf total gate charge (note 12) q g ? 9 ? nc v gs = -4.5v v ds = -30v i d = -2.2a total gate charge (note 12) q g ? 17.7 ? nc v gs = -10v gate-source charge (note 12) q gs ? 1.6 ? nc gate-drain charge (note 12) q gd ? 4.4 ? nc turn-on delay time (note 12) t d(on) ? 2.6 ? ns v dd = -30v, v gs = -10v i d = -1a, r g ? 6  turn-on rise time (note 12) t r ? 3.4 ? ns turn-off delay time (note 12) t d(off) ? 26.2 ? ns turn-off fall time (note 12) t f ? 11.3 ? ns notes: 10. measured under pulsed conditions. pulse width 300s; duty cycle 2%. 11. for design aid only, not subject to production testing. 12. switching characteristics are independent of o perating junction temperatures.
zxmp6a17gq document number ds36686 rev. 3 - 2 5 of 8 www.diodes.com march 2015 ? diodes incorporated advance information zxmp6a17g q typical characteristics 0.1 1 10 0.01 0.1 1 10 0.1 1 10 0.01 0.1 1 10 1 2 3 4 0.1 1 10 -50 0 50 100 150 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.1 1 10 0.01 0.1 1 10 100 0.2 0.4 0.6 0.8 1.0 1.2 0.01 0.1 1 10 10v 2v 3.5v -v gs 2.5v 4v 3v output characteristics t = 25c -v gs -i d drain current (a) -v ds drain-source voltage (v) 5v 1.5v 3.5v 3v 2v 4.5v 10v 2.5v output characteristics t = 150c -i d drain current (a) -v ds drain-source voltage (v) 5v typical transfer characteristics -v ds = 10v t = 25c t = 150c -i d drain current (a) -v gs gate-source voltage (v) normalised curves v temperature r ds(on) v gs = -10v i d = - 2.3a v gs(th) v gs = v ds i d = -250ua normalised r ds(on) and v gs(th) tj junction temperature (c) v gs = 0v 4v 10v 3v 2v 3.5v 2.5v on-resistance v drain current t = 25c -v gs r ds(on) drain-source on-resistance () -i d drain current (a) 5v t = 150c t = 25c source-drain diode forward voltage -v sd source-drain voltage (v) -i sd reverse drain current (a)
zxmp6a17gq document number ds36686 rev. 3 - 2 6 of 8 www.diodes.com march 2015 ? diodes incorporated advance information zxmp6a17g q typical characteristics (continued) 0.1 1 10 0 200 400 600 800 1000 c rss c oss c iss v gs = 0v f = 1mhz c capacitance (pf) -v ds - drain - source voltage (v) 0 2 4 6 8 10 12 14 16 18 0 2 4 6 8 10 i d = -2.3a v ds = -30v gate-source voltage v gate charge capacitance v drain-source voltage q - charge (nc) -v gs gate-source voltage (v) test circuits c u r r e n t regulator charge gate charge test circuit switching time test circuit basic gate charge waveform switching time waveforms d.u.t 50k 0.2mf 12v sameas d.u.t v gs v gs v ds v g q gs q gd q g v gs 90% 10% t (on) t (on) t d(on) t r t r t d(of ) v ds v dd r d r g pulse width , 1ms duty factor 0.1% v ds i d i g
zxmp6a17gq document number ds36686 rev. 3 - 2 7 of 8 www.diodes.com march 2015 ? diodes incorporated advance information zxmp6a17g q package outline dimensions please see ap02002 at http://www.diodes.com/datashe ets/ap02002.pdf for the latest version. suggested pad layout please see ap02001 at http://www.diodes.com/datashe ets/ap02001.pdf for the latest version. sot223 dim min max typ a 1.55 1.65 1.60 a1 0.010 0.15 0.05 b 0.60 0.80 0.70 b1 2.90 3.10 3.00 c 0.20 0.30 0.25 d 6.45 6.55 6.50 e 3.45 3.55 3.50 e1 6.90 7.10 7.00 e - - 4.60 e1 - - 2.30 l 0.85 1.05 0.95 q 0.84 0.94 0.89 all dimensions in mm dimensions value (in mm) c 2.30 c1 6.40 x 1.20 x1 3.30 y 1.60 y1 1.60 y2 8.00 a1 a 7 7 d b e e1 b1 c e1 l 0 - 1 0 q e 0.25 seating plane gauge plane x1 y1 y x c c1 y2
zxmp6a17gq document number ds36686 rev. 3 - 2 8 of 8 www.diodes.com march 2015 ? diodes incorporated advance information zxmp6a17g q important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranti es of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisd iction). diodes incorporated and its subsidiaries reserve th e right to make modifications, enhancements, improv ements, corrections or other changes without further notice to this document and any pro duct described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any cu stomer or user of this document or products describ ed herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products pur chased through unauthorized sales channel. should customers purchase or use diodes incorporate d products for any unintended or unauthorized appli cation, customers shall indemnify and hold diodes incorporated and its representatives ha rmless against all claims, damages, expenses, and a ttorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized appl ication. products described herein may be covered by one or more united states, international or foreign patent s pending. product names and markings noted herein may also be covered by one or more uni ted states, international or foreign trademarks. this document is written in english but may be tran slated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes i ncorporated. life support diodes incorporated products are specifically not a uthorized for use as critical components in life su pport devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to per form when properly used in accordance with instruct ions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a lif e support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affe ct its safety or effectiveness. customers represent that they have all necessary ex pertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsi ble for all legal, regulatory and safety-related re quirements concerning their products and any use of diodes incorporated products in such safety- critical, life support devices or systems, notwiths tanding any devices- or systems-related information or support that may be provided by diod es incorporated. further, customers must fully ind emnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such saf ety-critical, life support devices or systems. copyright ? 2015, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of ZXMP6A17GQ-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X