Part Number Hot Search : 
2SK1995 31300 2N578402 DMN20 FU9024 MJE24306 TC114E TSP160SA
Product Description
Full Text Search
 

To Download UF2001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  diffused junction  ultra-fast switching for high efficiency  high current capability and low forward voltage drop  surge overload rating to 60a peak  low reverse leakage current  plastic material: ul flammability classification rating 94v-0  case: molded plastic  terminals: plated leads solderable per mil-std-202, method 208  polarity: cathode band  marking: type number  weight: 0.4 grams (approx.)  mounting position: any single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol uf 2001 uf 2002 uf 2003 uf 2004 uf 2005 uf 2006 uf 2007 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current (note 1) @ t a = 50  c i o 2.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 60 a forward voltage @ i f = 2.0a v fm 1.0 1.3 1.7 v peak reverse current @ t a = 25  c at rated dc blocking voltage @ t a = 100  c i rm 5.0 100  a reverse recovery time (note 3) t rr 50 75 ns typical junction capacitance (note 2) c j 50 30 pf typical thermal resistance junction to ambient r  ja 50 k/w operating and storage temperature range t j, t stg -65 to +150  c notes: 1. valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. measured at i f = 0.5a, i r = 1.0a, i rr = 0.25a. see figure 5. UF2001-uf2007 2.0a ultra-fast rectifier features mechanical data do - 1 5 dimensions in millimeters ht t p : // w w w.lgesemi .c o m m a il:lge@lgesemi.com revision:201 70701 -p1
0 0.4 0.8 1.2 1.6 2 . 0 25 50 75 100 125 150 175 200 i , average fwd rectified current (a) (av) t , ambient temperature ( c) fi g . 1 forward current deratin g curve a single phase half-wave 60 hz resistive or inductive load 0.01 0.1 1.0 10 0.6 0.8 1.0 1.2 1.4 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f t = 25 c j pulse width = 300 s UF2001 - uf2003 uf2005 - uf2007 uf2004 i , peak forward surge current (a) fsm 0 20 40 60 1 10 100 number of cycles at 60hz fi g . 3 peak forward sur g e current 50v dc approx 50 ni (non-inductive) ? 10 ni ? 1.0 ni ? oscilloscope (note 1) pulse generator (note 2) device under test t rr set time base for 50/100 ns/cm +0.5a 0a -0.25a -1.0a notes: 1. rise time = 7.0ns max. input impedance = 1.0m , 22pf. 2. rise time = 10ns max. input impedance = 50 . ? ? fi . 5 reverse recover time characteristic and test circuit (+) (+) (-) (-) 1 10 100 1 10 100 c , capacitance (pf) j v , reverse voltage (v) fi g .4 t y pical junction capacitance r t = 25 c f = 1.0mhz j UF2001-uf2007 2.0a ultra-fast rectifier ht t p : // w w w.lgesemi .c o m m a il:lge@lgesemi.com revision:201 70701 -p1 pa c kage spq/p cs c a r t on spq/p cs c a r t on si z e/ cm c a r t on g w /kg c a r t on n w /kg d o - 15 3000 /a mmo 30000 42 x 28 x 31 12 . 00 10 . 00


▲Up To Search▲   

 
Price & Availability of UF2001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X