Part Number Hot Search : 
70246 43025 HCT00 B1010 A1209 MB914 HHS40ZE NF03L
Product Description
Full Text Search
 

To Download TR0805KR-07100R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data shee t trimmable chip resistors tr series 0/-10%, 0/-20%, 0/-30% sizes 0402/0603/0805/1206 rohs compliant product specification ? jan 14, 2009 v.1 supersedes date of mar. 06, 2003
chip resistor surface mount w ww.yageo.com j an 14, 2009 v.1 product specification 2 8 series tr 0402/0603/0805/1206 (rohs compliant) ordering information - global part number & 12nc both part numbers are identified by the series, size, to lerance, packing type, temperature coefficient, taping reel and resistance value. scope this specification describes tr0402 to tr1206 trimmable chip resistors with lead-free terminations made by thick film process. applications ?? hand-held measuring equipment ?? mobile phones ?? camcorders ?? portable radios, cd and cassette ?? tuners ?? photo sensors features ?? rohs compliant - products with lead free terminations meet rohs requirements - pb-glass contained in electrodes, resistor element and glass are exempted by rohs ?? reducing environmentally hazardous wastes ?? high component and equipment reliability ?? saving of pcb space ?? none forbidden-materials used in products/production o rdering example the ordering code of a tr0603 chip resistor, value 330 x with 0/-30% tolerance, supplied in 7-inch tape reel is: tr0603nr-07330r(l). note 1. all our rsmd products meet rohs compliant. "lfp" of the internal 2d reel label mentions "lead free process" 2. on customized label, "lfp" or specific symbol printed and the optional "l" at the end of global part number / 12nc can be added (both are on customer request) y y a a g g e e o o b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e global part number ( preferred ) tr xxxx x x x xx xxxx ( 1 ) ( 2 ) ( 3 ) ( 4 ) ( 5 ) ( 6 ) ( 1 ) size 0402 0603 0805 1206 ( 2 ) tolerance k = 0/-10% m = 0/-20% n = 0/-30% ( 3 ) packaging type r = paper taping reel ( 4 ) temperature coefficient of resistance ? = base on spec ( 5 ) taping reel 07 = 7 inch dia. reel ( 6 ) resistance value there are 2~4 digits indicated the resistor value. letter r/k/m is decimal point, no need to mention the last zero after r/k/m, e.g.1k2, not 1k20. detailed resistance rules show in table of ?resistance rule of global part number?. (7) optional code l = optional symbol (note) resistance rule of global part number resistance code rule example xrxx (1 to 9.76 ? ) 1r = 1 ? 1r5 = 1.5 ? 9r76 = 9.76 ? xxrx (10 to 97.6 ? ) 10r = 10 ? 97r6 = 97.6 ? xxxr (100 to 976 ? ) 100r = 100 ? xkxx (1 to 9.76 k ? ) 1k = 1,000 ? 9k76 = 9760 ? xmxx (1 to 9.76 m ? ) 1m = 1,000,000 ? 9m76= 9,760,000 ?
chip resistor surface mount w ww.yageo.com j an 14, 2009 v.1 product specification 3 8 series tr 0402/0603/0805/1206 (rohs compliant) 12nc code 2350 xxx xx xxx l (1) (2) (3) ( 4 ) paper/pe tape on reel (units) (2) size type start in (1) tol. (%) resistance range 10,000 5,000/10,000 5,000 0402 rc32tr 2350 0/-10% 1 to 10 m ? 503 22xxx - 0/-20% 1 to 10 m ? 503 21xxx - 0/-30% 1 to 10 m ? 503 20xxx - 0603 rc22tr 2350 0/-10% 1 to 10 m ? - 502 12xxx 0/-20% 1 to 10 m ? - 502 11xxx 0/-30% 1 to 10 m ? - 502 10xxx 0805 rc12tr 2350 0/-10% 1 to 10 m ? - 501 12xxx 0/-20% 1 to 10 m ? - 501 11xxx 0/-30% 1 to 10 m ? - 501 10xxx 1206 rc02tr 2350 0/-10% 1 to 10 m ? - 500 12xxx 0/-20% 1 to 10 m ? - 500 11xxx 0/-30% 1 to 10 m ? - 500 10xxx p p h h y y c c o o m m p p b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e s s both global part number (preferred) and 12nc (t raditional) codes are acceptable to order phycomp brand products. global part number ( preferred ) for detailed information of global part number an d ordering example, please refer to page 2. resistance decade (3) last digit 0.01 to 0.0976 x 0 0.1 to 0.976 x 7 1 to 9.76 x 8 10 to 97.6 x 9 100 to 976 x 1 1 to 9.76 k x 2 10 to 97.6 k x 3 100 to 976 k x 4 1 to 9.76 m x 5 10 to 97.6 m x 6 example: 0.02 x = 0200 or 200 0.3 x = 3007 or 307 1 x = 1008 or 108 33 k x = 3303 or 333 10 m x = 1006 or 106 last digit of 12nc (1) the resistors have a 12-digit or dering code starting with 2350. (2) the subsequent 4 or 5 digits indicate the resistor tolerance and packaging. (3) the remaining 4 or 3 digits represent the resistance value with the last digit indicating the multiplier as shown in the table of ?last digit of 12nc?. (4) "l" is optional symbol (note) . o rdering example the ordering code of a rc22tr resistor with terminations, value 330 x with 0/-30% tolerance, supplied in tape of 5,000 units per reel is: 235050210331(l) or tr0603nr-07330r(l). note 1. all our rsmd products are rohs comp liant. "lfp" of the internal 2d reel label mentions "lead free process" 2. on customized label, "lfp" or specific symbol pr inted and the optional "l" at the end of global part number / 12nc can be added (both are on customer request)
chip resistor surface mount w ww.yageo.com j an 14, 2009 v.1 product specification 4 8 series tr 0402/0603/0805/1206 (rohs compliant) ta b l e 1 for outlines see fig. 2 type l (mm) w (mm) h (mm) i 1 (mm) i 2 (mm) tr0402 1.00 0.10 0.50 0.05 0.35 0.05 0.20 0.10 0.25 0.10 tr0603 1.60 0.10 0.80 0.10 0.45 0.10 0.25 0.15 0.25 0.15 tr0805 2.00 0.10 1.25 0.10 0.50 0.10 0.35 0.20 0.35 0.20 tr1206 3.10 0.10 1.60 0.10 0.55 0.10 0.45 0.20 0.40 0.20 marking tr0402/0603/0805/1206 no marking for further marking information, please see special data sheet ?chip resistors marking?. fig. 1 ynsc00 7 construction the resistors are constructed on a high-grade ceramic body (aluminium oxide). inte rnal metal electrodes are added at each end and a connection is made between them using a resistive metal glaze; the approximate resistor values are depend ent on the composition of the glaze. the resistive layer is c overed with a translucent protective coat. finally, two end electrodes are added, the composition of which has been designed to provide ease of soldering. see fig. 2. dimensions overcoat protective glass resistive layer (jumper chip is a conductor) inner electrode termination(ni/matte tin) ceramic substrate h i 2 ynsc056 overcoat w l i 1 inner electrode fig. 2 chip resistor outlines o o u u t t l l i i n n e e s s for dimension see table 1 characteristics type resistance range rated power operating temperature range max. working voltage max. overload voltage dielectric withstanding voltage temperature coefficient of resistance tr0402 1/16 w 50 v 100 v 100 v tr0603 1/16 w ?55 c to +125 c 50 v 100 v 100 v tr0805 1/8 w 150 v 300 v 500 v tr1206 0/-10%, 0/-20%, 0/-30%: 1 ? to 10 m ? (e-24) 1/4 w ?55 c to +155 c 200 v 500 v 500 v 1 ? r 10 ? : 200 ppm/c 10 ? < r 1 m ? : 100 ppm/c 1 m ? < r 10 m ? : 200 ppm/c electrical characteristics ta b l e 2
chip resistor surface mount w ww.yageo.com j an 14, 2009 v.1 product specification 5 8 series tr 0402/0603/0805/1206 (rohs compliant) ynsc076 70 100 55 50 t amb ( c) o (%p ) rated 0 0 50 100 155 p handbook, halfpage 125 tr0805/1206 tr0402/0603 fig. 3 maximum dissipation (p max ) in percentage of rated power as a function of the operating ambient temperature (t amb ) functional description o perating temperature range each type range: tr0402/0603: ?55c to +125c; tr0805/1206: ?55c to +155c. p ower rating each type rated power at 70c: tr0402=1/16 w; tr0603=1/16 w; tr0805=1/8 w; tr1206=1/4 w. r ated voltage the dc or ac (rms) continuous working voltage corresponding to the rated power is determined by the following formula: v = ( p x r ) or max. working voltage whichever is less where v = continuous rated dc or ac ( rms ) working voltage ( v ) p = rated power ( w ) r = resistance value ( x ) footprint and soldering profiles for recommended footprint and soldering profiles, please see the special data sheet ?chip resistors mounting?. packing style reel dimension tr0402 tr0603 tr0805 tr1206 paper taping reel (r) 7" (178 mm) 10,000 5,000 5,000 5,000 note 1. for paper tape and reel specificat ion/dimensions, please see the special data sheet ?chip resistors packing?. packing style and p a ckaging quantity table 3 packing style and packaging quantity
chip resistor surface mount w ww.yageo.com j an 14, 2009 v.1 product specification 6 8 series tr 0402/0603/0805/1206 (rohs compliant) tests and requirements test test method procedure requirements life/ operational life/ endurance mil-std-202g-method 108a iec 60115-1 4.25.1 jis c 5202-7.10 1,000 hours at 705 c applied rcwv 1.5 hours on, 0.5 hour off, still air required (2%+0.05 ? ) high temperature exposure/ endurance at upper category temperature mil-std-202g-method 108a iec 60115-1 4.25.3 jis c 5202-7.11 1,000 hours at maximum operating temperature depending on specification, unpowered no direct impingement of forced air to the parts tolerances: 1553 c (1%+0.05 ? ) moisture resistance mil-std-202g-method 106f iec 60115-1 4.24.2 each temperature / humidity cycle is defined at 8 hours (method 106f), 3 cycl es / 24 hours for 10d with 25 c / 65 c 95% r.h, without steps 7a & 7b, unpowered parts mounted on test-boards, without condensation on parts measurement at 242 hours after test conclusion (2%+0.05 ? ) thermal shock mil-std-202g-method 107g ar0402/0603: -55/+155 c ar0805/1206: -55/+125 c note: number of cycles required is 300. devices unmounted maximum transfer time is 20 seconds. dwell time is 15 minutes. air ? air (0.5%+0.05 ? ) for 10 k ? to 10 m ? (1%+0.05 ? ) for others short time overload mil-r-55342d-para 4.7.5 iec60115-1 4.13 2.5 times rcwv or maximum overload voltage whichever is less for 5 sec at room temperature (2%+0.05 ? ) no visible damage board flex/ bending iec60115-1 4.33 device mounted on pcb test board as described, only 1 board bending required 3 mm bending bending time: 605 seconds ohmic value checked during bending (1%+0.05 ? ) no visible damage ta b l e 4 test condition, procedure and requirements
chip resistor surface mount w ww.yageo.com j an 14, 2009 v.1 product specification 7 8 series tr 0402/0603/0805/1206 (rohs compliant) test test method procedure requirements solderability - wetting ipc/jedecj-std-002b test b iec 60068-2-58 electrical test not required magnification 50x smd conditions: 1 st step: method b, aging 4 hours at 155 c dry heat 2 nd step: leadfree solder bath at 2453 c dipping time: 30.5 seconds well tinned ( 95% covered) no visible damage - leaching ipc/jedecj-std-002b test d iec 60068-2-58 leadfree solder, 260 c, 30 seconds immersion time no visible damage - resistance to soldering heat mil-std-202g-method 210f iec 60068-2-58 condition b, no pre-heat of samples leadfree solder, 270 c, 10 seconds immersion time procedure 2 for smd: devices fluxed and cleaned with isopropanol (1%+0.05 ? ) no visible damage
chip resistor surface mount w ww.yageo.com j an 14, 2009 v.1 product specification 8 8 series tr 0402/0603/0805/1206 (rohs compliant) revision history revision date change notification description version 1 jan 14, 2009 - - change to dual brand datasheet that describes tr0402 to tr1206 with rohs compliant - define global part number version 0 oct 18, 2005 - - new datasheet for trimmable chip resistors sizes of 0402/0603/0805/1206, 0/-10%, 0/-20, and 0/-30% tolerance with lead- free terminations - replace the 0603/0805/1206 parts of pdf files: rc02tr_12tr_9.pdf, rc22_tr_3.pdf, and combine into a document. - test method and procedure updated - pe tape added (paper tape will be replaced by pe tape) ? yageo reserves all the rights for revising the content of this datasheet without furt her notification, as long as the product s itself are unchanged. any product change will be announced by pcn.?


▲Up To Search▲   

 
Price & Availability of TR0805KR-07100R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X