Part Number Hot Search : 
256X9 10150 TT2135 2SK31 BTEM17P 4805E JANTX1 CDD11210
Product Description
Full Text Search
 

To Download TP2L05D05S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tp2l s eries www.gztoppower.com tel:00-86-20-82019000 ema il:sales2@gztoppower.com page 1 / 3 description: t p2l series are a range of isolated 2 watt converter s in a sip package, 2:1 wide input range(4:1 option al) and tightly regulated output voltage qualifies thes e converters for many cost critical applications in industrial and consumer electronics. operating temperature ran ges from -40 oc to 85 oc the internal smd construction makes it possible to offer a product with high perf ormance at low cost. 2w isolated wide input single and dual output dc/dc converters features rohs compliant 2:1 wide range voltage input /4:1 continuous short circuit protection operating temperature: -40oc to 85oc low regulation 1kvdc isolation /3kvdc isolation optional efficiency up to 83% power density 0.91w/cm 3 input voltage: 5v, 12v, 24v, 48v output voltage: 3.3v,5v, 9v, 12v, 15v,24v / 5v, 9 v, 12v, 15v,24v low ripple noise external control selection guide part number input output efficiency voltage(vdc) voltage (vdc) current(ma) nominal range max* max. min. (%,typ.) TP2L05D05S 5 (2:1) 4.5-9.0 11 5 200 20 72 tp2l05d09s 5 (2:1) 4.5-9.0 11 9 110 10 72 tp2l05d12s 5 (2:1) 4.5-9.0 11 12 84 8 74 tp2l05d15s 5 (2:1) 4.5-9.0 11 15 66 6 73 tp2l05s05s 5 (2:1) 4.5-9.0 11 5 400 40 70 tp2l05s09s 5 (2:1) 4.5-9.0 11 9 222 22 71 tp2l05s12s 5 (2:1) 4.5-9.0 11 12 166 16 76 tp2l05s15s 5 (2:1) 4.5-9.0 11 15 134 14 75 tp2l05s24s 5 (2:1) 4.5-9.0 11 24 84 8 72 tp2l12d05s 12 (2:1) 9.0-18 22 5 200 20 76 tp2l12d09s 12 (2:1) 9.0-18 22 9 110 10 76 tp2l12d12s 12 (2:1) 9.0-18 22 12 84 8 74 tp2l12d15s 12 (2:1) 9.0-18 22 15 66 6 75 tp2l12d24s 12 (2:1) 9.0-18 22 24 41 4 73 tp2l12s03s 12 (2:1) 9.0-18 22 3.3 606 60 74 tp2l12s05s 12 (2:1) 9.0-18 22 5 400 40 76 tp2l12s09s 12 (2:1) 9.0-18 22 9 222 22 78 tp2l12s12s 12 (2:1) 9.0-18 22 12 166 16 79 tp2l12s15s 12 (2:1) 9.0-18 22 15 134 14 80 tp2l12s24s 12 (2:1) 9.0-18 22 24 84 8 72 tp2l24d05s 24 (2:1) 18-36 40 5 200 20 78 tp2l24d09s 24 (2:1) 18-36 40 9 110 10 76 tp2l24d12s 24 (2:1) 18-36 40 12 84 8 78 tp2l24d15s 24 (2:1) 18-36 40 15 66 6 76 tp2l24s03s 24 (2:1) 18-36 40 3.3 606 60 72 tp2l24s05s 24 (2:1) 18-36 40 5 400 40 76 tp2l24s09s 24 (2:1) 18-36 40 9 222 22 78 tp2l24s12s 24 (2:1) 18-36 40 12 166 16 80 tp2l24s15s 24 (2:1) 18-36 40 15 134 14 80 tp2l24s24s 24 (2:1) 18-36 40 24 84 8 77 tp2l48d05s 48 (2:1) 36-72 80 5 200 20 76 tp2l48d12s 48 (2:1) 36-72 80 12 110 10 77 tp2l48d15s 48 (2:1) 36-72 80 15 84 8 75 tp2l48s05s 48 (2:1) 36-72 80 5 400 40 76 tp2l48s09s 48 (2:1) 36-72 80 9 222 22 78 tp2l48s12s 48 (2:1) 36-72 80 12 166 16 80 tp2l48s15s 48 (2:1) 36-72 80 15 134 14 80
tp2l s eries www.gztoppower.com tel:00-86-20-82019000 ema il:sales2@gztoppower.com page 2 / 3 all specifications typical at ta=25c, nominal inpu t voltage and rated output current unless otherwise specified. application notes external capacitance these converters will work without external capacit ors, in order to guarantee the full parametric performance over the full line and load range we recommended you to use the value we listed at right side. all parts have been tested and characterized using the following values and test circuit. external capacitor table single vout (vdc) cout (uf) dual vout (vdc) cout (uf) 3.3 1000 5 330 5 680 9 330 9 560 12 220 12 470 15 150 15 330 24 100 24 220 - - recommended circuit common specifications parameter conditions min. typ. max. units storage humidity 95 % operating temperature -40 85 storage temperature -50 125 temp.rise at full loat 185 35 lead temperature 1.5mm from case for 10 seconds 300 no-load power consumption 120 mw cooling free air convection short circuit protection continuous.automatic recovery case material piastic (ul94-v0) mtbf 1000 k hours weight 5 g isolation characteristics parameter conditions min. typ. max. units isolation test voltage tested for 1minute and 1ma max 1500 3000 vdc isolation resistance test at 500 vdc 1 g isolation capacitance input/output,100khz/1v 35 output specifications parameter conditions min. typ. max. units output power refer to product program 0.1 1 w output voltage accuracy refer to recommended circuit 1 3 % load regulation 10% to100% load (tp2l-d) 0.5 0.75 % load regulation 10% to100% load (tp2l-s) 0.5 1.0 % line regulation input voltage from low to high 0.2 0.5 % temperature drift ( vout ) refer to recommended circuit 0.03 %/ ripple & noise 20mhz bandwidth 25 75 mvp-p switching frequency 100% load ,input voltage range 300 khz single output dual output
tp2l s eries www.gztoppower.com tel:00-86-20-82019000 ema il:sales2@gztoppower.com page 3 / 3 mechanical dimensions pin connections pin single dual 1 gnd gnd 2 vin vin 3 ctrl ctrl 5 * nc nc 6 +v0 +v0 7 0v 0v 8 cs - v0 recommended footprint details tube outline dimensions soldering information temperature derating graphs this series is compatible with rohs soldering syste ms with a peak wave solder temperature of 300 for 10 seconds. the series is backward compatible with sn/pb soldering systems. weight: 5.0g all dimensions in mm0.25mm. all pins on a 2.54mm p itch and within0.25mm of true position. unless otherwise stated all dimensions in mm 0.5mm . all dimensions in mm 0.5mm. tube length : 520mm 2mm . tube quantity:15 0.600.15 1.50 5.20 5.00 6.00 14.20 7 1.00 1.15 2.54 2.54 7holes 1 2 0 c 1.5 1.0 0.5 0 -40 0 50 100 150 output power(w) ambient temperature( c) 85 c safe operating area * this pin must have no external connection . 0.30 0.20 3.20 0.55 0.45 11.10 9.20 tp2l1212s yyww 4.60 3.60 2.54 0.55 0.45 2.010.50 21.80 1 2 3 5 6 7 8 bottom view toppower


▲Up To Search▲   

 
Price & Availability of TP2L05D05S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X