Part Number Hot Search : 
MAX4632M LM20333 SS2881 AN315 A475K P1916 SMCJ43A GBU20B
Product Description
Full Text Search
 

To Download TP2L-2W-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tp2l-2 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 1 of 3 description: t p2l-2w series are a range of isolated 2 watt converters in a sip package, 2:1 wide input range and tightly regulated output voltage qualifies these converters for many cost critical applications in industrial and consumer electronics. operating temperature range from -40 oc to 85 oc . 2w 1.5kvdcisolated wide input single and dual output dc/dc converters features rohs compliant 2:1 wide range voltage input continuous short circuit protection operating temperature: -40oc to 85oc low regulation 1.5kvdc isolation efficiency up to 80% power density 0.91w/cm 3 input voltage: 5v,12v, 24v, 48v output voltage: 3.3v,5v, 9v, 12v, 15v,24v / 5v, 9v, 12v, 15v low noise external control selection guide part number input output efficiency (typ.) voltage(vdc) voltage current(ma) rated range values max* vdc max. min. % tp2l05d05s-2w 5 ( 2:1 ) 4.5-9 11 5 200 20 67 tp2l05d09s-2w 5 ( 2:1 ) 4.5-9 11 9 111 11 71 tp2l05d12s-2w 5 ( 2:1 ) 4.5-9 11 12 83 8 72 tp2l05d15s-2w 5 ( 2:1 ) 4.5-9 11 15 67 7 73 tp2l05d24s-2w 5 ( 2:1 ) 4.5-9 11 24 42 4 72 tp2s05s03s-2w 5 ( 2:1 ) 4.5-9 11 3.3 500 50 64 tp2l05s05s-2w 5 ( 2:1 ) 4.5-9 11 5 400 40 67 tp2l05s09s-2w 5 ( 2:1 ) 4.5-9 11 9 222 22 72 tp2l05s12s-2w 5 ( 2:1 ) 4.5-9 11 12 167 16 73 tp2l05s15s-2w 5 ( 2:1 ) 4.5-9 11 15 133 13 72 tp2l05s24s-2w 5 ( 2:1 ) 4.5-9 11 24 80 8 71 tp2l12d05s-2w 12 ( 2:1 ) 9-18 22 5 200 20 73 tp2l12d09s-2w 12 ( 2:1 ) 9-18 22 9 111 11 74 tp2l12d12s-2w 12 ( 2:1 ) 9-18 22 12 83 8 78 tp2l12d15s-2w 12 ( 2:1 ) 9-18 22 15 67 7 77 tp2l12s03s-2w 12 ( 2:1 ) 9-18 22 3.3 500 50 68 tp2l12s05s-2w 12 ( 2:1 ) 9-18 22 5 400 40 75 tp2l12s09s-2w 12 ( 2:1 ) 9-18 22 9 222 22 77 tp2l12s12s-2w 12 ( 2:1 ) 9-18 22 12 167 16 79 tp2l12s15s-2w 12 ( 2:1 ) 9-18 22 15 133 13 80 tp2l12s24s-2w 12 ( 2:1 ) 9-18 22 24 80 8 78 tp2l24d05s-2w 24 (2:1) 18-36 40 5 200 20 76 tp2l24d09s-2w 24 (2:1) 18-36 40 9 111 11 78 tp2l24d12s-2w 24 (2:1) 18-36 40 12 83 8 79 tp2l24d15s-2w 24 ( 2:1 ) 18-36 40 15 67 7 78 tp2l24s03s-2w 24 ( 2:1 ) 18-36 40 3.3 500 50 67 tp2l24s05s-2w 24 ( 2:1 ) 18-36 40 5 400 40 77 tp2l24s09s-2w 24 (2:1) 18-36 40 9 222 22 79 tp2l24s12s-2w 24 (2:1) 18-36 40 12 167 16 80 tp2l24s15s-2w 24 (2:1) 18-36 40 15 133 13 80 tp2l24s24s-2w 24 ( 2:1 ) 18-36 40 24 80 8 80 tp2l48d05s-2w 48 (2:1) 36-72 80 5 200 20 75 tp2l48d09s-2w 48 (2:1) 36-72 80 9 111 11 78 tp2l48d12s-2w 48 (2:1) 36-72 80 12 83 8 79 tp2l48d15s-2w 48 (2:1) 36-72 80 15 67 7 79 tp2l48s03s-2w 48 (2:1) 36-72 80 3.3 500 50 71 tp2l48s05s-2w 48 (2:1) 36-72 80 5 400 40 75 tp2l48s09s-2w 48 (2:1) 36-72 80 9 222 22 76 tp2l48s12s-2w 48 (2:1) 36-72 80 12 167 16 78 tp2l48s15s-2w 48 (2:1) 36-72 80 15 133 13 78 tp2l48s24s-2w 48 (2:1) 36-72 80 24 80 8 80 3kvdc isolation with /3h at the end o f the p art number. f or exam p letp2l24s05s-2w/3h. toppower
tp2l-2 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 2 of 3 all specifications typical at ta=25 c, nominal input voltage and rated output current unless otherwise specified. application notes external capacitance these converters will work without external capacitors, in order to guarantee the full parametric performance over the full line and load range we recommended you to use the value we listed at right side. all parts have been tested and characterized using the following values and test circuit. external capacitor table single vout (vdc) cout (uf) dual vout (vdc) cout (uf) 3.3 2200 5 680 5 1000 9 470 9 680 12 330 12 470 15 220 15 330 - - 24 220 - - recommended circuit common specifications parameter conditions min. typ. max. units storage humidity 95 % operating temperature -40 85 storage temperature -55 125 temp.rise at full load 15 lead temperature 1.5mm from case for 10 seconds 300 no-load power consumption 300 mw cooling free air convection short circuit protection continuous. automatic recovery case material piastic (ul94-v0) mtbf 1000 k hours weight 6 g isolation characteristics parameter conditions min. typ. max. units isolation voltage tested for 1 minute and leakage current less than 1 ma 1500 3000 vdc isolation resistance test at 500vdc 1 g isolation capacitance input/output,100khz/1v 80 pf output specifications parameter conditions min. typ. max. units output power refer to product program 0.3 3 w positive voltage accuracy refer to recommended circuit 1 3 % negative voltage accuracy refer to recommended circuit 3 5 % load regulation 10% to100% load (tp2l-d-3w) 0.5 0.75 % load regulation 10% to100% load (tp2l-s-3w) 0.5 1.0 % line regulation input voltage from low to high 0.2 0.5 % temperature drift ( vout ) refer to recommended circuit 0.03 %/ ripple & noise 20mhz bandwidth 50 100 mvp-p switching frequency 100% load ,input voltage range 300 khz single output dual output toppower
tp2l-2 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 3 of 3 mechanical dimensions pin connections 8 pin sip pin single dual 1 gnd gnd 2 vin vin 3 ctrl ctrl 5 * nc nc 6 +v0 +v0 7 0v 0v 8 cs -v0 recommended footprint details tube outline dimensions soldering information temperature derating graphs this series is compatib le with rohs soldering systems with a peak wave solder temperature of 300 for 10 seconds. the series is backward compatible with sn/pb soldering systems. unless otherwise stated all dimensions in mm 0.5mm. all dimensions in mm 0.5mm. tube length : 520mm 2mm . tube quantity: 23pcs 0.600.15 1.50 5.20 5.00 6.00 14.20 1 2 0 c 6.0 3.0 1.0 0 -40 0 50 100 150 output power(w) ambient temperature( c) 85 c safe operating area 7 1.00 1.15 2.54 2.54 7holes all dimensions in mm 0.25mm . all pins on a 2.54mm pitch and within 0.25mm of true position. weight: 5.0g * this pin must have no external connection . sip package 0.30 0.20 2.50 0.55 0.45 11.10 9.20 tp2l05d05s-2w yyww 4.60 3.60 2.54 0.55 0.45 2.01 0.50 21.80 123 5678 bottom view toppower toppower


▲Up To Search▲   

 
Price & Availability of TP2L-2W-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X