Part Number Hot Search : 
ACX300 FR157G 0402A BFXXXX ZPD6V8 NR3313TQ 38HC43YM TA166
Product Description
Full Text Search
 

To Download SRT5100UF-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 june 24,2016-rev.01 srt5100uf extreme low vf schottky barrier rectifier voltage 100 volt 5 ampere features ? ideal for automated placement ? extreme low forward voltage drop, low power loss ? high efficiency operation ? low thermal resistance ? ultra thin profile package for space constrained utilization ? easy pick and place package suitable for automated handling ? lead free in compliance with eu rohs 2011/65/eu directive ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: plastic molded ? terminals: solder plated, solderable per mil-std-750,method 2026 ? approx. weight: 0.0018 ounces, 0.05 grams ? polarity: color band denotes cathode end ? marking: part number current maximum ratings (t a =25 o c unless otherwise noted) 1 2 cathode anode notes : 1.mounted on a 10cm*10cm*0.5mm copper pad area 2.mounted on a fr4 pcb, single-sided copper, mini pad. parameter symbol value unit maximum recurrent peak reverse voltage v rrm 100 v maximum rms voltage v rms 70 v maximum dc blocking voltage v r 100 v maximum average rectified output current i f(av) 5a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load i fsm 80 a typical junction capacitance (v r =4v, f=1mhz) c j 360 pf typical thermal resistance (notes 1) (notes 2) r jl r ja 15 135 o c/w operating junction temperature and storage temperature range t j ,t stg -55 to + 150 o c
page . 2 june 24,2016-rev.01 srt5100uf electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol test conditions min. typ. max. unit break down voltage v br i r =0.5ma t a =25 o c100 - - v instantaneous forward voltage v f i f =1a i f =3a i f =5a t a =25 o c - - - 0.42 0.52 0.61 - - 0.66 v i f =1a i f =3a i f =5a t a =125 o c - - - 0.33 0.48 0.56 - - - v reverse current i r v r =70v t a =25 o c- 5 - a v r =100v t a =25 o c t a =125 o c - - - 5 50 - a ma
page . 3 june 24,2016-rev.01 srt5100uf 0 1 2 3 4 5 6 0 25 50 75 100 125 150 t c , cas e t e m per atur e ( c) i f , f o r w ar d cur r ent ( a ) 0.0001 0.001 0.01 0.1 1 10 100 20 30 40 50 60 70 80 90 100 i r , re v e rse cu rre n t (m a ) t j = 2 5 c t j = 7 5 c t j = 125 c t j = 150 c fig.3 t y pical reverse characteristics fig.4 t y pical forw ard characteristics fig.1 forw a rd current derating curve fig.2 t y pical junction capacitance 1 10 100 1000 11 0 1 0 0 c j , j unc tion capac itanc e ( pf ) v r , rever s e bias voltage ( v ) 0. 01 0. 1 1 10 100 0 0 .2 0 .4 0 .6 0 .8 1 1 .2 i f , f o r w ar d cur r ent ( a ) v f , f or w ar d voltage ( v ) t j = 125 c t j = 150 c t j = 2 5 c t j = 7 5 c per c ent of rated peak rever s e voltage ( % ) 0 20 40 60 80 100 120 0 25 50 75 100 125 150 t j , junct i on temper at ur e ( c) r ev er se vo l t ag e ( v) fig.5 ope ra t ing tempe ra t ure dera t ing cu rv e
page . 4 june 24,2016-rev.01 srt5100uf mounting pad layout order information ? packing information t/r - 5k per 13" plastic reel
page . 5 june 24,2016-rev.01 srt5100uf part no_packing code_version srt5100uf_r2_00001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 6 june 24,2016-rev.01 srt5100uf disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of SRT5100UF-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X