Part Number Hot Search : 
D1440 P2504BD CED20N06 3EHQ8M SCA100 P2504BD VT1060 SMBJ33A
Product Description
Full Text Search
 

To Download SBT1550VS-B0-00001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 may 4,2016-rev.01 sbt1550vs ultra low vf schottky rectifier voltage 50 volt 15 ampere features ? ultra low forward voltage drop, low power loss ? high efficiency operation ? lead free in compliance with eu rohs 2011/65/eu directive mechanical data ? ca se : p-600 molded pla stic ? t ermin als : a x i al le a ds,soldera ble per mil-st d-750, method 2026 ? polarity : color band denotes cathode end ? w e ight: 0.0719 ounce s, 2.04 gra ms. current maximum ratings(t a =25 o c unless otherwise noted) electrical characteristics(t a =25 o c unless otherwise noted) note : 1. thermal resistance from junction to ambient and from junction to lead length 0.375?(9.5mm) p.c.b. mounted parameter symbol value unit maximum repetitive peak reverse voltage v rrm 50 v maximum rms voltage v rms 35 v maximum dc blocking voltage v r 50 v maximum average forward rectified current i f(av) 15 a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load i fsm 275 a typical thermal resistance (note 1) r ? ja r ? jl 30 15 o c/w operating junction temperature range t j -55 to + 150 o c storage temperature range t stg -55 to + 150 o c parameter symbol test conditions min. typ. max. unit breakdown voltage v br i r =0.5ma 50 - - v instantaneous forward voltage v f i f =5a i f =10a i f =15a t j =25 o c - - - 0.4 0.43 0.46 - - 0.51 v i f =5a i f =10a i f =15a t j =125 o c - - - 0.28 0.34 0.38 - - - v reverse current i r v r =40v - 6 - ? a v r =50v t j =25 o c t j =125 o c - - - 8.5 50 - ? a ma 0.052(1.3) 0.048(1.2) 0.360(9.1) 0.340(8.6) 1.0(25.4)min. 0.360(9.1) 0.340(8.6) 1.0(25.4)min.
page . 2 may 4,2016-rev.01 sbt1550vs 0 2. 5 5 7. 5 10 12. 5 15 17. 5 0 2 5 5 0 7 5 100 125 1 50 t c , cas e t e m per atur e ( c) i f , f o r w ar d cur r ent ( a ) 0. 001 0. 01 0. 1 1 10 100 20 40 60 80 100 i r , re v e rse cu rre n t (m a ) per c ent of rated peak rever s e voltage ( % ) t j = 2 5 c t j = 7 5 c t j = 125 c t j = 150 c fig.3 t y pical reverse characteristics fig.4 t y pical forw a rd characteristics fig.1 forw a rd current derating curve fig.2 t y pical junction capacitance 1 10 100 1000 10000 11 0 1 0 0 c j , j unc tion capac itanc e ( p f ) v r , rever s e bias voltage ( v ) 0. 01 0. 1 1 10 100 0 0 .2 0 . 4 0 .6 i f , f o r w ar d cur r ent ( a ) v f , f o r w ar d voltage ( v ) t j = 150 c t j = 1 2 5 c t j = 2 5 c t j = 7 5 c 0 10 20 30 40 50 60 0 25 50 75 100 125 150 t j , junct i on temper at ur e ( c) r ev er se vo l t ag e ( v) fig.5 ope ra t ing tempe ra t ure dera t ing cu rv e
page . 3 may 4,2016-rev.01 sbt1550vs part no_packing code_version sbt1550vs_ay_00001 sbt1550vs_ay_10001 sbt1550vs_b0_00001 sbt1550vs_b0_10001 sbt1550vs_r2_00001 sbt1550vs_r2_10001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 4 may 4,2016-rev.01 sbt1550vs disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of SBT1550VS-B0-00001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X