Part Number Hot Search : 
M61043FP UF5400PT Z840006 731E1225 RN4906FE AN7410 RUSBF160 58004
Product Description
Full Text Search
 

To Download MUR460BF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ratings at 25 ambient temperature unless otherwise specified. single phase half-wave 60 hz, resistive or inductive load, for capacitive load current derate by 20 %. c m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s maximum dc blocking voltage peak forward surge current 8.3 ms single half sine wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 4 a p a r a m e t e r maximum repetitive peak reverse voltage maximum rms voltage operating and storage temperature range maximum average forward rectified current at ta = 40 c maximum dc reverse curren t ta = 25 c at rated dc blocking voltage ta =125 c 1 ? typical junction capacitance 2 ? v rrm v rms v dc i f(av) i fsm v f i r 600 v 500 v 600 v 4 125 1.3 10 100 60 55 -55 ~ +150 a a v ?a pf c m u r 4 6 0 b f typical thermal resistance r ? ja measured at 1 mhz and applied reverse voltage of 4 v d.c 2 ? 1 ? 2 p.c.b. mounted with 0. 5 x 0.5" (12.7 x 12.7 mm ) copper pad areas. c/w c j t, t j stg s y m b o l s u n i t s s u r f a c e m o u n t u l t r a f a s t r e c o v e r y r e c t i f i e r r e v e r s e v o l t a g e  6 0 0 v f o r w a r d c u r r e n t  4 a mechanical data " " terminals: solderable per mil-std-750, method 2026 " pprox. weight: 57m g / 0. 002oz case: smbf a features for surface mounted applications " low profile package " glass passivated chip junction " superfast reverse recovery time " lead free in comply with eu rohs 2011/65/eu directives " 50 ns maximum reverse recovery time at i =0.5a, i =1a, i =0.25a fr rr t rr p i n n i n g pin 1 2 description cathode anode simplified outline smbf symbol 1 2 top view marking code: u 460b u 4 6 0 b m u r 4 6 0 b f
50 ohm noninductive 25vdc approx + - d.u.t 10 ohm noninductive noninductive 1 ohm oscilloscope note 1 pulse generator note 2 note ? 1 . rise time = 7ns, max. input impedance = 1megohm,22pf. 2. ries time =10ns, max. source impedance = 50 ohms. f i g . 1 r e v e r s e r e c o v e r y t i m e c h a r a c t e r i s t i c a n d t e s t c i r c u i t d i a g r a m f i g . 4 t y p i c a l c h a r a c t e r i s t i c s f o r w a r d 1.5 0 0.01 0.1 1.0 10 0.5 1.0 0.001 t=25 j c instaneous forward current (a) instaneous forwar d voltage (v) f i g . 3 t y p i c a l r e v e r s e c h a r a c t e r i s t i c s i - current ( a) r reverse ? 20 100 60 0 0.1 1.0 10 % of piv.volts 100 40 80 300 t=25 j c t=75 j c t=125 j c -0.25 -1.0 0 +0.5 t rr 10ns/div set time base for 10ns/div 1.0 2.0 0.0 25 50 75 100 125 150 175 f i g . 1 f o r w a r d c u r r e n t d e r a t i n g c u r v e average forward current (a) ambient temperature ( c) 3.0 4.0 5.0 single phase half wave resistive or inductive p.c.b mounted on 0.315 0 . 315"(8.0 ) pad areas 8 . 0mm 25 50 75 100 125 150 00 10 100 f i g . 4 m a x i m u m n o n - r e p e t i t i v e p e a k f o r w a r d s u r a g e c u r r e n t peak a) forward surage current ( number of cycles 8.3 ms single half sine wave (jedec method) 1 m u r 4 6 0 b f
m a r k i n g type number marking code mur460bf u460b t h e r e c o m m e n d e d m o u n t i n g p a d s i z e unit ? mm(mil) 3.0(118) 1.8(71) 2.54(100) 1.8(71) p a c k a g e o u t l i n e p l a s t i c s u r f a c e m o u n t e d p a c k a g e ; 2 l e a d s s m b f a c " all round v a m e unit mm 1.3 0.26 4.4 3.7 5.5 1.1 0.18 4.2 3.5 5.1 9 max min mil max min acde h e " 2.2 1.9 e bottom view h e g to p view 1.0 g g " all round e d a e pad pad 51 10 173 146 216 43 7 165 138 200 86 75 40 m u r 4 6 0 b f


▲Up To Search▲   

 
Price & Availability of MUR460BF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X