Part Number Hot Search : 
Z50FF5 A1504 01909 KBPC1502 MC1357 PIC16F85 10A30 AN17830
Product Description
Full Text Search
 

To Download MUR460-M3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mur440-m3, MUR460-M3 www.vishay.com vishay general semiconductor revision: 19-feb-16 1 document number: 89187 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ultrafast plastic rectifier features ? glass passivated pellet chip junction ? ultrafast reverse recovery time ? low forward voltage drop ? low leakage current ? low switching losses, high efficiency ? high forward surge capability ? solder dip 275 c max. 10 s, per jesd 22-b106 ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 typical applications for use in high frequency rectification and freewheeling application in switching mode converters and inverters for consumer, computer, and telecommunication. mechanical data case: do-201ad ? molding compound meets ul 94 v-0 flammabi lity rating ? base p/n-m3 - halogen-free, rohs-compliant, and commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 ? m3 suffix meets jesd 201 class 1a whisker test polarity: color band denotes cathode end note (1) pulse test: t p = 300 s, duty cycle ?? 2 % primary characteristics i f(av) 4.0 a v rrm 400 v, 600 v i fsm 150 a t rr 50 ns v f at i f 1.05 v t j max. 175 c package do-201ad diode variatio ns single die do-201ad maximum ratings (t a = 25 c unless otherwise noted) parameter symbol mur440 mur460 unit maximum repetitive pe ak reverse voltage v rrm 400 600 v working peak reverse voltage v rwm 400 600 v maximum dc blocking voltage v dc 400 600 v maximum average forward rectified current (fig. 1) i f(av) 4.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 150 a operating junction and storage temperature range t j , t stg -65 to +175 c electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol mur440 mur460 unit maximum instantaneous forward voltage 3.0 a t j = 150 c v f (1) 1.05 v t j = 25 c 1.25 4.0 a 1.28 maximum instantaneous reverse current ? at rated dc blocking voltage t j = 25 c i r (1) 10 a t j = 150 c 250 max. reverse recovery time i f = 0.5, i r = 1.0 a, i rr = 0.25 a t rr 50 ns maximum reverse recovery time i f = 1.0 a, di/dt = 50 a/s, v r = 30 v, i rr = 10 % i rm t rr 75 ns maximum forward recovery time i f = 1.0 a, di/dt = 100 a/s, recovery to 1.0 v t fr 50 ns
mur440-m3, MUR460-M3 www.vishay.com vishay general semiconductor revision: 19-feb-16 2 document number: 89187 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) lead length = 1/2" on pcb wi th 1.5" x 1.5" copper surface ratings and characteristics curves (t a = 25 c unless otherwise noted) ? fig. 1 - forward current derating curve fig. 2 - maximum non-repetitive peak forward surge current fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse characteristics thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol mur440 mur460 unit typical thermal resistance junction to ambient r ? ja (1) 28 c/w ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode MUR460-M3/54 1.138 54 1400 13" di ameter paper tape and reel MUR460-M3/73 1.138 73 1000 ammo pack packaging 0 4.0 6.0 0 50 100 150 200 2.0 average forward re ctified current (a) ambient temperature (c) p.c.b. with 1.5 x 1.5" copper pads l = 1/2" 0 25 50 75 100 150 1 100 10 number of cycles at 60 hz peak forward surge current (a) 125 0.01 0.1 10 1 100 1.8 t j = 100 c t j = 175 c t j = 25 c instantaneous forward voltage (v) instantaneous forward current (a) 1.6 1.4 1.0 0.8 0.6 0.4 1.2 0.2 60 40 20 0 100 80 0.001 0.01 1 0.1 10 100 1000 t j = 100 c t j = 175 c t j = 25 c percent of rated peak reverse volta g e (%) instantaneous reverse leakage current (a)
mur440-m3, MUR460-M3 www.vishay.com vishay general semiconductor revision: 19-feb-16 3 document number: 89187 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - typical junction capacitance per leg ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? package outline dimensions in inches (millimeters) 0.1 10 1 10 100 100 1000 t j = 25 c f = 1.0 mhz v sig = 50 mv p-p reverse voltage (v) junction capacitance (pf) do-201ad 0.210 (5.3) 0.190 (4.8) dia. 0.052 (1.32) 0.048 (1.22) dia. 1.0 (25.4) min. 1.0 (25.4) min. 0.375 (9.5) 0.285 (7.2)
legal disclaimer notice www.vishay.com vishay revision: 13-jun-16 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of MUR460-M3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X