Part Number Hot Search : 
ZMC16 T1621 74LCX0 S20K275 AA119 ZUMT918 M25P40 74LCX0
Product Description
Full Text Search
 

To Download MTU12V2000DS850 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  diesel generator set air charge-air cooling 770kva/50 hz/prime power (fuel consumption optimized) 380 - 415v system ratings ? prime power mtu 12v2000 ds850 mtu 12v2000 ds850 mtu 12v2000 ds850 voltage (l-l) 380v 400v 415v phase 3 3 3 pf 0.8 0.8 0.8 hz 50 50 50 kw 616 616 616 kva 770 770 770 a m p s 117 0 1111 1071 generator model 574rsl7066 574rsl7066 574rsl7066 temp rise 125 c/40 c 125 c/40 c 125 c/40 c connection 6 lead hi wye 6 lead hi wye 6 lead hi wye // industry-leading average load factor // outstanding fuel economy // optimized maintenance intervals // low installation costs // best-in-class reliability and availability // lifting vertically or with diagonal pull // compact design benefits optional equipment shown. standard equipment may vary. ? power available up to 40c/400 m
2 // / / 50 hz 770 kva // engine air ? lters oil pump for draining full ? ow oil ? lters closed crankcase ventilation jacket water pump thermostats exhaust manifold C dry belt driven radiator fan radiator C unit mounted electric starting motor C 24v governor C electronic isochronous base C formed steel sae ? ywheel & bell housing charging alternator flexible fuel connectors flexible exhaust connection // generator nema mg1, ieee and ansi standards compliance for temperature rise and motor vde 0530, iec 60034-1, bs 4999, bs 5000, csa 22.2-100, as 1359 sustained short circuit current of up to 250% of the rated current for up to 10 seconds self-ventilated and drip-proof ip23 superior voltage waveform digital, volts-per-hertz regulator no load to full load regulation brushless alternator with brushless pilot exciter 4 pole, rotating ? eld 125 c maximum prime temperature rise heavy duty shielded ball bearings with a minimum b-10 life of 40,000 hrs flexible coupling full amortisseur windings 3-phase voltage sensing 0.25% voltage regulation 100% of rated load C one step according to nfpa 110 3% maximum harmonic content standard equipment ? ? represents standard product only. consult factory/mtu onsite energy distributor for additional con? gurations. // engine-generator set is designed and manufactured in facilities certi? ed to standards iso 9001:2008 and iso 14001:2004 // performance assurance certification (pac) - engine-generator set tested according to iso 8528-5 for transient response - veri? ed product design, quality and performance integrity - all engine systems are type and factory tested // power rating - permissible average power output during 24 hours of operation up to 75% certifications and standards
3 // / / 50 hz 770 kva application data // engine manufacturer mtu model 12v2000g65td type 4-stroke arrangement 12-v displacement/cylinder: l (cu inch) 1.99 (121) bore: mm (inch) 130 (5.1) stroke: mm (inch) 150 (5.9) compression ratio 16:1 rated speed rpm 1500 engine governor electronic isochronous max power: kwm (bhp) 695 (932) speed regulation 0.25% air ? lter dry // lube oil capacity total oil system: l (gal) 77 (20) // electrical electric volts dc 24 cold cranking amps under -17.8 c (0 f) 1000 // fuel system fuel supply connection size m22x1,5 - 60/male fuel return connection size m12x1,5 - 60/male maximum fuel lift: m (ft) 5 (16) recommended fuel see mtu ? uids & lubrication spec. total fuel ? ow: l/hr (gal/hr) 480 (127) // fuel consumption ? gal/hr l/hr g/kwh at 100% of power rating: 44 168 201 at 75% of power rating: 34 127 203 at 50% of power rating: 23 88 210 // cooling/radiator system ambient capacity of radiator: c 40 (optional 50) ? max. restriction of cooling air, intake, and discharge side of rad.: kpa (in. h 2 0) 0,200 (0.8) water pump capacity: l/min (gpm) 667 (176) heat rejection to coolant: kw (btum) 310 (17,629) heat rejection to after cooler: kw (btum) 135 (7,677) heat radiated to ambient: kw (btum) 40 (2,275) engine coolant capacity: l (gal) 90 (24) coolant to cooler temperature: c (f) 95 (203) // air requirements ? aspirating: *m 3 /min (scfm) 51 (1799) air ? ow required for rad. cooled unit: *m 3 /min 1698 (59905) // exhaust system gas temp. (stack): c (f) 555 (1031) gas volume ? ow temp: m 3 /min (scfm) 138 (4869) maximum allowable back pressure: kpa 8,5 (34) application data // the engine-generator set complies to g3 // engine generator set tested according to iso 8528-5 for transient response // accepts rated load in one step as per nfpa 110 // all engine-generator sets are type and factory tested // mtu onsite energy is a single source supplier // global product support // cooling system (integral set-mounted; engine driven fan) // 12v2000 diesel engine (23,88 liter (1457 cu inch) displacement; 4-stroke) // engine-generator resiliently mounted // complete range of accessories // brushless, rotating ? eld generator (pmg excitation; 250% short circuit capability; 2/3 pitch stator windings) // complete system metering // lcd display standard features ? ? represents standard product only. consult factory/mtu onsite energy distributor for additional con? gurations. ? values in accordance with iso 3046-1. conversion calculated with fuel density of 0.83 g/ml. ? system ratings at 50c may differ. ? air density = 1.184 kg/m 3 (0.0739 lbm/ft 3 )
4 // / / 50 hz 770 kva subject to change. | 3236131 | edition 02/14 | enc 2014-07. mtu onsite energy a rolls-royce power systems brand www.mtuonsiteenergy.com weights and dimensions sound data // consult your local mtu onsite energy distributor for sound data. emissions data // consult your local mtu onsite energy distributor for emissions data. rating definitions and conditions // prime power ratings apply to installations where utility power is unavailable or unreliable. at varying load, the number of generator set operating hours is unlimited. a 10% overload capacity is available for one hour in twelve. ratings are in accordance with iso 8528-1, iso 3046-1, bs 5514 and as 2789. average load factor: 75%. // deration factor: altitude: consult your local mtu onsite energy distributor for altitude derations. temperature: consult your local mtu onsite energy distributor for temperature derations. system dimensions (l x w x h) weight (dry/less tank) open power unit (opu) 4242 x 1750 x 2072 mm (167 x 69 x 82 in) 5477 kg (12,075 lbs) materials and speci? cations subject to change without notice. weights and dimensions are based on open power units and are estimates only. consult the factory for accurate weights and dimen sions for your speci? c engine-generator set. drawing above for illustration purposes only, based an standard open power 400 volt engine-generator set. lengths may vary with other voltages. do not use for installation design. see website for unit speci? c template drawings.


▲Up To Search▲   

 
Price & Availability of MTU12V2000DS850

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X