Part Number Hot Search : 
STZ8160C TDA1574 4740A MT1210 120N1T CF601M 30N45T ML4869
Product Description
Full Text Search
 

To Download MTU12V2000DS825 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  diesel generator set mtu 12v2000 ds825 prime po wer : 750 kva 380v - 415v/50 hz/air charge air cooling p roduct h ighlights optional equipment and fnishing shown. standard may vary. // benefts - low fuel consumption - optimized system integration ability - high reliability and availability of power - long maintenance intervals - optimized ratio between size and power - w ide operating range without derating // mtu onsite energy is a single-source supplier // global product support // standards - engine-generator set is designed and manufactured in facilities certifed to standards iso 2008:9001 and iso 2004:14001 - generator set complies to g3 according to iso 8528 - generator meets nema mg1, bs5000, iso, din en and ie c standards - nfpa 110 // power rating - system rating: 750 kva - accepts rated load in one step per nfpa 110 - generator set complies to g3 according to iso 8528-5 - generator set exceeds load steps according to iso 8528-5 // performance assurance certifcation (pac) - engine-generator set tested to iso 8528-5 for transient response - 75% load factor for prime power applications - verifed product design, quality and performance integrity - all engine systems are prototype and factory tested // complete range of accessories available - c ontrol panel - c ircuit breaker/power distribution - fuel system - fuel connections with shut-off valve mounted to base frame - starting/charging system - exhaust system - mechanical radiator - c ontainer and c anopy // emissions - fuel consumption optimized - ta-luft, tier 2 compliant and nea (orde) optimization optionally available // certifcations - c e certifcation option - german grid c ode c ertifcation (bde w ) option
2 /// / mtu 12v2000 ds825 / 3b / 50 hz / 380v - 415v applic ation data ? // engine fuel consumption optimized emission optimized ? manufacturer mtu mtu model 12v2000g16f 12v2000g16f type 4-cycle 4-cycle arrangement 12v 12v displacement: l 26.8 26.8 bore: mm 135 135 stroke: mm 156 156 c ompression ratio 17.5 17.5 rated speed: rpm 1500 1500 engine governor adec adec speed regulation 0.25% 0.25% max power: kwm 665 665 mean effective pressure: bar 19.9 19.9 air cleaner dry dry // fuel system maximum fuel lift: m 5 5 total fuel fow: l/min 30 30 // fuel consumption ? at 100% of power rating: l/hr 152.2 158.6 at 75% of power rating: l/hr 116.6 122.0 at 50% of power rating: l/hr 82.1 85.3 // lube oil system total oil system capacity: l 80 80 max. lube oil temperature (alarm): c 103 103 max. lube oil temperature (shutdown): c 105 105 min. lube oil pressure (alarm): bar 4.5 4.5 min. lube oil pressure (shutdown): bar 4 4 // combustion air requirements c ombustion air volume: m 3 /s 0.74 0.81 max. air intake restriction: mbar 40 40 ? all data refers only to the engine and is based on iso standard conditions (25 c and 100m above sea level). ? emission optimized data refer to ta-luft optimized and nea (orde) optimized/tier 2 compliant engines. ? values referenced are in accordance with iso 3046-1. c onversion calculated with fuel density of 0.83 g/ml. all fuel consumption values refer to rated engine power.
3 /// / mtu 12v2000 ds825 / 3b / 50 hz / 380v - 415v applic ation data ? // cooling/radiator system fuel consumption optimized emission optimized ? c oolant fow rate (ht circuit): m 3 /h 31.6 31.6 heat rejection to coolant: k w 280 280 heat rejection to charge air: k w 105 130 heat radiated to ambient: kw 35 35 fan power for mech. radiator (40 c): kwm 34 34 fan power for mech. radiator (50 c): kwm 51.1 51.1 air fow required for mech. radiator (40 c ) cooled unit: m 3 /min 969 969 air fow required for mech. radiator (50 c ) cooled unit: m 3 /min 1328 1328 engine coolant capacity (without cooling equipment): l 63 63 radiator coolant capacity (40 c): l 59 59 radiator coolant capacity (50 c): l 140 140 max. coolant temperature (warning): c 102 102 max. coolant temperature (shutdown): c 105 105 // exhaust system exhaust gas temp. (after turbocharger): c 550 535 exhaust gas volume: m 3 /s 2.05 2.2 maximum allowable back pressure: mbar 50 50 minimum allowable back pressure: mbar 30 30 // generator protection class ip23 ip23 insulation class h h voltage regulation (steady state) 0.25% 0.25% rado interference class n n ? all data refers only to the engine and is based on iso standard conditions (25 c and 100m above sea level). ? emission optimized data refer to ta-luft optimized and nea (orde) optimized/tier 2 compliant engines.
4 /// / mtu 12v2000 ds825 / 3b / 50 hz / 380v - 415v s tandard and o ptional f eatures // system ratings (kw/kva) generator model voltage with mechanical radiator kwel kva* amps basic: marathon 575rsl7180 380 v 600 750 1140 advanced: marathon 575rsl7181 400 v 600 750 1083 (low voltage marathon standard) 415 v 600 750 1043 basic: marathon 740rsl7182 380 v 600 750 1140 advanced: marathon 740rsl7183 400 v 600 750 1083 (low voltage marathon oversized) 415 v 600 750 1043 leroy somer lsa 49.1 l11 380 v 600 750 1140 (low voltage leroy somer) 400 v 600 750 1083 415 v 600 750 1043 leroy somer lsa 50.2 m6 380 v 600 750 1140 (low voltage leroy somer oversized) 400 v 600 750 1083 415 v 600 750 1043 * cos phi = 0,8 // engine 4-c ycle standard single stage air flter oil drain extension & shut-off valve full flow oil filters c losed crankcase ventilation adec electronic isochronous engine governor c ommon rail fuel injection dry exhaust manifold electric starting motor (24v) fuel consumption optimized engine ? ta-luft optimized engine ? tier 2 optimized engine ? nea (orde) optimized engine // generator nema mg1, bs5000, iso, din en and ie c standards self-ventilated superior voltage waveform solid state, volts-per-hertz regulator ingress protection ip 23 3 phase voltage sensing 3% maximum harmonic content 2/3 pitch stator windings no load to full load regulation 0.25% voltage regulation no load to full load brushless alternator with brushless pilot exciter 4 pole, rotating feld sustained short circuit current of up to 300% of the rated prime power/ c ontinuous power current for up to 10 seconds (marathon generators) ? sustained short circuit current of up to 300% of the rated current for up to 10 seconds (leroy somer generators) marathon low voltage generator ? leroy somer generator ? oversized generator represents standard features ? represents optional features
5 /// / mtu 12v2000 ds825 / 3b / 50 hz / 380v - 415v // control panel pre-wired control cabinet for easy application of customized controller (v1+) ? island operation (v2) ? automatic mains failure operation with ats (v3a) ? automatic mains failure operation incl. control of generator and mains breaker (v3b) ? island parallel operation of multiple gensets (v4) ? automatic mains failure operation with short (< 10s) mains parallel overlap synchronization (v5) ? mains parallel operation of a single genset (v6) ? mains parallel operation of multiple gensets (v7) ? basler controller ? deif controller c omplete system metering digital metering engine parameters generator protection functions engine protection sae j1939 engine e cu communications parametrization software multilingual capability multiple programmable contact inputs multiple contact outputs event recording ip 54 front panel rating with integrated gasket ? different expansion modules ? remote annunciator ? daytank control ? generator winding temperature monitoring ? generator bearing temperature monitoring ? differential protection with multi-function protection relay ? modbus rtu-t c p gateway // circuit breaker/power distribution ? 3-pole circuit breaker ? 4-pole circuit breaker ? manual-actuated circuit breaker ? electrical-actuated circuit breaker ? base frame mounted circuit breaker ? stand-alone circuit breaker in separate switch box // fuel system flexible fuel connectors mounted to base frame ? fuel filter with water separator ? switchable fuel filter with water separator ? fuel cooler represents standard features ? represents optional features s tandard and o ptional f eatures, c ontinuation // cooling system jacket water pump thermostat(s) air charge air cooling mechanical radiator ? jacket water heater
6 /// / mtu 12v2000 ds825 / 3b / 50 hz / 380v - 415v represents standard features ? represents optional features s tandard and o ptional f eatures, c ontinuation // exhaust system ? exhaust bellows with connection flange ? exhaust silencer with 10 db(a) sound attenuation ? exhaust silencer with 30 db(a) sound attenuation ? exhaust silencer with 40 db(a) sound attenuation ? y-connection-pipe // mounting system w elded base frame resilient engine and generator mounting modular base frame design // enclosures and containers ? c anopy ? 20 foot container // starting/charging system 24v starter ? starter batteries ? battery charger ? redundant starter
7 /// / mtu 12v2000 ds825 / 3b / 50 hz / 380v - 415v subject to change. | 3239521 | edition 01/15 | enc 2015-04. mtu onsite energy a rolls-royce power systems brand www.mtuonsiteenergy.com weights and dimensions sound data // c onsult your local mtu onsite energy distributor for sound data. emissions data // c onsult your local mtu onsite energy distributor for emissions data. r ating definitions and c onditions // prime power ratings apply to installations where utility power is unavailable or unreliable. at varying load, the number of generator set operating hours is unlimited. a 10% overload capacity is available for one hour in twelve. ratings are in accordance with iso 8528-1, iso 3046-1, bs 5514 and as 2789. average load factor: 75%. operating hours/year: unlimited // deration factor: altitude: c onsult your local mtu onsite energy power generation distributor for altitude derations. temperature: c onsult your local mtu onsite energy power generation distributor for temperature derations. rated power is available up to 40 c and 400m above sea level. system dimensions (l x w x h) weight (dry/less tank) open power unit (opu) 4440 x 1910 x 2190 mm 6260 kg materials and specifcations subject to change without notice. w eights and dimensions are based on open power units and are estimates only. c onsult the factory for accurate weights and dimensions for your specifc engine-generator set. drawing above for illustration purposes only, based an standard open power 400 volt engine-generator set. lengths may vary with other voltages. do not use for installation design. see website for unit specifc template drawings.


▲Up To Search▲   

 
Price & Availability of MTU12V2000DS825

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X