Part Number Hot Search : 
2SC36692 FLM10 53100 1084104 5502I B1101UC4 SA5753 84C840
Product Description
Full Text Search
 

To Download MAX8840EYT27TG65 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  19-0629; rev 1; 1/07 max8840/max8841/ max8842 ultra-low-noise, high psrr, low-dropout, 150ma linear regulators in dfn for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim? website at www.maximintegrated.com. general description the max8840/max8841/max8842 ultra-low-noise, low-dropout (ldo) linear regulators are designed to deliver up to 150ma continuous output current. these regula- tors achieve a low 120mv dropout for 120ma load cur- rent. the max8840 uses an advanced architecture to achieve ultra-low output voltage noise of 11? rms and psrr of 54db at 100khz.the max8841 does not require a bypass capacitor, hence achieving the smallest pc board area. the max8842 output voltage can be adjusted with an exter- nal divider. the max8840/max8841 are preset to a variety of volt- ages in the 1.5v to 4.5v range. designed with a p-channel mosfet series pass transistor, the max8840/max8841/ max8842 maintain very low ground current (40?). the regulators are designed and optimized to work withlow-value, low-cost ceramic capacitors. the max8840 requires only 1? (typ) of output capacitance for stability with any load. when disabled, current consumption drops to below 1?. the max8840/max8841/max8842 are available in a tiny 1.0mm x 1.5mm x 0.8mm ?fn. applications cellular and cordless phonespda and palmtop computers base stations bluetooth portable radios and accessories wireless lans digital cameras personal stereos portable and battery-powered equipment features ? space-saving 1.0mm x 1.5mm x 0.8mm ?fn ? 11? rms output noise at 100hz to 100khz bandwidth (max8840) ? 78db psrr at 1khz (max8840) ? 120mv dropout at 120ma load ? stable with 1? ceramic capacitor for any load ? guaranteed 150ma output ? only need input and output capacitors (max8841) ? output voltages: 1.5v, 1.8v, 2.5v, 2.6v, 2.7v, 2.8v,2.85v, 3v, 3.3v, 4.5v (max8840/max8841) and adjustable (max8842) ? low 40? ground current ? excellent load/line transient ? overcurrent and thermal protection dfn (1.5mm x 1.0mm) top view gnd bp (max8840) n.c. (max8841) fb (max8842) shdn 12 3 64 out 5 n.c. in max8840 max8841 max8842 pin configuration ordering information max8840 output preset 1.5v to 4.5v in input 2v to 6v off shdn c bp 10nf c out 1 f c in 1 f out on bp gnd typical operating circuits * xy is the output voltage code (see the output voltage selector guide). other versions between 1.5v and 4.5v are available in 100mv increments. contact factory for other versions. + denotes lead-free package. part* temp range pin-package max8840 eltxy+t -40? to +85? 6 ?fn-61.5mm x 1.0mm max8841 eltxy+t -40? to +85? 6 ?fn-61.5mm x 1.0mm max8842 elt+t -40? to +85? 6 ?fn-61.5mm x 1.0mm typical operating circuits continued at end of data sheet. output voltage selector guide appears at end of data sheet. downloaded from: http:///
max8840/max8841/max8842 ultra-low-noise, high psrr, low-dropout, 150ma linear regulators in dfn 2 maxim integrated absolute maximum ratings electrical characteristics(v in = v out + 0.5v, t a = -40? to +85?, unless otherwise noted. c in = 1?, c out = 1?, c bp = 10nf. typical values are at +25?; the max8842 is tested with 2.45v output, unless otherwise noted.) (note 1) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. in to gnd .................................................................-0.3v to +7v output short-circuit duration ............................................infinite out, shdn to gnd ......................................-0.3v to (in + 0.3v) fb, bp, n.c. to gnd..................................-0.3v to (out + 0.3v) continuous power dissipation (t a = +70?) 6-pin ?fn (derate 2.1mw/? above +70?) .............0.168w ja ..................................................................................477?/w operating temperature range ...........................-40? to +85? junction temperature ......................................................+150? storage temperature range .............................-65 c to +150? lead temperature (soldering, 10s) .................................+300? parameter symbol conditions min typ max units input voltage range v in 26 v i out = 1ma, t a = +25? -1 +1 i out = 100? to 80ma, t a = +25? -2 +2 output voltage accuracy i out = 100? to 80ma -3 +3 % maximum output current i out 150 ma current limit i lim out = 90% of nominal value 150 200 300 ma v out 3v, i out = 80ma 80 170 v out 3v, i out = 120ma 120 2.5v v out < 3v, i out = 80ma 90 200 2.5v v out < 3v, i out = 120ma 135 2v v out < 2.5v, i out = 80ma 120 250 dropout voltage (note 2) 2v v out < 2.5v, i out = 120ma 180 mv i out = 0.05ma 40 90 ground current i q v in = v out(nom) - 0.1v, i out = 0ma 220 500 ? line regulation v lnr v in = (v out + 0.5v) to 6v, i out = 0.1ma 0.001 %/v load regulation v ldr i out = 1ma to 80ma 0.003 %/ma t a = +25? 0.003 1 shutdown supply current i shdn shdn = 0v t a = +85? 0.05 ? max8840 78 f = 1khz, i out = 10ma max8841/max8842 72 max8840 75 f = 10khz, i out = 10ma max8841/max8842 65 max8840 54 ripple rejection psrr f = 100khz, i out = 10ma max8841/ max8842 46 db downloaded from: http:///
max8840/max8841/max8842 ultra-low-noise, high psrr, low-dropout, 150ma linear regulators in dfn 3 maxim integrated electrical characteristics (continued)(v in = v out + 0.5v, t a = -40? to +85?, unless otherwise noted. c in = 1?, c out = 1?, c bp = 10nf. typical values are at +25?; the max8842 is tested with 2.45v output, unless otherwise noted.) (note 1) note 1: limits are 100% tested at +25?. limits over operating temperature range are guaranteed by design. note 2: dropout is defined as v in - v out when v out is 100mv below the value of v out for v in = v out + 0.5v. note 3: time needed for v out to reach 90% of final value. parameter symbol conditions min typ max units max8840 11 f = 100hz to 100khz,i load = 10ma max8841/max8842 230 max8840 13 output noise voltage(rms) f = 100hz to 100khz,i load = 80ma max8841/max8842 230 ? shutdown exit delay r load = 50 (note 3) 300 ? shdn logic-low level v in = 2v to 6v 0.4 v shdn logic-high level v in = 2v to 6v 1.5 v t a = +25? shdn input bias current v in = 6v, shdn = 0v or 6v t a = +85? 0.01 ? t a = +25? 0.006 0.1 fb input bias current(max8842) v in = 6v, v fb = 1.3v t a = +85? 0.01 ? thermal shutdown 160 ? thermal-shutdownhysteresis 10 ? typical operating characteristics (v in = v out + 0.5v, c in = 1?, c out = 1?, c bp = 10nf, t a = +25?, unless otherwise noted.) max8840 output voltage vs. input voltage max8840 toc01 input voltage (v) output voltage (v) 5 4 3 2 1 0.5 1.0 1.5 2.0 2.5 3.0 3.50.0 06 i out = 150ma i out = 0ma max8840 output voltage accuracy vs. load current max8840 toc02 load current (ma) % deviation (%) 125 100 75 50 25 -0.4 -0.2 0 0.2 0.4 0.6 -0.6 0 150 max8840 output voltage accuracy vs. temperature max8840 toc03 temperature ( c) % deviation (%) 60 35 10 -15 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1.0 -1.0 -40 85 i out = 1ma downloaded from: http:///
max8840/max8841/max8842 ultra-low-noise, high psrr, low-dropout, 150ma linear regulators in dfn 4 maxim integrated typical operating characteristics (continued) (v in = v out + 0.5v, c in = 1?, c out = 1?, c bp = 10nf, t a = +25?, unless otherwise noted.) max8440 dropout voltage vs. load current max8840 toc04 input voltage (v) dropout voltage (mv) 125 100 75 50 25 4020 8060 120100 160140 200180 0 01 5 0 t a = +85 c t a = +25 c t a = -40 c max8840 dropout voltage vs. output voltage max8840 toc05 output (v) dropout voltage (mv) 3.0 2.8 2.6 2.4 2.2 50 100 150 200 250 0 2.0 3.2 i out = 80ma max8840 ground pin current vs. input voltage max8840 toc06 input voltage (v) ground pin current ( a) 4 3 2 1 150 200 50 100 250 300 350 0 05 i load = 150ma i load = 0ma max8840 ground pin current vs. load current max8840 toc 07 load current (ma) ground pin current ( a) 125 100 75 50 25 100 50 150 200 250 300 350 0 01 5 0 v in = 3.8v v in = 5.5v max8840 ground pin current vs. temperature max8840 toc08 temperature ( c) ground pin current ( a) 60 35 10 -15 35 40 45 5030 -40 85 max8840 power-supply rejection ratio vs. frequency max8840 toc09 frequency (khz) psrr (db) 1 10 100 0.1 40 50 6010 20 30 70 80 90 0 0.01 1000 i load = 10ma c bp = 10nf max8841 power-supply rejection ratio vs. frequency max8840 toc10 frequency (khz) psrr (db) 0.1 1 10 100 40 50 6010 20 30 70 80 90 0 0.01 1000 i load = 10ma max8840 output noise max8840 toc11 400 s/div v in = 3.8v i load = 10ma v noise = 11 v rms 20 v/div max8840 output noise-spectral density vs. frequency max8840 toc12 frequency (khz) output noise density (nv/ hz ) 0.1 1 10 100 1000 100 10,000 10 0.01 1000 downloaded from: http:///
max8840/max8841/max8842 ultra-low-noise, high psrr, low-dropout, 150ma linear regulators in dfn 5 maxim integrated typical operating characteristics (continued) (v in = v out + 0.5v, c in = 1?, c out = 1?, c bp = 10nf, t a = +25?, unless otherwise noted.) max8840 output noise vs. bp capacitance max8840 toc13 bp capacitance (nf) output noise ( v) 10 5 10 15 20 25 0 11 0 0 max8840 load-transient response max8840 toc14 1ms/div v in = 3.5v i load = 0 to 50ma v out 10mv/div max8840 load-transient response near dropout max8840 toc15 1ms/div v in = 3.1v i load = 0 to 50ma v out 10mv/div max8840 line-transient response max8840 toc16 200 s/div v in = 3.5v to 4v v out 2mv/div max8840 exiting shutdown waveform max8840 toc17 20 s/div v out = 2.85v r load = 47 outputvoltage 2v/div shutdownvoltage max8840 entering shutdown delay max8840 toc18 40 s/div c bp = 0.01 f outputvoltage 2v/div shutdown voltage max8840 shutdown exit delay max8840 toc19 20 s/div shutdown voltage v out 1v/div v out = 3v c bp = 100nf max8840 region of stable c out esr vs. load current max8840 toc20 load current (ma) c out esr ( ) 100 75 50 25 0.1 1 10 100 0.01 0 150 125 downloaded from: http:///
max8840/max8841/max8842 ultra-low-noise, high psrr, low-dropout, 150ma linear regulators in dfn 6 maxim integrated detailed description the max8840/max8841/max8842 are ultra-low-noise,low-dropout, low-quiescent current linear regulators designed for space-restricted applications. the parts are available with preset output voltages ranging from 1.5v to 4.5v. these devices can supply loads up to 150ma. as shown in the functional diagram , the max8840/max8841 consist of an innovative bandgapcore and noise bypass circuit, error amplifier, p-chan- nel pass transistor, and internal feedback voltage- divider. the max8842 allows for adjustable output with an external feedback network. the 1.225v bandgap reference is connected to the error amplifier? inverting input. the error amplifier com- pares this reference with the feedback voltage and amplifies the difference. if the feedback voltage is lower than the reference voltage, the pass-transistor gate is pulled low. this allows more current to pass to the output and increases the output voltage. if the feed- back voltage is too high, the pass transistor gate ispulled high, allowing less current to pass to the output. the output voltage is fed back through an internal resis- tor voltage-divider connected to the out pin. an external bypass capacitor connected to bp (max8840) reduces noise at the output. additional blocks include a current limiter, thermal sensor, and shutdown logic. internal p-channel pass transistor the max8840/max8841/max8842 feature a 1 (typ) p-channel mosfet pass transistor. this provides seve-ral advantages over similar designs using a pnp pass transistor, including longer battery life. the p-channel mosfet requires no base drive, which considerably reduces quiescent current. pnp-based regulators wasteconsiderable current in dropout when the pass transis- tor saturates. they also use high base-drive current under heavy loads. the max8840/max8841/max8842 do not suffer from these problems and consume only40? of quiescent current in light load and 220? in dropout (see the typical operating characteristics ). output voltage selection the max8840/max8841 are supplied with factory-setoutput voltages from 1.5v to 4.5v, in 100mv increments (see the ordering information ). the max8842 features a user-adjustable output through an external feedbacknetwork (see the typical operating circuits ). to set the output of the max8842, use the followingequation: where r2 is chosen to be less than 240k and v ref = 1.225v. use 1% or better resistors. shutdown the max8840/max8841/max8842 feature a low-powershutdown mode that reduces quiescent current less than 1?. driving shdn low disables the voltage refer- ence, error amplifier, gate-drive circuitry, and passtransistor (see the functional diagram ), and the device output enters a high-impedance state. connect shdn to in for normal operation. current limit the max8840/max8841/max8842 include a currentlimiter, which monitors and controls the pass transis- tor? gate voltage, limiting the output current to 200ma. rrx v v out ref 12 1 = ? ? ? ? ? ? - pin description pin max8840 max8841 max8842 name function 1 1 1 in unregulated input supply 2 2 2 gnd ground 333 shdn shutdown. pull low to disable the regulator. 4b p noise bypass for low-noise operation. connect a 10nf capacitorfrom bp to out. it is shorted to out in shutdown mode. 4 fb adjustable output feedback point 5 4, 5 5 n.c. no connection. not internally connected. 666o u t regulated output voltage. bypass with a capacitor to gnd. see the capacitor selection and regulator stability section. downloaded from: http:///
max8840/max8841/max8842 ultra-low-noise, high psrr, low-dropout, 150ma linear regulators in dfn 7 maxim integrated for design purposes, consider the current limit to be150ma (min) to 300ma (max). the output can be shorted to ground for an indefinite amount of time without dam- aging the part. thermal-overload protection thermal-overload protection limits total power dissipationin the max8840/max8841/max8842. when the junction temperature exceeds t j = +160?, the thermal sensor signals the shutdown logic, turning off the pass transistorand allowing the ic to cool down. the thermal sensor turns the pass transistor on again after the ic? junction temperature drops by 10?, resulting in a pulsed output during continuous thermal-overload conditions. thermal-overload protection is designed to protect the max8840/max8841/max8842 in the event of a fault condition. for continual operation, do not exceed the absolute maximum junction temperature rating of t j = +150?. operating region and power dissipation the max8840/max8841/max8842 maximum powerdissipation depends on the thermal resistance of the case and circuit board, the temperature difference between the die junction and ambient, and the rate of airflow. the power dissipation across the device is: p = i out (v in - v out ) the maximum power dissipation is: p max = (t j - t a ) / ( jc + ca ) where t j - t a is the temperature difference between the max8840/max8841/max8842 die junction and thesurrounding air, jc is the thermal resistance of the package, and ca is the thermal resistance through the pc board, copper traces, and other materials to thesurrounding air. the gnd pin of the max8840/max8841/max8842 per- forms the dual function of providing an electrical con- nection to ground and channeling heat away. connect the gnd pin to ground using a large pad or ground plane. noise reduction for the max8840, an external 0.01? bypass capacitorbetween bp and out with an innovative noise bypass scheme reduces output noises dramatically, exhibiting 11? rms of output voltage noise with c bp = 0.01? and c out = 1?. startup time is minimized by a power- on circuit that precharges the bypass capacitor. applications information capacitor selection and regulator stability use a 1? capacitor on the max8840/max8841/max8842 input and a 1? capacitor on the output. larger input capacitor values and lower esrs provide better noise rejection and line-transient response. reduce output noise and improve load-transient response, stability, and power-supply rejection by using large output capacitors. note that some ceramic dielectrics exhibit large capacitance and esr variation with temperature. with dielectrics such as z5u and y5v, it may be necessary to use a 2.2? or larger output capacitor to ensure stability at temperatures below -10?. with x7r or x5r dielectrics, 1? is sufficient at all operating temperatures. a graph of the region of stable c out esr vs. load current is shown in the typical operating characteristics . use a 0.01? bypass capacitor at bp (max8840) forlow-output voltage noise. the leakage current going into the bp pin should be less than 10na. increasing the capacitance slightly decreases the output noise. values above 0.1? and below 0.001? are not recommended. noise, psrr, and transient response the max8840/max8841/max8842 are designed todeliver ultra-low noise and high psrr, as well as low dropout and low quiescent currents in battery-powered systems. the max8840 power-supply rejection is 78db at 1khz and 54db at 100khz. the max8841/max8842 psrr is 72db at 1khz and 46db at 100khz (see the power-supply rejection ratio vs. frequency graph in the typical operating characteristics) . when operating from sources other than batteries,improved supply-noise rejection and transient response can be achieved by increasing the values of the input and output bypass capacitors, and through passive fil- tering techniques. the typical operating characteristics show the max8840/max8841/max8842 line- and load- transient responses. dropout voltage a regulator? minimum dropout voltage determines thelowest usable supply voltage. in battery-powered sys- tems, this determines the useful end-of-life battery volt- age. because the max8840/max8841/max8842 use a p-channel mosfet pass transistor, their dropout voltageis a function of drain-to-source on-resistance (r ds(on) ) multiplied by the load current (see the typical ope- rating characteristics ). downloaded from: http:///
max8840/max8841/max8842 ultra-low-noise, high psrr, low-dropout, 150ma linear regulators in dfn 8 maxim integrated p outfb*** *max8840 only **max8840/max8841 only ***max8842 only ** ** bp* max8840 max8841 max8842 error amp in shdn gnd shutdown and power-on control thermal sensor mos driver with i limit 1.225v reference and noise bypass functional diagram downloaded from: http:///
max8840/max8841/max8842 ultra-low-noise, high psrr, low-dropout, 150ma linear regulators in dfn 9 maxim integrated revision history pages changed at rev 1: 1 chip information transistor count: 284process: bicmos max8841 output preset 1.5v to 4.5v in input 2v to 6v off shdn c out 1 f c in 1 f out on gnd typical operating circuits (continued) output voltage selector guide part v out (v) topmark max8840elt16+t 1.6 mn max8840elt18+t 1.8 mo max8840elt19+t 1.9 lx max8840elt25+t 2.5 mp max8840elt26+t 2.6 mk max8840elt27+t 2.7 lu max8840elt28+t 2.8 lv max8840elt29+t 2.85 lw max8840elt30+t 3 lz max8840elt31+t 3.1 ml max8840elt33+t 3.3 mm max8841elt15+t 1.5 mq max8841elt18+t 1.8 mr max8841elt25+t 2.5 ms max8841elt26+t 2.6 mt max8841elt28+t 2.8 mu max8841elt29+t 2.85 mv max8841elt89+t 2.9 mw max8841elt31+t 3.1 mx max8841elt33+t 3.3 my max8841elt45+t 4.5 mz max8842elt+t adjustable na max8842 output adjustable 1.5v to 4.5v in input 2v to 6v off shdn r1r2 c out 1 f c in 1 f out on fb gnd ( note: standard output voltage options, shown in bold , are available. contact the factory for other output voltages between 1.5v and 4.5v. minimum order quantity is 15,000 units.) downloaded from: http:///
max8840/max8841/max8842 ultra-low-noise, high psrr, low-dropout, 150ma linear regulators in dfn 10 maxim integrated l top view d e side view a1 a a 0.65 common dimensions pin 10.075x45 bottom view l1 32 min. 1 e 6 5 b 4 section a-a b l2 a a nom. 0.72 0.80 max. 0.00 a1 0.05 1.50 1.45 d 1.55 1.00 0.95 e 1.05 0.35 0.30 l 0.40 -- 0.00 l1 0.08 -- 0.05 l2 0.10 0.20 0.17 b 0.23 0.50 bsc. e aa topmark 2 1 -drawing not to scale- document control no. approval title: rev. package outline, 6l udfn, 1.5x1.0x0.8mm 21-0147 2 1 e 3 pin 1 mark 4 5 l611-1, l611-2 pkg.code -- -- a2 0.20 -- a2 6l udfn.eps package information for the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages . note that a ?? ?? or ??in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to thepackage regardless of rohs status. downloaded from: http:///
maxim integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim integrated product. no circuit patent licenses are implied. maxim integrated reserves the right to change the circuitry and specifications without notice at any time. the parametric values (min and max limits) shown in the electrical characteristics table are guaranteed. other parametric values quoted in this data sheet are provided for guidance. maxim integrated 160 rio robles, san jose, ca 95134 usa 1-408-601-1000 ________________________________ 11 2007 maxim integrated products, inc. maxim integrated and the maxim integrated logo are trademarks of maxim integrated products, inc. max8840/max8841/max8842 ultra-low-noise, high psrr, low-dropout, 150ma linear regulators in dfn -drawing not to scale- document control no. approval title: rev. package outline, 6l udfn, 1.5x1.0x0.8mm 21-0147 2 2 e 2005 2006 2007 2008 2009 2010 2011 2012 2013 2014 calendar year legend: marked with bar blank space - no bar required 06-11 payweek 12-17 18-23 24-29 30-35 36-41 42-47 48-51 52-05 table 2 translation table for payweek binary coding table 1 translation table for calendar year code legend: marked with bar blank space - no bar required package information (continued) for the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages . note that a ?? ?? or ??in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of MAX8840EYT27TG65

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X