Part Number Hot Search : 
TBA120S ZMM5236 HV857 14901AF A6606 KSJ0V230 SSA1197 M100B
Product Description
Full Text Search
 

To Download KTA1658 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KTA1658 rev.f mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-220f ?? pnp ?? silicon pnp transistor in a to-220f plastic package.  ???, ktc4369  good linearity of h fe , complementary to ktc4369. ?? general purpose amplifier. pin1 base pin 2 collector pin 3 emitter ?? / h fe classifications & marking / descriptions / features ? / applications ? / equivalent circuit / pinning h fe classifications symbol o y h fe range 70 140 120 240 1 2 3
KTA1658 rev.f mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo -30 v collector to emitter voltage v ceo -30 v emitter to base voltage v ebo -5.0 v collector current - continuous i c -3.0 a base current i b -0.3 a collector power dissipation p c 2.0 w collector power dissipation p c (tc=25 ) 15 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to emitter breakdown v oltage v ceo i c =-10ma i b =0 -30 v collector cut-off current i cbo v cb =-20v i e =0 -1.0 a emitter cut-off current i ebo v eb =-5.0v i c =0 -1.0 a dc current gain h fe(1) v ce =-2.0v i c =-0.5a 70 240 h fe(2) v ce =-2.0v i c =-2.5a 25 collector to emitter saturation v oltage v ce(sat) i c =-2.0a i b =-0.2a -0.3 -0.8 v collector to emitter voltage v be v ce =-2.0v i c =-0.5a -0.75 -1.0 v transition frequency f t v ce =-2.0v i c =-0.5a 100 mhz collector output capacitance c ob v cb =-10v i e =0 f=1.0mhz 40 pf ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
KTA1658 rev.f mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
KTA1658 rev.f mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
KTA1658 rev.f mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br   ?? a1658  ??? o:?h fe ? ****  ???? note: br: company code. a1658: product type. o: h fe classifications symbol. ****: lot no. code, code change with lot no. a1658 **** br o
KTA1658 rev.f mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-220f 200 10 2,000 5 10,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm3) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-220f 50 20 1,000 5 5,000 53231.45.5 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of KTA1658

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X