Part Number Hot Search : 
133BG ISL6801 300018IV 16210 76561E3 S20RM6 EDZ20B PGT60107
Product Description
Full Text Search
 

To Download KTA1024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changjiang electronics technology co., ltd to-92l plastic-encapsulate transistors KTA1024 transistor (pnp) features z high voltage : v ceo =-150v. z low output capacitance : cob=5.0pf(max.). z high transition frequency : f t =120mhz (typ.). z complementary to ktc3206. maximum ratings (t a =25 unless otherwise noted) symbol parameter value unit v cbo collector-base voltage -150 v v ceo collector-emitter voltage -150 v v ebo emitter-base voltage -5 v i c collector current -continuous -50 ma p c collector power dissipation 1 w t j junction temperature 150 t stg storage temperature -55-150 electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions m in t yp m ax u nit collector-base breakdown voltage v (br)cbo i c =-10 a,i e =0 -150 v collector-emitter breakdown voltage v (br)ceo i c =-1ma,i b =0 -150 v emitter-base breakdown voltage v (br)ebo i e =-10 a,i c =0 -5 v collector cut-off current i cbo v cb =-150v,i e =0 -0.1 a emitter cut-off current i ebo v eb =-5v,i c =0 -0.1 a dc current gain h fe v ce =-5v,i c =-10ma 70 240 collector-emitter saturation voltage v ce(sat) i c =-10ma,i b =-1ma -0.8 v base -emitter voltage v be v ce =-5v,i c =-30ma -0.9 v transition frequency f t v ce =-30v,i c =-10ma 120 mhz collector output capacitance c ob v cb =-10v,i e =0,f=1mhz 4.0 5.0 pf classification of h fe rank o y range 70-140 120-240 to-92l 1. emitter 2. collector 3. base j c ( t www.cj-elec.com 1 a,jun,2014 www.cj-elec.com c,mar,2016 a,jun,2011
symbol dimensions in millimeters dimensions in inches min. max. min. max. a 3.750 4.050 0.148 0.159 a1 1.280 1.580 0.050 0.062 b 0.380 0.550 0.015 0.022 b1 0.620 0.780 0.024 0.031 c 0.350 0.450 0.014 0.018 d 4.750 5.050 0.187 0.199 d1 4.000 0.157 e 7.850 8.150 0.309 0.321 e 1.270 typ. 0.050 typ. e1 2.440 2.640 0.096 0.104 l 13.800 14.200 0.543 0.559 - 1.600 0.063 0.000 0.300 0.000 0.012 h www.cj-elec.com  2 c,mar,2016
www.cj-elec.com  3 c,mar,2016


▲Up To Search▲   

 
Price & Availability of KTA1024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X