Part Number Hot Search : 
107H30 CUSTOM TA114T D2415 2SC17 LM658 30SMD TK15210
Product Description
Full Text Search
 

To Download KBPC1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 single-phase bridge rectifier reverse voltage 50 to 1000 volts forward current 10.0 ampere features rating to 1000v prv surge overload rating to 175 amperes peak ideal for printed circuit board reliable low cost construction utilizing molded plastic technique results in inexpensive product lead solderable per mil-std-202 method 208 mounting: thru hole for # 6 screw mounting maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified , single phase, half wave, 60hz, resistive or inductive load. for capacitive load derate current by 20% parameter symbol kbpc 10005 kbpc 1001 kbpc 1002 kbpc 1004 kbpc 1006 kbpc 1008 kbpc 1010 unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rrm 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward and output current @ t a =50 i f av 10.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 175.0 a maximum instantaneous forward voltage at 5.0 a v f 1.0 v maximum reverse current @ t a =25 at rated dc blocking voltage @ t a =125 i r 5.0 0.5 ua ma operating junction temperature range t j -55 to +125 storage temperature range t stg -55 to +150 1- unit mounted on 8.7?8.7?0.24? thick (22220.6 cm) al. plate. 2- unit mounted on p.c.b at 0.375? (9.5mm) lead length with 0.47?0.47? (1212mm) copper pads. kbpc10005 thru kbpc1010 br-8 website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 dimensions in inches and (millimeters)
2 ratings and characteristic curves note: specifications are subject to change without notice. kbpc10005 thru kbpc1010 website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099


▲Up To Search▲   

 
Price & Availability of KBPC1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X